Part Number Hot Search : 
PT660 L4941BX D4812 PAC1284 F2060CE LB25RKG 220M06 SR2N7
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148W / BAV16W
SURFACE MOUNT FAST SWITCHING DIODE
Features

High Conductance Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose Switching Application C Plastic Material - UL Recognition Flammability Classification 94V-O E A
Dim A SOD-123 Min 3.6 2.5 1.4 0.5 -- 0.4 0.95 -- Max 3.9 2.8 1.8 0.7 0.2 -- 1.35 0.12

B
D
B C D E
Mechanical Data

H J
G
G H J

Case: SOD-123, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.01 grams (approx.)
@TA=25C unless otherwise specified Symbol VRM VRRM VRWM VR VR(RMS) IFM IO @ t = 1.0s @ t = 1.0s IFSM Pd R
JA
All Dimensions in mm
Maximum Ratings
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Value 100 75 53 300 150 2.0 1.0 410 315 -65 to +150
Unit V V V mA mA A mW K/W C
Tj, TSTG
Electrical Characteristics
Characteristic Forward Voltage Drop Peak Reverse Leakage Current
@TA=25C unless otherwise specified
Symbol @ IF = 10mA @ VR = 20V @ VR = 75V VFM IRM Cj trr
Value 1.0 25 5.0 2.0 4.0
Unit V nA A pF nS
Typical Junction Capacitance (VR = 0V DC, f = 1.0MHz) Reverse Recovery Time (Note 2)
Note: 1. Valid provided that terminals are kept at ambient temperature. 2. Measured with IF = IR = 10mA, IRR = 0.1 x IR, RL = 100 .
RATINGS AND CHARACTERISTIC CURVES
FIG.1- FORWARD CHARACTERISTICS
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1N4148W / BAV16W
1000
10,000
FIG.2- LEAKAGE CURRENT VS JUNCTION TEMPERATURE
100
IR, LEAKAGE CURRENT (nA)
1000
10
100
1.0
0.1
10
VR =20V
0.01
0
1
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
2
0
0
100
Tj, JUNCTION TEMPERATURE (OC)
200
FIG.3- ADMISSIBLE POWER DISSIPATION VS AMBIENT TEMPERATURE
mw 500
400
300 Pd 200
100 50 0 0 100 Tamb 200 OC


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X