Part Number Hot Search : 
AD524 30KPA85A R24D05 L780S20 M00000 CL3225 JST40 CL3225
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV16W/1N4148W
FAST SWITHING DIODES
SOD-123
1.80(.071) 1.40(.055) 1.65(.065) 1.55(.061)
FEATURES
Fast switching speed Surface mount package ideally suited for automatic insertion For general purpose switching applications High conductance
3.86(0.152) 3.56(0.145)
2.84(0.112) 2.54(0.100)
3.9(0.154) 3.7(0.146)
2.7(0.106) 2.6(0.102)
.71(0.028) .50(0.020) .15(.006) MAX 1.35(.053) .94(.037) .135(.005) .127(.004)
0.6(.023) 0.5(.020) 1.15(.045) 1.05(.041)
MECHANICAL DATA
.25(.010) MIN
Case: Molded plastic body Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Polarity: Polarity symbols marked on case Marking:T6, T4
Dimensions in millimeters and (inches)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum ratings and electrical characteristics, Single diode @TA=25C PARAMETER Peak repetitive peak reverse voltage Working peak DC Blocking voltage RMS Reverse voltage Forward continuous current Average rectified output current Peak forward current @=1.0us @=1.0s Power dissipation Thermal resistance junction to ambient Junction temperature Storage temperature Non-Repetitive peak reverse voltage Electrical ratings @TA=25C PARAMETER Froward voltage
SYMBOLS
Limits 75 53 300 150 2.0 1.0 400 315 125 -65 to +150 100 Min. Typ. Max. 0.715 0.855 1.0 1.25 1 25 2 4 Unit V V V V
UNITS V V mA mA A mW K/W C C V Conditions IF=1.0mA IF=10mA IF=50mA IF=150mA VR=75V VR=20V VR=0V,f=1.0MHz IF=IR=10mA Irr=0.1XIR,RL=100
VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RJA
Tj
TSTG VRM
SYMBOLS
Reverse current Capacitance between terminals Reverse recovery time
VF1 VF2 VF3 VF4 IR1 IR2 CT trr
uA nA pF ns
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES BAV16W/1N4148W
IF,INSTANTANEOUS FORWARD CURRENT(mA)
FIG. 1- FORWARD CHARACTERISTICS
1000 10,000
FIG. 2-LEAKAGE CURRENT VS JUNCTION TEMPERATURE
100
IR, LEAKAGE CURRENT(nA)
0 1 10
1000
10
100
1.0
10
0.1
0.01
1 0 100 200
VF INSTANTANEOUS FORWARD VOLTAGE.(V)
VR REVERSE VOLTAGE.(V)
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X