Part Number Hot Search : 
2SK240 RODUCTS MT8804AP NTS353 76650 IRFI630 D16801 10100C
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL SPECIFICATION
RECTRON
SMALL SIGNAL DIODE
VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
1N4148W
FEATURES
* * * * * * Compact surface mount with same foot print as mini-melf High Breakdown Voltage Fast Switching Speed 400mW Power Dissipation General Purpose Switching Applications High Conductance
SOD-123
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.01 gram
.110(2.800) .102(2.600) .067(1.700) .059(1.500)
.026(.650) .018(.450)
.152(3.850) .140(3.550)
.006(.150)
.003(.080)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.049(1.250) .041(1.050) .004(.100) .000(0.00)
REF .020(0.500)
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Non-Repetitive Peak Reverse Voltage Maximum Repetitive Peak Reverse Voltage Maximum Working Peak reverse Voltage Maximum DC Blocking Voltage Maximum RMS Voltage Maximum Forward Comtinuous Current Maximum Average Forward Rectified Current Non-Repetitive Peak Forward Surge Current Typical Reverse Recovery Time Typical Junction Capacitance Maximum Power Dissipation Typical Thermal Resistance Operating and Storage Temperature Range SYMBOL VRM VRRM VRWM VR VRMS IFM IO
@t=1.0uS @t=1.0S
1N4148W 100 75 53 300 150
2.0 1.0
UNITS Volts Volts Volts mAmps mAmps Amps nS pF mW
O
IFSM Trr CT PD R JA TJ, TSTG
4 2 400 315 -65 to + 150 1N4148W
0.715 0.855 1.0 25 25 1.0
C/W O C
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) SYMBOL CHARACTERISTICS Maximum Instantaneous Forward Voltage
@IF=1.0mA @IF=10mA @IF=50mA @IF=150mA @VR=20V @VR=75V
UNITS
Volts
VF
Maximum Instantaneous Reverse Current
.
IR
nAmps uAmps
2006-3
RATING AND CHARACTERISTICS CURVES ( 1N4148W )
IF, INSTANTANEOUS FORWARD CURRENT(mA)
500 PD, POWER DISSIPATION (mW) 400 300 200 100 0
1000 100 10 1.0
0.1 .01 0 1
VF, INSTANTANEOUS FORWARD VOLTAGE(V)
0
25
50
75
100
125
O
150
175
2
TA, AMBIENT TEMPERATURE( C)
FIG.1 FORWARD DERATING CURVE
10,000 IR, LEAKAGE CURRENT (nA)
FIG.2 FORWARD CHARACTERISTICS
1,000
100
10
1
0
100
TJ, JUNCTION TEMPERATURE( C)
O
180
FIG.3 LEAKAGE CURRENT VS. JUNCTION TEMPERATURE
RECTRON


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X