Part Number Hot Search : 
C0663A UB5305S SM80C15 ON0443 B1215 C1455 SP8782B HC257
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
1N4148W
Features
* * * * * Fast switching speed Surface Mount Package Ideally Suited for Automatic Insertion For general purpose switching applications High conductance Marking Code: T4
High Speed Switching Diode 200mW
SOD123
A B
Maximum Ratings
* * * * Case: SOD-123, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: Indicated by Cathode Band Weight: 0.01 grams (approx.)
C
E
Maximum Ratings @ 25C Unless Otherwise Specified
Reverse Voltage Peak Reverse Voltage Average Rectified Current
Peak Forward Surge Current t<1S
Power Dissipation Thermal Resistance Operation/Storage Temp. Range
VR VRM IF(AV) I FSM PD RJA Tj, TSTG
75 100 150 350 200 650 -55 to +150
V V mA mA mW /W C
H D
G
J
Electrical Characteristics @ 25C Unless Otherwise Specified
Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance Maximum Voltage Rise when Switching on (tested with 50mA pulse) Maximum Reverse Recovery Time Minimum Rectification Efficiency VF 1.0V IFM = 10mA; TJ = 25C* VR=20Volts TJ = 25C TJ = 150C VR=75V, TJ=25OC VF=VR=0V Tp=0.1us, rise time<30ns, fp=5 to 100kHz IF=10mA VR = 6V RL=100 f=100MHz, VRF=2.0V
DIM A B C D E G H J
IR
25nA 50A 5.0uA 4pF 2.5V
DIMENSIONS INCHES MM MIN MAX MIN MAX .140 .152 3.55 3.85 .100 .112 2.55 2.85 .055 .071 1.40 1.80 ----.053 ----1.35 .012 .031 0.30 .78 .006 ----0.15 --------.01 ----.25 ----.006 ----.15
SUGGESTED SOLDER PAD LAYOUT
0.093
NOTE
CJ Vfr
Trr
4nS 0.4
0.048"
0.036"
* Valid provided that terminals are kept at ambient temperature
www.cnelectr.com
1N4148W
www.cnelectr .com
1N4148W
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X