Part Number Hot Search : 
SKY65 ST7565V TM9725 5236B 2SC2826 320240 MC3520P CH2NDN
Product Description
Full Text Search
 

To Download 1N4100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4099...1N4135
SILICON PLANAR LOW NOISE ZENER DIODES
FEATURES
* Low noise * Low reverse leakage
Max. 1.9
Black Cathode Band Black Part No. Black "ST" Brand
Max. 0.5
Min. 27.5
XXX
ST
Max. 3.9
Min. 27.5
Glass Case DO-35 Dimensions in mm
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Power Dissipation Junction Temperature Storage Temperature Range
1)
Symbol Ptot Tj TS
Value 500
1)
Unit mW
O
200 - 65 to + 200
C C
O
Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics at Ta = 25 OC
Parameter Forward Voltage at IF = 200 mA
1)
Symbol VF
Max. 1.1
Unit V
Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/06/2007
1N4099...1N4135
Characteristics at Ta = 25 OC
Zener Voltage Range 3) Type Maximum Zener 2) Impedance Maximum Reverse Leakage Current Maximum Zener Current
1) lZT ZZT IR VR IZM VZnom V A A V mA 1N4099 6.8 250 200 10 5.17 56 1N4100 7.5 250 200 10 5.7 51 1N4101 8.2 250 200 1 6.24 46 1N4102 8.7 250 200 1 6.61 44 1N4103 9.1 250 200 1 6.92 42 1N4104 10 250 200 1 7.6 38 1N4105 11 250 200 0.05 8.44 35 1N4106 12 250 200 0.05 9.12 32 1N4107 13 250 200 0.05 9.87 29 1N4108 14 250 200 0.05 10.65 27 1N4109 15 250 100 0.05 11.4 25 1N4110 16 250 100 0.05 12.15 24 1N4111 17 250 100 0.05 12.92 22 1N4112 18 250 100 0.05 13.67 21 1N4113 19 250 150 0.05 14.44 20 1N4114 20 250 150 0.01 15.2 19 1N4115 22 250 150 0.01 16.72 17 1N4116 24 250 150 0.01 18.25 16 1N4117 25 250 150 0.01 19 15 1N4118 27 250 150 0.01 20.45 14 1N4119 28 250 200 0.01 21.28 14 1N4120 30 250 200 0.01 22.8 13 1N4121 33 250 200 0.01 25.08 12 1N4122 36 250 200 0.01 27.38 11 1N4123 39 250 200 0.01 29.65 9.8 1N4124 43 250 250 0.01 32.65 8.9 1N4125 47 250 250 0.01 35.75 8.1 1N4126 51 250 300 0.01 38.76 7.5 1N4127 56 250 300 0.01 42.6 6.7 1N4128 60 250 400 0.01 45.6 6.4 1N4129 62 250 500 0.01 47.1 6.1 1N4130 68 250 700 0.01 51.68 5.6 1N4131 75 250 700 0.01 57 5.1 1N4132 82 250 800 0.01 62.32 4.6 1N4133 87 250 1000 0.01 66.12 4.4 1N4134 91 250 1200 0.01 69.16 4.2 1N4135 100 250 1500 0.01 76 3.8 1) The type numbers shown above have a standard tolerance of 5% on the nominal Zener voltage. Also available in 2% and 1% tolerance, suffix C and D respectively. VZ is measured with the diode in thermal equilibrium in 25 OC still air. 2) Zener impedance is derived by superimposing on IZT, a 60 Hz rms a.c. current equal to 10% of IZT (25 A a.c.). 3) Tested with pulses tp = 20 ms.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/06/2007
1N4099...1N4135
Noise density, (N D) is specified in microvolts-rms per square-root-hertz. Actual measurement is performed using a 1KHz to 8KHz frequency bandpass filter at a constant Zener test current(I ZT) at 25 C ambient temperature. ND is calculated from the formula.
500
(-) POWER (+)
SUPPLY (LOW NOISE SOURCE) R LOAD
Power Dissipation: Ptot (mW)
BATTERY
SHIELDED TEST CIRCUIT
400
300
DC BLOCKING CAPACITOR
200
A
AMPLIFIER
100
FILTER fo=2KHz sp=1.3KHz TRUE RMS VOLT METER Vnoise
0 0 25 100 150 Ambient Temperature: Ta ( C)
O
200
Power Derating Curve
Capacitance vs. VZ Curve
200
Typical capacitance in picofarads
20 100 at zero volt
at -8 volts(VR) 20 10 0
40
80
120
160
200
Zener voltage
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/06/2007


▲Up To Search▲   

 
Price & Availability of 1N4100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X