Part Number Hot Search : 
B20NK 885026 SMCJ5660 8150BMAE TIP246D 4067N SMBJ33A GS9062
Product Description
Full Text Search
 

To Download 1821017-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REV. A
REVISION DESCRIPTION Deleted AWG Rating Next to P2 Pin Out
DATE 03-12-07
APPROVED DP
3050 80 1
2 1 34 5 678 9 876 5 43 1 2
4 3 2
P1
2 3 4 6.0 0.2 6.0 0.2
P2
1
FRONT
1394 4P/M MOLDING TYPE (TOOLING NO. G102-288)
1394 4P/M MOLDING TYPE (TOOLING NO. G102-288)
FRONT
TAPE
P1
120 20
11 10
PIN OUT
P2
GREEN RED BLUE ORANGE PAIR SPIRAL BRAID DRAIN 3 4 1 2 SHELL No. 1 1 2 3 4 SHELL 2 3 4 5 6 7 8 9 10 11 PARTS NAME 4P/M - CONTACT 4P/M - INSULATOR 4P/M - SHELL 1 4P/M - SHELL 2 SLIPCOVER COPPER FOIL 4P/M - INNER MOLD 4P/M - OUTER MOLD CABLE UL20276 MINI TIE POLYBAG Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20 Drawn / Date B. Grubb 01-25-07 Checked / Date 01-25-07 SPECIFICATION STANDARD PHOSPHOR BRONZE / GOLD PLATED PBT / BLACK UL94V-0 SHELL / NICKEL PLATED SHELL / NICKEL PLATED PBT / TRANSPARENT BOTH SIZES FOR SPECIAL ELECTRIC PE NATURAL 45P PVC / COLOR: BLACK KL02002ABK01B PE / BLACK PE / 0.08x160x180mm QTY REMARKS 8 2 2 2 2 2 2 2 1 2 1
NOTES: 1. CABLE: UL20276 30AWG IEEE1394 [30AWGx1P+FOIL+SP)x2+DW+FILLER+MYLAR+BD]x1 OUTER JACKET: BLACK, OD: 5.2 0.2 PRINTING: "E166307 AWM 20276 30AWG VW-1 IEEE AV 1394 COMPLIANT" 2. CONNECTORS: IEEE 1394 4P MALE TO IEEE 1394 4P MALE 3. HOOD: MOLDING TYPE. COLOR: BLACK 4. CABLE ELECTRICAL TEST: <1>.100% OPEN SHORT & MISS WIRE TEST <2>. INSULATION RESISTANCE: DC400V 10M ohm MIN. <3>. CONDUCTOR RESISTANCE: 3 ohm MAX. 5. PACKING: 1PC/POLYBAG
Qualtek Electronics Corp.
WCI DIVISION
Part Number: Description:
1821017-10
IEEE1394 4P/M - IEEE1394 4P/M
REV. A
Approved / Date JJH / 01-25-07


▲Up To Search▲   

 
Price & Availability of 1821017-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X