Part Number Hot Search : 
SBMJ160 11150 A5800876 LCE30AT AN5273 06MU06NU R2060 PCF8534
Product Description
Full Text Search
 

To Download 160004MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Fuses
NANO2(R) > 160 Fuse and Clip Series
160 Series Fuse and Clip Assembly
Description
Agency Approvals
AGENCY AGENCY FILE NUMBER E14721 AMPERE RANGE 0.5A - 5A
Features
Electrical Characteristics for Series
% of Ampere Rating Opening Time
Applications
Electrical Specifications by Item
Ampere Rating (A) Max Voltage Rating (V) Interrupting Rating Nominal Cold Resistance (Ohms) Nominal Melting I t (A2sec) Nominal Voltage Drop (mV) Agency Approvals
Amp Code
X X X X X X X X X X
Notes: 1. Cold resistance measured at less than 10% of rated current at 23C. 2. Agency Approval Table Key: X=Approved or Certified, P=Pending.
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/160.html for current information.
1 Revised: September 11, 2009
160 Series
160 Series
Surface Mount Fuses Introduction to Circuit Protection
Transientology NANO2(R) > 160 Fuse and Clip Series
Temperature Rerating Curve
Average Time Current Curves
.750A 1A 1.5A .500A 2A 2.5A 3A 3.5A 4A 5A
100
10
TIME IN SECONDS
1
0.1
0.01
0.001 0.1 1 10 100 1000
CURRENT IN AMPS
Soldering Parameters
Reflow Condition - Temperature Min (Ts(min)) Pre Heat - Temperature Max (Ts(max)) - Time (Min to Max) (ts) Average Ramp-up Rate (Liquidus Temp (TL) to peak) TS(max) to TL - Ramp-up Rate Reflow - Temperature (TL) (Liquidus) - Temperature (tL)
25
TP
Ramp-up
tP
Critical Zone TL to TP
Temperature
TL
TSmax
tL
TSmin
tS
Preheat
Ramp-down
t 25C to Peak
Time
Peak Temperature (TP) Time within 5C of actual peak Temperature (tp) Ramp-down Rate Time 25C to peak Temperature (TP) Do not exceed
160 Series
2
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/160.html for current information.
Surface Mount Fuses
NANO2(R) > 160 Fuse and Clip Series
Product Characteristics
Materials Product Marking Insulation Resistance (after Opening) Solderability Resistance to Soldering Heat Moisture Sensitivity Level Salt Spray Mechanical Shock Body: Cap: Operating Temperature Thermal Shock Vibration Moisture Resistance
Dimensions
10.90 [0.429] 10.10 [0.398] 3.12 [0.123]
Part Numbering System
160 01.5 M R
SERIES AMP Code QUANTITY Code PACKAGING Code
Example:
F L
1.70 [0.067] 3.00 [0.118]
1.5AT AC250V
4.80 [0.189] 3.50 [0.138] 3.12 [0.123]
4.80 [0.189]
4.90 [0.193]
4.80 [0.189] 4.00 [0.157]
"A"
.004
"B"
01.5
Recommended Pad Layout
4.40 [0.173]
3.88 [0.153]
4.30 [0.169]
13.00 [0.512]
Packaging
Form Factor Packaging Option Packaging Specification Quantity Quantity & Packaging Code
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/160.html for current information.
3
160 Series
160 Series
Introduction to Circuit Protection
Transientology
4
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 160004MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X