Part Number Hot Search : 
SI531 2N7002M NCP6334B BD175 AD889JS 74HCT04 VN410 C1206J
Product Description
Full Text Search
 

To Download 150-Z1-318-00-106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 110...105 / 114...117 / 150...106
Dual-in-line sockets and headers Open frame / surface mount
59
Specially designed for reflow soldering including vapor phase. Insertion characteristics: receptacle 4-finger standard New: Pin connectors with selective plated precision screw machined pin, plating code Z1. Connecting side 1: gold plated soldering/PCB side 2: tin plated Ordering information Replace xx with required plating code. Other platings on request Series 110-xx-xxx-41-105 and 150-xx-xxx-00-106 with gull wing terminals for maximum strength and easy in-circuit test Series 114-xx-xxx-41-117 with floating contacts compensate effects of unevenly dispensed solder paste
Platings 91 99 90 Z1
Sleeve 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 5 m Sn Pb
Pin
5 m Sn Pb 1: 0.25 m Au 2: 5 m Sn Pb Order Codes
No. of poles Fig. 1 10 4 6 8 10 14 16 18 20 22 24 28 22 24 28 32 24 28 32 36 40 42 48 110-xx-210-41-105 110-xx-304-41-105 110-xx-306-41-105 110-xx-308-41-105 110-xx-310-41-105 110-xx-314-41-105 110-xx-316-41-105 110-xx-318-41-105 110-xx-320-41-105 110-xx-322-41-105 110-xx-324-41-105 110-xx-328-41-105 110-xx-422-41-105 110-xx-424-41-105 110-xx-428-41-105 110-xx-432-41-105 110-xx-624-41-105 110-xx-628-41-105 110-xx-632-41-105 110-xx-636-41-105 110-xx-640-41-105 110-xx-642-41-105 110-xx-648-41-105 Fig. 2
Plating: see ordering information Fig. 3 150-xx-210-00-106 150-xx-304-00-106 150-xx-306-00-106 150-xx-308-00-106 150-xx-310-00-106 150-xx-314-00-106 150-xx-316-00-106 150-xx-318-00-106 150-xx-320-00-106 150-xx-322-00-106 150-xx-324-00-106 150-xx-328-00-106 150-xx-422-00-106 150-xx-424-00-106 150-xx-428-00-106 150-xx-432-00-106 150-xx-624-00-106 150-xx-628-00-106 150-xx-632-00-106 150-xx-636-00-106 150-xx-640-00-106 150-xx-642-00-106 150-xx-648-00-106
Insulator dimensions See page 50 Fig. 1 Fig. 2 Fig. 3 Fig. 4 Fig. 5 Fig. 6 Fig. 7 Fig. 8 Fig. 9 Fig. 10 Fig. 11 Fig. 12 Fig. 13 Fig. 14 Fig. 15 Fig. 16 Fig. 17 Fig. 18 Fig. 19 Fig. 20 Fig. 21 Fig. 22 Fig. 23 A 12.6 5.0 7.6 10.1 12.6 17.7 20.3 22.8 25.3 27.8 30.4 35.5 27.8 30.4 35.5 40.6 30.4 35.5 40.6 45.7 50.6 53.2 60.9 B 5.08 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 7.62 10.16 10.16 10.16 10.16 15.24 15.24 15.24 15.24 15.24 15.24 15.24 C 7.6 10.1 10.1 10.1 10.1 10.1 10.1 10.1 10.1 10.1 10.18 10.1 12.6 12.6 12.6 12.6 17.7 17.7 17.7 17.7 17.7 17.7 17.7
114-xx-210-41-117 114-xx-304-41-117 114-xx-306-41-117 114-xx-308-41-117 114-xx-310-41-117 114-xx-314-41-117 114-xx-316-41-117 114-xx-318-41-117 114-xx-320-41-117 114-xx-322-41-117 114-xx-324-41-117 114-xx-328-41-117 114-xx-422-41-117 114-xx-424-41-117 114-xx-428-41-117 114-xx-432-41-117 114-xx-624-41-117 114-xx-628-41-117 114-xx-632-41-117 114-xx-636-41-117 114-xx-640-41-117 114-xx-642-41-117 114-xx-648-41-117
For PCB Layout see page 60: Fig. 4 Series 110 / 150, Fig. 5 Series 114


▲Up To Search▲   

 
Price & Availability of 150-Z1-318-00-106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X