Part Number Hot Search : 
SXX18 HT46R4A 10240 00145 MC100ELT GP210 112RKI80 LM1640
Product Description
Full Text Search
 

To Download 10226-0210EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3MTM Mini D Ribbon (MDR) Connectors
.050 IDC Wiremount Panelmount Receptacle - Shielded 102 Series
* Wiper-on-wiper contact for reliable repetitive plugging * IEEE 1284C Interface as a 36 contact connector * Interface latch design for connection stability * Accepts a wide variety of cable constructions including flat, shielded flat and twisted pair cables * Contacts: 20, 26, 36, 40, 50 and 68 * RoHS* compliant
Date Modified: February 8, 2005
TS-0425-12 Sheet 1 of 2
Physical
Insulation
Material: Glass Reinforced Polyester (PBT) Flammability: UL 94V-0 Color: Black
Contact
Material: Beryllium Copper (C172) Plating Underplating: 80 (2.0 m) Nickel - QQ-N-290, Class 2 Wiping Area: 30 (0.76 m) Gold - MIL-G-45204, Type II, Grade C
Body
Material: Zinc Alloy Plating: Nickel
Shroud
Material: Steel Plating: Nickel Wire Accommodation: 28 AWG Stranded, 30 AWG Solid Marking: 3M Logo & Part Number
Electrical
Current Rating: 1 A Insulation Resistance: > 1 x 108 at 500 VDC Withstanding Voltage: 500 Vrms for 1 Minute
Environmental
Temperature Rating:
-20C to +85C
UL File No.: E68080
3M
*RoHS = Directive 2002/95/EC,Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3MTM Mini D Ribbon (MDR) Connectors
.050 IDC Wiremount Panelmount Receptacle - Shielded
Contact Quantity 20 26 36 40 50 68 Dimensions A .450 [ 11.43 ] .600 [ 15.24 ] .850 [ 21.59 ] .950 [ 24.13 ] 1.200 [ 30.48 ] 1.650 [ 41.91 ] B 1.081 [ 27.45 ] 1.231 [ 31.26 ] 1.481 [ 37.61 ] 1.581 [ 40.15 ] 1.831 [ 46.50 ] 2.281 [ 57.93 ] C 1.31 [ 33.4 ] 1.46 [ 37.2 ] 1.71 [ 43.5 ] 1.81 [ 46.1 ] 2.06 [ 52.4 ] 2.51 [ 63.8 ] D .65 [ 16.4 ] .80 [ 20.2 ] 1.05 [ 26.6 ] 1.15 [ 29.1 ] 1.40 [ 35.5 ] 1.85 [ 46.9 ] E .92 [ 23.4 ] 1.07 [ 27.2 ] 1.32 [ 33.5 ] 1.42 [ 36.1 ] 1.67 [ 42.4 ] 2.12 [ 53.8 ] F .71 [ 18.0 ] .86 [ 21.8 ] 1.11 [ 28.1 ] 1.21 [ 30.7 ] 1.46 [ 37.0 ] 1.91 [ 48.4 ] .19 [ 4.8 ] G .94 [ 23.8 ] 1.09 [ 27.6 ] 1.33 [ 33.9 ] 1.44 [ 36.5 ] 1.69 [ 42.8 ] 2.13 [ 54.2 ]
102 Series
.39 [ 10.0 ] .050 [ 1.27 ]
.22 [ 5.6 ] .20 [ 5.2 ] D .05 [ 1.3 ] E Position 2 Position 1 .05 [ 1.3 ]
M 2.5 (2x)
.18 [ 4.6 ] Last Position
Recommended Panel Cut-Out
.0
G .004 B .004 Note: Panel Thickness .079 [ 2.00 ] max.
R .060 [ 1.52 ]
Ordering Information
Application tools: 10951 Assembly Press and 10952 Cable Cutter.
3M
Interconnect Solutions http://www.3M.com/interconnects/
102XX F .13 [ 3.2 ] C .050 [ 1.27 ] A B 15 .319 [ 8.10 ]
.36 [ 9.1 ] .16 [ 4.0 ]
.19 [ 4.8 ]
Assembled View
.27 [ 6.9 ] .28 [ 7.2 ]
.36 [ 9.1 ] .25 [ 6.3 ]
Position
In c h [m m ] T o le ra n c e U n le s s N o te d .0 0 .0 0 0 in c h .1 .0 1 .0 0 5
[ ] D im e n s io n s fo r R e fe re n c e O n ly
102XX-0210EC
Contact Quantity (See Table) TS-0425-12 Sheet 2 of 2
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
Important Notice
All statements, technical information, and recommendations related to 3M's products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any statements related to the product which are not contained in 3M's current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability. This product will be free from defects in material and manufacture for a period of 1 year from the time of purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M's option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the legal theory asserted.
3
Electronic Solutions Division 6801 River Place Blvd. Austin, TX 78726-9000 www.3M.com/esd
Minimum 10% Post-consumer Fiber Printed in USA. (c) 3M 2005


▲Up To Search▲   

 
Price & Availability of 10226-0210EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X