Part Number Hot Search : 
VN0645 KA228 2SK115 VRE304L 1212E VN0645 TMP87 TKD23A
Product Description
Full Text Search
 

To Download 08056A101BA79A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C0G (NP0) Dielectric
General Specifications
C0G (NP0) is the most popular formulation of the "temperature-compensating," EIA Class I ceramic materials. Modern C0G (NP0) formulations contain neodymium, samarium and other rare earth oxides. C0G (NP0) ceramics offer one of the most stable capacitor dielectrics available. Capacitance change with temperature is 0 30ppm/C which is less than 0.3% C from -55C to +125C. Capacitance drift or hysteresis for C0G (NP0) ceramics is negligible at less than 0.05% versus up to 2% for films. Typical capacitance change with life is less than 0.1% for C0G (NP0), one-fifth that shown by most other dielectrics. C0G (NP0) formulations show no aging characteristics.
PART NUMBER (see page 2 for complete part number explanation)
0805
Size (L" x W")
5
Voltage 6.3V = 6 10V = Z 16V = Y 25V = 3 50V = 5 100V = 1 200V = 2 500V = 7
A
Dielectric C0G (NP0) = A
101
Capacitance Code (In pF) 2 Sig. Digits + Number of Zeros
J
Capacitance Tolerance .10 pF (<10pF) .25 pF (<10pF) .50 pF (<10pF) 1% ( 10 pF) 2% ( 10 pF) 5% 10%
A
Failure Rate A = Not Applicable
T
2
A
Special Code A = Std. Product
B C D F G J K
= = = = = = =
Terminations Packaging 2 = 7" Reel T = Plated Ni 4 = 13" Reel and Sn 7 = Gold Plated 7 = Bulk Cass. 9 = Bulk
Contact Contact Factory For Factory 1 = Pd/Ag Term For Multiples
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers. Contact factory for non-specified capacitance values.
Insulation Resistance (Ohm-Farads)
Temperature Coefficient
Typical Capacitance Change Envelope: 0 30 ppm/C
Capacitance vs. Frequency
+2
Insulation Resistance vs Temperature
10,000
Capacitance
Capacitance
+1 0 -1 -2
1,000
+0.5 0 -0.5
100
%
%
-55 -35 -15 +5 +25 +45 +65 +85 +105 +125
1KHz
10 KHz
100 KHz
1 MHz
10 MHz
0 0
20
40
60
80
100
Temperature C
Variation of Impedance with Cap Value Impedance vs. Frequency 0805 - C0G (NP0) 10 pF vs. 100 pF vs. 1000 pF
100,000
Frequency
Variation of Impedance with Chip Size Impedance vs. Frequency 1000 pF - C0G (NP0)
10 1206 0805 1812 1210 1.0
10.00
Temperature C
Variation of Impedance with Ceramic Formulation Impedance vs. Frequency 1000 pF - C0G (NP0) vs X7R 0805
X7R NPO
10,000
100 10.0 10 pF
Impedance,
1000
Impedance,
1,000
Impedance,
1.00
0.10
1.0 0.1 1 10 100 100 pF 1000 pF 1000
0.1 10
100
Frequency, MHz
0.01 10
100
1000
Frequency, MHz
Frequency, MHz
4
C0G (NP0) Dielectric
Specifications and Test Methods
Parameter/Test Operating Temperature Range Capacitance Q Insulation Resistance Dielectric Strength NP0 Specification Limits -55C to +125C Within specified tolerance <30 pF: Q 400+20 x Cap Value 30 pF: Q 1000 100,000M or 1000M - F, whichever is less No breakdown or visual defects Measuring Conditions Temperature Cycle Chamber Freq.: 1.0 MHz 10% for cap 1000 pF 1.0 kHz 10% for cap > 1000 pF Voltage: 1.0Vrms .2V Charge device with rated voltage for 60 5 secs @ room temp/humidity Charge device with 300% of rated voltage for 1-5 seconds, w/charge and discharge current limited to 50 mA (max) Note: Charge device with 150% of rated voltage for 500V devices. Deflection: 2mm Test Time: 30 seconds
1mm/sec
Resistance to Flexure Stresses
Appearance Capacitance Variation Q Insulation Resistance
No defects 5% or .5 pF, whichever is greater Meets Initial Values (As Above) Initial Value x 0.3 95% of each terminal should be covered with fresh solder No defects, <25% leaching of either end terminal 2.5% or .25 pF, whichever is greater Meets Initial Values (As Above) Meets Initial Values (As Above) Meets Initial Values (As Above) No visual defects 2.5% or .25 pF, whichever is greater Meets Initial Values (As Above) Meets Initial Values (As Above) Meets Initial Values (As Above) No visual defects 3.0% or .3 pF, whichever is greater 30 pF: 10 pF, <30 pF: <10 pF: Q 350 Q 275 +5C/2 Q 200 +10C
90 mm
Solderability Appearance Capacitance Variation Resistance to Solder Heat Q Insulation Resistance Dielectric Strength Appearance Capacitance Variation Q Insulation Resistance Dielectric Strength Appearance Capacitance Variation Q (C=Nominal Cap) Insulation Resistance Dielectric Strength Appearance Capacitance Variation Load Humidity Q Insulation Resistance Dielectric Strength
Dip device in eutectic solder at 230 5C for 5.0 0.5 seconds
Dip device in eutectic solder at 260C for 60 seconds. Store at room temperature for 24 2 hours before measuring electrical properties.
Step 1: -55C 2 Step 2: Room Temp Step 3: +125C 2 Step 4: Room Temp
30 3 minutes 3 minutes 30 3 minutes 3 minutes
Thermal Shock
Repeat for 5 cycles and measure after 24 hours at room temperature
Load Life
Charge device with twice rated voltage in test chamber set at 125C 2C for 1000 hours (+48, -0). Remove from test chamber and stabilize at room temperature for 24 hours before measuring.
Initial Value x 0.3 (See Above) Meets Initial Values (As Above) No visual defects 5.0% or .5 pF, whichever is greater 30 pF: 10 pF, <30 pF: <10 pF: Q 350 Q 275 +5C/2 Q 200 +10C
Store in a test chamber set at 85C 2C/ 85% 5% relative humidity for 1000 hours (+48, -0) with rated voltage applied. Remove from chamber and stabilize at room temperature for 24 2 hours before measuring.
Initial Value x 0.3 (See Above) Meets Initial Values (As Above)
5
C0G (NP0) Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
Soldering Packaging
(L) Length (W) Width (t) Terminal Cap (pF) mm (in.) mm (in.) mm (in.) WVDC 0.5 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.068 0.082 0.1 WVDC
0201
Reflow Only All Paper
0.60 0.03 (0.024 0.001) 0.30 0.03 (0.011 0.001) 0.15 0.05 (0.006 0.002) 25 50 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
0402
Reflow/Wave All Paper
1.00 0.10 (0.040 0.004) 0.50 0.10 (0.020 0.004) 0.25 0.15 (0.010 0.006) 25 C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C
0603
Reflow/Wave All Paper
1.60 0.15 (0.063 0.006) 0.81 0.15 (0.032 0.006) 0.35 0.15 (0.014 0.006) 25 50 G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G
0805
Reflow/Wave Paper/Embossed
2.01 0.20 (0.079 0.008) 1.25 0.20 (0.049 0.008) 0.50 0.25 (0.020 0.010) 50 100 J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J N N
1206
Reflow/Wave Paper/Embossed
3.20 0.20 (0.126 0.008) 1.60 0.20 (0.063 0.008) 0.50 0.25 (0.020 0.010) 50 100 200 J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J M J J Q J J Q J M Q M M M P M P M P M P M P M
16 C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C
50 C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C
16 G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G
100 G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G G
16 J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J
25 J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J
200 J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J M M M M M
Cap (F)
L
W T
16 J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J M M M
25 J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J J M M M
500 J J J J J J J J J J J J J J J J J J J J J J J J J J J J J M M M M M M P
t
25
50
16
25
50
16
25
50
100
16
25
50
100
200
16
25
50
100
200
500
SIZE
Letter Max. Thickness A 0.33 (0.013)
0201
C 0.56 (0.022) E 0.71 (0.028) PAPER
0402
G 0.90 (0.035) J 0.94 (0.037)
0603
K 1.02 (0.040) M 1.27 (0.050) N 1.40 (0.055)
0805
P Q 1.52 1.78 (0.060) (0.070) EMBOSSED X 2.29 (0.090) Y 2.54 (0.100)
1206
Z 2.79 (0.110)
6
C0G (NP0) Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
Soldering Packaging
(L) Length (W) Width (t) Terminal Cap (pF) mm (in.) mm (in.) mm (in.) WVDC 0.5 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.068 0.082 0.1 WVDC
1210
Reflow Only Paper/Embossed
3.20 0.20 (0.126 0.008) 2.50 0.20 (0.098 0.008) 0.50 0.25 (0.020 0.010) 50 100 200
1812
Reflow Only All Embossed
4.50 0.30 (0.177 0.012) 3.20 0.20 (0.126 0.008) 0.61 0.36 (0.024 0.014) 50 100 200
1825
Reflow Only All Embossed
4.50 0.30 (0.177 0.012) 6.40 0.40 (0.252 0.016) 0.61 0.36 (0.024 0.014) 50 100 200
2220
Reflow Only All Embossed
5.70 0.40 (0.225 0.016) 5.00 0.40 (0.197 0.016) 0.64 0.39 (0.025 0.015) 50 100 200
2225
Reflow Only All Embossed
5.72 0.25 (0.225 0.010) 6.35 0.25 (0.250 0.010) 0.64 0.39 (0.025 0.015) 50 100 200
25
500
25
500
L
W T
t
J J J J J J J J J J J J J J J J J J J M M M M M M M M
Cap (F)
J J J J J J J J J J J J J J J J J
J J J J J J J J J J J J J J J J J
J J J J J J J J J J M M
J J J J M M M Q Q
K K K K K K K K K K K K K K M M M M M M M M M 25
K K K K K K K K K K K M M M M M M M M M M M M 50
K K K K K K K K K M M M M
K K K K K P P P P P X
M M M M P Q Q Q Q X
M M M M M M M M M M M M M M M P P P P P P
M M M M M M M M M M M M M M M M
M M M M M M M M M M M
X X X X X X X X X X X Y Y
X X X X X X X X X X X
X X X X X X X X X X
25
50
100
200
500
100
200
500
50
100
200
50
100
200
M M M M M M M M M M M M M M M M M P P P P P Q Q 50
M M M M M M M M M M M M M M M M Y Y
P P P P P P P P P P P P P P Y Y Y Y
100
200
SIZE
Letter Max. Thickness A 0.33 (0.013) C 0.56 (0.022)
1210
E 0.71 (0.028) PAPER G 0.90 (0.035) J 0.94 (0.037) K 1.02 (0.040)
1812
M 1.27 (0.050) N 1.40 (0.055)
1825
P Q 1.52 1.78 (0.060) (0.070) EMBOSSED X 2.29 (0.090)
2220
Y 2.54 (0.100) Z 2.79 (0.110)
2225
7


▲Up To Search▲   

 
Price & Availability of 08056A101BA79A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X