Part Number Hot Search : 
KK431 G0100 FPI4060W P45AB SDRAM 83905 MM1278XD 00158
Product Description
Full Text Search
 

To Download 041911030100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Rast 5 Power Relay 419 11 (EA/..)
n n n n n n n
2 pole 16 A Safety mains insulation Quick connect terminals 6.3 x 0.8 mm Contact gap > 3 mm 4 kV / 8 mm coil-contact Snap or screw mounting Product in accordance to IEC60335-1
Applications Industrial and domestic appliances, heating controls, absolute safe power supply disconnection
F0255-CI
Approvals
V REG.-Nr.of5064 UG, types on request Z E214024 Technical data approved
Contact data
Contact configuration Contact set Type of interruption Rated voltage / max. switching voltage AC Rated current Limiting making capacity, max 4 s, duty factor 10% Contact material Contact gap Rated frequency of operation with / without load Contact ratings Type Contact IEC 61810 0419 .. 03 2 NO 0419 .. 04 2 NO 0419 .. 03 2 NO 0419 .. 12 & 13 2 NO 0419 .. 12 & 13 2 NO 0419 .. 12 & 13 2 NO Load 16 A, 12 A, 20 A, 16 A, 12 A, 20 A, 250 VAC, 250 VAC, 250 VAC, 250 VAC, 400 VAC, 250 VAC, cos=1 cos=1 cos=1 cos=1 cos=1 cos=1 2 NO bifurcated contacts full disconnection 250 / 400 VAC 16 A 25 A AgCu3 > 3 mm 15 / 600 min-1 Ambient temp. [C] 85C 85C 85C 85C 85C 85C Cycles 250x103 250x103 6x103 250x103 250x103 6x103
Coil data
Rated coil voltage range DC coil AC coil Operative range to IEC 61810 DC coil / AC coil 6...60 VDC 24...400 VAC 1/2
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 10 6 3.5 0.4 50+10% 720 11 10 6.0 0.7 150+10% 667 12 12 7.5 0.9 200+10% 720 13 24 15.0 1.8 800+10% 720 Coil versions, AC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VAC VAC VAC Ohm VA 01 200.50 / 60 Hz 160.0 15.0 4050+10% 2.2 03 220..240.50 / 60 Hz 187.0 16.0 4500+10% 2.2 04 100..120.50 / 60 Hz 80.0 7.0 850+10% 2.2 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Rast 5 Power Relay 419 11 (EA/..) (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit Material group of insulation parts Tracking index of relay base Insulation to IEC 61810-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 4000 Vrms 2000 Vrms 4000 Vrms W 6 / 8 mm IIIa PTI 250 reinforced full disconnection 3 mm reinforced 250 V 3 230 / 400 V III
Dimensions
Other data
Mechanical endurance DC-coil 2x106 cycles AC-coil 0,5x106 cycles Material RoHS - Directive 2002/95/EC compliant as per product date code 0349 Environment Ambient temperature range -20...+85C Vibration resistance (function) NO (5...500Hz) 2g Shock resistance (destruction) 80 g Category of protection RTI - dust protected Processing Mounting snap or screw mounting Relay weight 92 g Packaging unit 50 pcs
S0470-A
2
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Rast 5 Power Relay 419 11 (EA/..) (Continued)
Product key
Type
Typical product key
0419
1
1
03
0
1
00
0419 Rast 5 Power Relay 419 11 (EA/..) Mounting 1 Snap mounting, 1.0 mm panel 2 Snap mounting, 1.5 mm panel 3 Screw mounting Version 1 2 coil connectors 2 3 coil connectors Coil Coil code: please refer to coil versions table Contact material 0 AgCu 3 Contact connectors 1 Silver plated Version 00 Standard Other types on request
Product key 0419 11 0301 0419 11 1201 0419 11 1301 0419 31 0301 0419 31 1301
00 00 00 00 00
Version Snap Mounting 1.0 mm plate Screw Mounting
Cont-material AgCu3
Cont.configuration 2 NO contacts
Coil AC-coil DC-coil AC-coil DC-coil
Coil 230 VAC 12 VDC 24 VDC 230 VAC 24 VDC
Part number 3-1415419-5 4-1415419-0 4-1415419-2 4-1415419-9 5-1415419-5
3
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of 041911030100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X