Part Number Hot Search : 
C320A 13003 KA3843AM 13003 002223 STK6980H D6432 4C08A
Product Description
Full Text Search
 

To Download XPD-MR-D1241CDA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-D12-xxCDA
Features * XFP MSA Rev 4.5 compliant * Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid * 120km Reach on SMF-28 fiber utilizing Electronic Dispersion Compensation (EDC) * Supports 9.95Gb/s, 10.31Gb/s, 10.52Gb/s, 10.7Gb/s, and 11.1Gb/s * Cooled EML with isolator * APD Receiver * Power dissipation <3.5W * -5 to 70 C temperature range * Cold Start Up Wavelength Compliance * Digital Diagnostics * XFI High Speed Electrical Interface * RoHS Compliant * Class 1 Laser, 21CFR 1040.10/1040.11 * EN 60825-1/A1:2002 Compliant * Bail Latch Color: WHITE
Absolute Maximum Rating Parameter Maximum Supply Voltage (3.3V) Maximum Supply Voltage (5.0V) Maximum Supply Voltage (1.8V) Storage Temperature Symbol Vcc3 Vcc5 Vcc2 Tst Min -0.3 -0.3 -0.3 -40 Typical Max 3.6 5.5 2 85 Unit V V V C
General Operations Parameter Supply Voltage (1.8V) Supply Voltage (3.3V) Supply Voltage (5V) Total Current on any pin Inrush Current (1.8V) Inrush Current (3.3V) Inrush Current (5V) Module current ramp rate Power on 1.8V rail Power on 3.3V rail Power on 5V rail Module Total Power consumption Power Consumption-P_Down mode Power Supply Noise Rejection Bit Rate Operating Temperature (case) Strorage Temperature P2rail P3rail P5rail Pt Pp_d PSNR BR Top Tst Symbol Vcc2 Vcc3 Vcc5 ICC Iinrush2 Iinrush3 Iinrush5 Min 1.71 3.14 4.75 9.95 -5 -40 Typical 1.8 3.3 5 Max 1.89 3.47 5.25 500 1 0.75 0.5 100 1.8 2.5 2.5 3.5 1.5 11.1 70 85 Unit V V V mA A A A mA/S W W W W W Gb/s C C
Compliant to Section 2.7.2 of XFP MSA
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
a) Peak to peak noise when measured with a 1 MHz low pass filter b) Peak to peak noise when measured with 1MHz-10MHz low pass filter
1
LUMNDS640-AUG072007 Rev. 0.3
10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-D12-xxCDA
Transmitter Specifications (Optical) Parameter Output Power Average Launch Power Tx_Off Extinction Ratio Eye Mask Side Mode Suppression Ratio Center Wavelength Channel Spacing Spectral Width Jitter Generation (peak-to-peak) Jitter Generation (RMS) Dispersion Penalty at 2000 ps/nma Relative Intensity Noise Reflectance Tolerance a) Using an EDC enabled receiver Transmitter Specifications (Electrical) Parameter Input Differential Impedence Differential Data Input Swing TxDisable_Disable TxDisable_Enable Symbol Rin Vin,p-p Vd Ven Min 120 2 GND Typical 100 Max 820 Vcc3 GND + 0.8 Unit mV V V SMSR f 20 Jgen(pk-pk) Jgen(RMS) DP RIN ref T Symbol PO Poff ER Min -2 8.2 30 Typical 0 ITU Grid 100 1 0.1 0.01 2 -130 -27 Max 2 -30 Unit dBm nm dB dB nm GHz nm UI UI dB dB/Hz dB
ITU-T G.691, Telcordia GR-253-CORE, IEEE802.3 10GBASE-ZR Compliant
Receiver Specifications (Optical) Parameter Sensitivity (9.95Gb/s)a Sensitivity Overloada Wavelength LOS Assert LOS De-assert LOS Hysteresis a) At 8.2dB ER, 1E-12 BER, 231-1 PRBS, back to back b) Operational over 1200 - 1625nm range Receiver Specificatioins (Elelctrical) Parameter Reference Differential Output Impedence Differential Data Output Swing Output Rise Time, 20-80% Output Fall Time, 20-80% LOS Fault LOS Normal Symbol Zd Vout,p-p tr tf VLOS_fault VLOS_normal Min 340 24 24 host_Vcc3 - 0.5 GND Typical 100
b
Symbol Rx sens995 Rx sens1070 Rx OL ORL
-
Min -7 1528 -34 0.5
Typical -
Max -24 -23 1561 -27 -24 -
Unit dBm dBm dBm nm dB dBm dBm dB
(10.7Gb/s)a
Optical Return Loss
-
Max 850 host_Vcc3 GND + 0.4
Unit mV ps ps V V
-
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
2
LUMNDS640-AUG072007 Rev. 0.3
10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-D12-xxCDA
Reference Clock Parameter Clock Differential Input Impedance Differential Input Clock Amplitude (p-p) Reference Clock Duty Cycle Reference Clcok Rise/Fall Time (20%-80%) Reference Clock Frequency Tr/Tf r r/T f f0 Symbol Zd Min 80 640 40 200 Typical 100 Baud/64 Max 120 1600 60 1250 Unit mV % ps MHz
Wavelength Ordering
XPD-MR-D12-xxCDA
See table below for "xx" values c Wavelength Guide ITU Channel/Product Code 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 Frequency (THz) 191.7 191.8 191.9 192.0 192.1 192.2 192.3 192.4 192.5 192.6 192.7 192.8 192.9 193.0 193.1 193.2 193.3 193.4 193.5 193.6 193.7 193.8 193.9 Wavelength (nm) ITU Channel/Product Code 1563.863 1563.047 1562.233 1561.419 1560.606 1559.794 1558.983 1558.173 1557.363 1556.555 1555.747 1554.940 1554.134 1553.329 1552.524 1551.721 1550.918 1550.116 1549.315 1548.515 1547.715 1546.917 1546.119 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 Frequency (THz) 194.0 194.1 194.2 194.3 194.4 194.5 194.6 194.7 194.8 194.9 195.0 195.1 195.2 195.3 195.4 195.5 195.6 195.7 195.8 195.9 196.0 196.1 Wavelength (nm) 1545.322 1544.526 1543.730 1542.936 1542.142 1541.349 1540.557 1539.766 1538.976 1538.186 1537.397 1536.609 1535.822 1535.036 1534.250 1533.465 1532.681 1531.898 1531.116 1530.334 1529.553 1528.773
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
3
LUMNDS640-AUG072007 Rev. 0.3
10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-D12-xxCDA
Pin Out Definition Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 CML-O CML-O LVTTL-I/O LVTTL-I/O LVTTL-O LVTTL-O LVTTL-O LVTTL-I LVTTL-O LVTTL-I Logic Symbol GND VEE5 Mod_DeSel Interrupt TX_DIS Vcc5 GND Vcc3 Vcc3 SCL SDA Mod_Abs Mod_NR RX_LOS GND GND RDRD+ GND Vcc2 Name/Description Module Ground Optional -5.2V Power Supply (not used) Module De-select; When held low allows module to respond to 2-wire interface Interrupt; Indicates presence of an important condition which can be read over the 2-wire serial interface Transmitter Disable; Turns off transmitter laser output +5V Power Supply Module Ground +3.3V Power Supply +3.3V Power Supply 2-Wire Serial Interface Clock 2-Wire Serial Interface Data Line Indicates Module is not present. Grounded in the Module Module Not Ready; Indicating Module Operational Fault Receiver Loss Of Signal Indicator Module Ground Module Ground Receiver Inverted Data Output Receiver Non-Inverted Data Output Module Ground +1.8V Power Supply Power Down; When high, requires the module to limit power consumption to 1.5W or below. 2-Wire serial interface must be functional in the low power mode. Reset; The falling edge initiates a complete reset of the module including the 2-wire serial interface, equivalent to a power cycle. +1.8V Power Supply Module Ground Reference Clock Non-Inverted Input, AC coupled on the host board Reference Clock Inverted Input, AC coupled on the host board Module Ground Module Ground Transmitter Inverted Data Input Transmitter Non-Inverted Data Input Module Ground 1 1 1 1 1 2 2 2 2 2 1 1 1 2 Note 1
21
LVTTL-I
P_Down/RST
22 23 24 25 26 27 28 29 20 CML-I CML-I PECL-I PECL-I
Vcc2 GND RefCLK+ RefCLKGND GND TDTD+ GND
Notes: 1. Module ground pins GND are isolated from the module case and chassis ground within the module. 2. Shall be pulled up with 4.7k-10kohms to a voltage between 3.15V and 3.45V on the host board.
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
4
LUMNDS640-AUG072007 Rev. 0.3
10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-D12-xxCDA
Pinout Diagram
GND
16 17 18 19 20 21 22
TOWARD ASIC
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 TOWARD B EZEL
GND RX_LOS RDRD+ GND SDA VCC2 P_D OWN/RST VCC2 VCC3 GND GND R EF CLK+ R EF CLKTX_DIS GND INTERR UPT GND MOD_DES EL TDVEE5 TD+ GND GND SCL VCC3 MOD_NR MOD_ABS
23 24 25 26 27 28 29 30
VCC5
Host PCB XFP Pinout T op View
Mechanical Drawing
6.91 .272
16.15 .636
69.09 2.720
11.47 .451 3.80 .150 6.02 .237 18.29 .720 6.25 .246 77.98 3.070 12.19 .480
8.44 .332
8.95 .352
ISO VIEW
1. LUMINENOIC'S XFP TRANSCEIVERS ARE COMPLIANT WITH THE DIMENSIONS DEFINED BY XFP MULTISOURCING AGREEMENT (MSA). NOTES: UNLESS OTHERWISE SPECIFIED
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
5
LUMNDS640-AUG072007 Rev. 0.3
10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-D12-xxCDA
Ordering Information
Part Numbering Definition:
XPD-MRXPD = DWDM XFP PD MR = Multi-Rate D12 = 120km with EDC
Reach
ITU Channel Temperature
Diagnostic Revision
xx = 15 to 61 C = Commerical Temp (-5 to 70C) D = Digital Diagnostic A = Design Revision
Warnings
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow guidelines according to proper ESD procedures. Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Legal Notice
IMPORTANT NOTICE! All information contained in this document is subject to change without notice, at LuminentOIC's sole and absolute discretion. LuminentOIC warrants performance of its products to current specifications only in accordance with the company's standard one-year warranty; however, specifications designated as "preliminary" are given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warranties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company's Terms and Conditions of Sale for further warranty information. LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from such use or sale. THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN "AS IS" BASIS. Customer agrees that LuminentOIC is not liable for any actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current. (c) LuminentOIC, Inc. 2003 All rights reserved
LUMINENTOIC.COM
20550 Nordhoff St. * Chatsworth, CA 91311 * tel: 818.773.9044 * fax: 818.576.9486 9F, No 81, Shui Lee Rd. * Hsinchu, Taiwan, R.O.C. * tel: 886.3.5169222 * fax: 886.3.5169213
6
LUMNDS640-AUG072007 Rev. 0.3


▲Up To Search▲   

 
Price & Availability of XPD-MR-D1241CDA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X