Part Number Hot Search : 
M28W800T NDT451 LA76810A TMK316B 090663 03N60 BC107 TMK316B
Product Description
Full Text Search
 

To Download XF0756L1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XFMRS
TOKEN RING MAGNETICS
* * * * * * UTP OR STP APPLICATIONS 2,000 VRMS ISOLATION STANDARD LOW INSERTION LOSS OVER WIDE BAND WIDTH SURFACE MOUNT AND THRU-HOLE PACKAGES AVAILABLE WIDE VARIETY OF FILTER MODULES AVAILABLE FOR ALL APPLICATIONS CUSTOM DESIGNS AVAILABLE AT NO EXTRA COST
1
ELECTRICAL SPECIFICATIONS:
PART NUMBER TURNS RATIO PRI OCL PRI/SEC LL PRI/SEC Cw/w PRI/SEC DCR PACKAGE STYLE
XF0756L1 XF1256D1 XF2506B1 XF0756L2 XF1256D2 XF2506B2 XF0756L3 XF1256D3 XF2506L3
1:1:2:2 1:1:2:2 1:1:2:2 1:1:1:1 1:1:1:1 1:1:1:1 1:1:1.22:1.22 1:1:1.22:1.22 1:1:1.22:1.22
75 125 250 75 125 250 75 125 250
0.10 0.15 0.20 0.10 0.10 0.15 0.20 0.30 0.50
10 10 15 10 10 15 10 10 15
0.2 / 0.4 0.3 / 0.6 0.4 / 0.8 0.2 / 0.2 0.3 / 0.3 0.4 / 0.4 0.2 / 0.3 0.3 / 0.5 0.4 / 0.6
L D B L D B L D B
ALL PART NUMBERS : INSERTION LOSS 0.20 dB MAX 2.2 MHz - 20 MHz 0.40 dB MAX 1.4 MHz - 31 MHz 1.0 dB MAX 900 KHz - 40 MHz NOTES: 1. OCL MEASURED AT 100 KHz, 100 mv 2. PRI/SEC ISOLATION : 2,000 VRMS 3. TURNS RATIO; 2% 4. PRI OCL; uH 30% 5. PRI/SEC L L; uH MAX 6. PRI/SEC Cw/w; pF MAX 7. PRI/SEC DCR; OHMS MAX
RETURN LOSS 22 dB MIN 1 MHz - 8 MHz 20 dB MIN 8 MHz - 16 MHz 18 dB MIN 16 KHz - 24 MHz
XFMRS
XFMRS, INC.
1940 Landersdale Road * Camby, Indiana 46113 * Tel. (317) 834-1066 * Fax: (317) 834-1067
XFMRS
PACKAGE STYLE L
2
PACKAGE STYLE D
PACKAGE STYLE B
.200 MAX .015 .004
.500 MAX .050 TYP
.35 +/- .01
XFMRS XXXXXXX
.285 MAX
.375 .350
.018 +/- .002
XFMRS
XFMRS, INC.
1940 Landersdale Road * Camby, Indiana 46113 * Tel. (317) 834-1066 * Fax: (317) 834-1067


▲Up To Search▲   

 
Price & Availability of XF0756L1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X