Part Number Hot Search : 
GT61G SMBJ90CA HIR333 EMP207 HIR333 IRFR3709 IDT72200 CM1851
Product Description
Full Text Search
 

To Download TS8121LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS8121 LF
Bothhandusa.com
Page : 1/1
10/100 BASE-T ISOLATION TRANSFORMER P/N:TS8121 LF DATA SHEET
Feature
Designed to meet IEEE 802.3u requirement ,including 350uH OCL with 8mA bias. Designed for reflow soldering at temperature up to 235J. Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. Comply with Air reflow profile of JEDEC 020C. Operating temperature range:0J to +70 J. Storage temperature range:-25J to+125 J.
Electrical Specifications @ 25C
Part Number TS8121 LF Turns Ratio (3%) 1CT:1CT OCL (uH Min) @ 100KHz/0.1V with 8mA DC Bias 350 Cw/w (pF Max) 28 L.L (uH Max) 0.4 DCR ([ Max) 0.9 HI-POT (Vrms) 1500
Continue
Part Number TS8121 LF Insertion Loss (dB Max) 0.3-100 MHz -1.1 0.3-30MHz -17 Return Loss (dB Min) 60MHz -12 60-80MHz -10 Cross talk (dB Min) 0.3-60MHz 60-100MHz 30MHz -45 -35 -40 DCMR (dB Min) 60MHz 100MHz -35 -30
Schematic
Mechanical


▲Up To Search▲   

 
Price & Availability of TS8121LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X