Part Number Hot Search : 
25MBX08 CDBD1530 BTS41 NCS5650 2N3700S E2108 CSC3114R BZX84C15
Product Description
Full Text Search
 

To Download TRMA160808-YTRYH750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
TRMA High Current Inductors
Multilayer Ferrite Beads
High Current Multilayer Ferrite Beads - TRMA Series
Token high current multilayer ferrite beads lower DC resistance and handle up to 6A (TRMA)
Preview Token TRMA series multilayer ferrite bead inductor is one popular high current version of Token chips products. Ceramic materials and process technologies have allowed Token to lower the DC resistance of its chip ferrite beads, increasing rated current to create the TRMA series. With a maximum current rating of up to 6A and a wide operating temperature range of between -55C and +125C, the TRMA series is ideally suited to applications in harsh environments. The series comes in 0402 size packaging (1 x 0.5 x 0.5 mm), for designers seeking to reduce board space without performance degradation. Low DC resistance also helps reduce power consumption for battery-powered applications. The TRMA devices give effective EMI and RFI suppression and the range also offers high impedance values over a wide frequency range. Quoted reference values are between 7 and 1500 at 100MHz. Available in case sizes ranging from 0402, 0603, 0805, 1206, 1210, 1806, to 1812, the ferrite chip beads feature nickel barrier terminations with a solder plate finish to help ensure a good solder joint. Parts are supplied taped and reeled, and are fully compatible with automatic pick and place equipment. Custom parts are available on request. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Features : - Low DC Resistance. - Multiple Size Availability. - Effective EMI Protection. - High Soldering Heat Resistance. Applications : - Portable Equipment. - Modem, Personal Computers. - CD-ROM, Hard Disk, Printers.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 10
TOKEN
Dimensions
TRMA High Current Inductors
A
B C
Recommended Patternl
F
E
G
D
Type TRMA100505 (0402) TRMA160808 (0603) TRMA201209 (0805) TRMA321611 (1206) TRMA322513 (1210) TRMA451616 (1806) TRMA453215 (1812) A 1.0 0.10 1.6 0.20 2.0 0.20 3.2 0.20 3.2 0.20 4.5 0.25 4.5 0.25 B 0.50 0.10 0.80 0.15 1.25 0.20 1.60 0.20 2.50 0.20 1.60 0.20 3.20 0.20 C 0.5 0.10 0.8 0.15 0.9 0.20 1.1 0.20 1.3 0.20 1.6 0.20 1.5 0.20 D 0.25 0.10 0.30 0.20 0.50 0.30 0.50 0.30 0.50 0.30 0.50 0.30 0.50 0.30 E 0.4 0.8 1.2 2.0 2.0 3.0 3.0 F 1.2~1.4 2.4~3.4 3.0~4.0 4.2~5.2 5.5~6.5 5.5~6.5 5.5~6.5 G 0.4 0.6 1.0 1.2 1.8 1.2 2.4
TRMA100505 Standard Electrical Specifications - EIA 0402 Size Part Number Impedance () Tolerance ( %) Freq. (MHz) DCR ()(max) TRMA100505 - YTRYH100 10 25 100 0.030 IDC (mA)(max) 1000
TRMA160808 Standard Electrical Specifications - EIA 0603 Size
Part Number TRMA160808 - YTRYH100 TRMA160808 - YTRYH110 TRMA160808 - YTRYH150 TRMA160808 - YTRYH170 TRMA160808 - YTRYH190 TRMA160808 - YTRYH200 TRMA160808 - YTRYH220 TRMA160808 - YTRYH250 TRMA160808 - YTRYH300
Impedance () 10 11 15 17 19 20 22 25 30
Tolerance ( %) 25 25 25 25 25 25 25 25 25
Freq. (MHz) 100 100 100 100 100 100 100 100 100
DCR ()(max) 0.020 0.020 0.030 0.030 0.030 0.030 0.030 0.030 0.030
IDC (mA)(max) 4000 4000 3000 3000 3000 3000 3000 3000 3000
Continued on the following page.
02 of 10
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Continued from the preceding page. Part Number TRMA160808 - YTRYH310 TRMA160808 - YTRYH320 TRMA160808 - YTRYH330 TRMA160808 - YTRYH400 TRMA160808 - YTRYH470 TRMA160808 - YTRYH500 TRMA160808 - YTRYH560 TRMA160808 - YTRYH600 TRMA160808 - YTRYH680 TRMA160808 - YTRYH700 TRMA160808 - YTRYH750 TRMA160808 - YTRYH800 TRMA160808 - YTRYH900 TRMA160808 - YTRYH101 TRMA160808 - YTRYH121 TRMA160808 - YTRYH151 TRMA160808 - YTRYH181 TRMA160808 - YTRYH201 TRMA160808 - YTRYH221 TRMA160808 - YTRYH241 TRMA160808 - YTRYH301 TRMA160808 - YTRYH331 TRMA160808 - YTRYH401 TRMA160808 - YTRYH451 TRMA160808 - YTRYH471 TRMA160808 - YTRYH501 TRMA160808 - YTRYH601 TRMA160808 - YTRYH701 TRMA160808 - YTRYH751 TRMA160808 - YTRYH801 TRMA160808 - YTRYH102 TRMA160808 - YTRYH152
TRMA High Current Inductors
Impedance () 31 32 33 40 47 50 56 60 68 70 75 80 90 100 120 150 180 200 220 240 300 330 400 450 470 500 600 700 750 800 1000 1500 Tolerance ( %) 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 Freq. (MHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 DCR ()(max) 0.030 0.035 0.035 0.035 0.040 0.040 0.040 0.040 0.050 0.050 0.050 0.050 0.050 0.050 0.080 0.085 0.090 0.095 0.100 0.120 0.120 0.120 0.120 0.150 0.150 0.150 0.200 0.250 0.250 0.250 0.250 0.400 IDC (mA)(max) 3000 3000 3000 3000 3000 3000 3000 3000 2500 2500 2500 2500 2500 2500 2500 2000 2000 2000 2000 1500 1500 1500 1500 1500 1500 1500 1000 800 800 800 800 500
Version 2010
http://www.token.com.tw/
rfq token.com.tw
03 of 10
TOKEN
Part Number TRMA201209 - YTRYH110 TRMA201209 - YTRYH130 TRMA201209 - YTRYH150 TRMA201209 - YTRYH170 TRMA201209 - YTRYH190 TRMA201209 - YTRYH220 TRMA201209 - YTRYH260 TRMA201209 - YTRYH280 TRMA201209 - YTRYH300 TRMA201209 - YTRYH310 TRMA201209 - YTRYH320 TRMA201209 - YTRYH390 TRMA201209 - YTRYH400 TRMA201209 - YTRYH420 TRMA201209 - YTRYH500 TRMA201209 - YTRYH600 TRMA201209 - YTRYH700 TRMA201209 - YTRYH750 TRMA201209 - YTRYH800 TRMA201209 - YTRYH900 TRMA201209 - YTRYH101 TRMA201209 - YTRYH121 TRMA201209 - YTRYH131 TRMA201209 - YTRYH151 TRMA201209 - YTRYH181 TRMA201209 - YTRYH201 TRMA201209 - YTRYH221 TRMA201209 - YTRYH241 TRMA201209 - YTRYH251 TRMA201209 - YTRYH301 TRMA201209 - YTRYH331 TRMA201209 - YTRYH391 TRMA201209 - YTRYH401 TRMA201209 - YTRYH451 TRMA201209 - YTRYH471 Impedance () 11 13 15 17 19 22 26 28 30 31 32 39 40 42 50 60 70 75 80 90 100 120 130 150 180 200 220 240 250 300 330 390 400 450 470
TRMA High Current Inductors
TRMA201209 Standard Electrical Specifications - EIA 0805 Size Tolerance ( %) 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 Freq. (MHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 DCR ()(max) 0.010 0.020 0.020 0.020 0.020 0.020 0.020 0.020 0.020 0.020 0.020 0.020 0.020 0.025 0.025 0.030 0.040 0.040 0.040 0.040 0.040 0.040 0.050 0.050 0.050 0.050 0.080 0.080 0.080 0.080 0.080 0.100 0.100 0.100 0.100 IDC (mA)(max) 6000 5000 5000 5000 4000 4000 4000 4000 4000 4000 4000 3000 3000 3000 3000 3000 3000 3000 3000 3000 3000 3000 2500 2500 2500 2500 2000 2000 2000 2000 2000 2000 2000 2000 2000
04 of 10
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Continued from the preceding page.
Part Number TRMA201209 - YTRYH501 TRMA201209 - YTRYH601 TRMA201209 - YTRYH751 TRMA201209 - YTRYH102 TRMA201209 - YTRYH152 Impedance () 500 600 750 1000 1500
TRMA High Current Inductors
Tolerance ( %) 25 25 25 25 25 Freq. (MHz) 100 100 100 100 100 DCR ()(max) 0.100 0.100 0.120 0.120 0.300 IDC (mA)(max) 2000 2000 1500 1500 1000
Version 2010
http://www.token.com.tw/
rfq token.com.tw
05 of 10
TOKEN
Part Number TRMA321611 - YTRYH070 TRMA321611 - YTRYH080 TRMA321611 - YTRYH110 TRMA321611 - YTRYH190 TRMA321611 - YTRYH260 TRMA321611 - YTRYH300 TRMA321611 - YTRYH310 TRMA321611 - YTRYH320 TRMA321611 - YTRYH350 TRMA321611 - YTRYH400 TRMA321611 - YTRYH420 TRMA321611 - YTRYH480 TRMA321611 - YTRYH500 TRMA321611 - YTRYH520 TRMA321611 - YTRYH600 TRMA321611 - YTRYH680 TRMA321611 - YTRYH700 TRMA321611 - YTRYH750 TRMA321611 - YTRYH800 TRMA321611 - YTRYH900 TRMA321611 - YTRYH101 TRMA321611 - YTRYH121 TRMA321611 - YTRYH151 TRMA321611 - YTRYH201 TRMA321611 - YTRYH221 TRMA321611 - YTRYH121 TRMA321611 - YTRYH151 TRMA321611 - YTRYH201 TRMA321611 - YTRYH221 TRMA321611 - YTRYH301 TRMA321611 - YTRYH331 TRMA321611 - YTRYH391 TRMA321611 - YTRYH401 TRMA321611 - YTRYH501 TRMA321611 - YTRYH601 TRMA321611 - YTRYH102 TRMA321611 - YTRYH122 TRMA321611 - YTRYH152
06 of 10
TRMA High Current Inductors
Impedance () 7 8 11 19 26 30 31 32 35 40 42 48 50 52 60 68 70 75 80 90 100 120 150 200 220 120 150 200 220 300 330 390 400 500 600 1000 1200 1500 Tolerance ( %) 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 Freq. (MHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50
rfq token.com.tw
TRMA321611 Standard Electrical Specifications - EIA 1206 Size DCR ()(max) 0.015 0.015 0.015 0.015 0.015 0.015 0.015 0.015 0.015 0.015 0.015 0.020 0.020 0.020 0.020 0.020 0.020 0.025 0.025 0.030 0.030 0.030 0.040 0.050 0.050 0.030 0.040 0.050 0.050 0.060 0.060 0.060 0.100 0.100 0.100 0.150 0.180 0.200 IDC (mA)(max) 6000 6000 6000 6000 6000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 3000 3000 3000 2500 2500 2000 2000 2000 2500 2000 2000 2000 2000 2000 2000 2000 2000 2000 1200 1000 800 Version 2010
http://www.token.com.tw/
TOKEN
Part Number TRMA322513 - YTRYH190 TRMA322513 - YTRYH320 TRMA322513 - YTRYH600 TRMA322513 - YTRYH900 Impedance () 19 32 60 90
TRMA High Current Inductors
TRMA322513 Standard Electrical Specifications - EIA 1210 Size Tolerance ( %) 25 25 25 25 Freq. (MHz) 100 100 100 100 DCR ()(max) 0.025 0.025 0.025 0.025 IDC (mA)(max) 4000 4000 4000 3000
TRMA451616 Standard Electrical Specifications - EIA 1806 Size Part Number TRMA451616 - YTRYH190 TRMA451616 - YTRYH400 TRMA451616 - YTRYH500 TRMA451616 - YTRYH600 TRMA451616 - YTRYH700 TRMA451616 - YTRYH750 TRMA451616 - YTRYH800 TRMA451616 - YTRYH900 TRMA451616 - YTRYH101 TRMA451616 - YTRYH151 TRMA451616 - YTRYH191 TRMA451616 - YTRYH301 TRMA451616 - YTRYH471 TRMA451616 - YTRYH601 TRMA451616 - YTRYH851 TRMA451616 - YTRYH102 TRMA451616 - YTRYH132 Impedance () 19 40 50 60 70 75 80 90 100 150 190 300 470 600 850 1000 1300 Tolerance ( %) 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 Freq. (MHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 DCR ()(max) 0.020 0.020 0.020 0.020 0.025 0.025 0.025 0.100 0.100 0.100 0.100 0.100 0.100 0.100 0.100 0.100 0.100 IDC (mA)(max) 6000 6000 6000 5000 5000 5000 4000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000
Version 2010
http://www.token.com.tw/
rfq token.com.tw
07 of 10
TOKEN
Part Number TRMA453215 - YTRYH190 TRMA453215 - YTRYH300 TRMA453215 - YTRYH470 TRMA453215 - YTRYH500 TRMA453215 - YTRYH600 TRMA453215 - YTRYH700 TRMA453215 - YTRYH800 TRMA453215 - YTRYH900 TRMA453215 - YTRYH121 TRMA453215 - YTRYH125 TRMA453215 - YTRYH151 TRMA453215 - YTRYH191 Impedance () 19 30 47 50 60 70 80 90 120 125 150 190
TRMA High Current Inductors
Tolerance ( %) 25 25 25 25 25 25 25 25 25 25 25 25 Freq. (MHz) 100 100 100 100 100 100 100 100 100 100 100 100 DCR ()(max) 0.030 0.030 0.030 0.030 0.030 0.030 0.030 0.030 0.030 0.030 0.030 0.030 IDC (mA)(max) 6000 6000 6000 6000 6000 6000 4000 4000 4000 4000 4000 4000
TRMA453215 Standard Electrical Specifications - EIA 1812 Size
08 of 10
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Environmental Characteristics Item Flexure Strength Specification The forces applied on the right conditions must not damage the terminal electrode and the ferrite
TRMA High Current Inductors
Vibration
Resistance to Soldering Heat
Solderability
Terminal Strength Test Temperature Cycle
Humidity Resistance High Temperature Resistance Low Temperature Resistance
Test Methods Test device shall be soldered on the substrate Substrate Dimension:100x40x1.6mm 20 Deflection: 2.0mm 1.6 Keeping Time: 30sec 2 For 0402, substrate dimension 45 45 is 100x40x0.8mm Test device shall be soldered on the substrate Oscillation Frequency : 10 to 55 to 10Hz for 1min Amplitude : 1.5mm Time : 2hrs for each axis (X,Y&Z), total 6hrs Appearance: No damage Pre-heating: 150C, 1min More than 75% of the Solder Temperature: 260 5C terminal electrode should be Immersion Time: 10 1sec covered with solder. Impedance: within 30% of initial value The electrodes shall be Pre-heating: 150C, 1min at least 90% covered Solder Temperature: 245 5C with new solder coating Immersion Time: 4 1sec 0402 series : 0.2kg Test device 0603 series : 0.5kg shall be soldered W 0805 series : 1.0kg on the substrate other series : 2.0kg Appearance: No damage One cycle: Impedance: within 30% One cycle/step1: -55 3C for 30mi of initial value step2: 25 2C for 3.0min step3:125 3C for 30min step4:25 2C for 3.0min Total: 100cycles Measured after exposure in the room condition for 24hrs Temperature: 40 2C Relative Humidity: 90 ~ 95% time: 1000hrs Measured after exposure in the room condition for 24hrs Temperature: 125 3C Relative Humidity : 0% Applied Current: Rated Current time: 1000hrs Measured after exposure in the room condition for 24hrs Temperature: -55 3C TR elative Humidity : 0% time: 1000hrs Measured after exposure in the room condition for 24hrs
Version 2010
http://www.token.com.tw/
rfq token.com.tw
09 of 10
TOKEN
How to Order
TRMA High Current Inductors
TRMA160808 Part Number:
Code
02
Part Number
G
TR Design Code
Code
10N Inductance ui:200 ui:75
10N
TRMA100505 TRMA160808 TRMA201209 TRMA321611 TRMA322513 TRMA451616 TRMA453215 Impedance Tolerance
Code
0402 0603 0805 1206 1210 1806 1812
Y Q Current
Code
H N Impedance
Code 100
Current High Current General Current
Y M
Inductance 25% 20%
Impedance
10
Packaging: TR (Taping Reel)
110 451
152
11 450
1500
Back to 1st Page - High Current Multilayer Ferrite Beads (TRMA)
10 of 10
http://www.token.com.tw/
rfq token.com.tw
Version 2010


▲Up To Search▲   

 
Price & Availability of TRMA160808-YTRYH750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X