Part Number Hot Search : 
IRFPF50 12F40 CTCDRH ECA25 1N5352 LBN03604 M74HC40 DTD123
Product Description
Full Text Search
 

To Download TMCM-MOTOR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVALUATI O N B O A R D
I N T E G R A T E D C I R C U ITS
TMC4 28 AE VAL
1 0 mm
Eval uati on B oard wit h TMC 428, TMC 246A & T MC24 9A and sta llGu ardTM
M A IN CH A R AC T ER IS T IC S
INFO
The TMC428A evaluation board allows you to explore all functions of the TMC428 and to develop your TMC428 applications. It is equipped with the TMC246A and TMC249A motor drivers for high performance motor control. You will learn everything about the usage and features of the chipset and get the possibility to explore your motion control application and to optimize its parameters. The evaluation board comes with a PC software which gives you access to every bit of the TMC428. The TMC428A-Eval is a complete plug and play" solution, additionally only a PC, a motor and a power supply are required!
ELECTRICAL DATA
* motor coil current 1A RMS (TMC246) and 1A / 2A RMS (TMC249) * power supply 12V to 30V DC * RS232 interface to PC * user CPU board and / or user driver board can be attached via SPI
INTERFACE
FEATURES
* PC control or stand alone operation * all parameters can be displayed on the PC and modified interactively * test specific motion profiles * microstep curve can be optimized to match your motor parameters * allows to use integrated or external reference switches * driver ICs: Trinamic TMC246 and TMC249 * allows to evaluate stallGuardTM * allows to evaluate all driver specific settings * RoHS compliant
OTHER
TMC428 Eval
REFSwitches
6
REF 1,2,3
Driver
TMC246
Step Motor
RS-232
ATmega8
C
CLK 8MHz
Motion Controller TMC428
high power
Function keys
Driver
TMC249
10..28V DC
5V Power Supply
3,3 / 5V DC
MOSFET Driver Stage
Step Motor
OR DE R C O DE
D ES CRI PT ION
TMC428A-EVAL TMCM-MOTOR
Evaluation board for TMC428, TMC246A and TMC249A with stallGuardTM Testmotor with 42 mm flange and about 1A maximum coil current
www.trinamic.com - for detailed information and datasheets
20


▲Up To Search▲   

 
Price & Availability of TMCM-MOTOR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X