Part Number Hot Search : 
KA7915 BBY5207 SP7516KN BU2527 TS512 T8202860 UAA91 SMPJ175
Product Description
Full Text Search
 

To Download TIP131 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
TIP131
DESCRIPTION *High DC Current Gain: hFE = 1000(Min)@ IC= 4A *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 80V(Min) *Low Collector-Emitter Saturation Voltage: VCE(sat) = 2.0V(Max)@ IC= 4A *Complement to Type TIP136 APPLICATIONS *Designed for general-purpose amplifier and low-speed switching applications ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current- Continuous Collector Power Dissipation @TC=25 Collector Power Dissipation @Ta=25 Junction Temperature Storage Temperature Range
VALUE 80 80 5 8 12 0.3 70
UNIT V V V A A A
PC
W 2 150 -65~150
Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance,Junction to Case Thermal Resistance,Junction to Ambient MAX 1.785 63.5 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
TIP131
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 30mA, IB= 0
80
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 4A; IB= 16mA
B
2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 6A, IB= 30mA
B
3.0
V
VBE(on)
Base-Emitter On Voltage
IC= 4A; VCE= 4V
2.5
V
ICBO
Collector Cutoff Current
VCB= 80V, IE= 0
0.2
mA
ICEO
Collector Cutoff Current
VCE= 40V, IB= 0
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
5
mA
hFE-1
DC Current Gain
IC= 1A; VCE= 4V
500
hFE-2
DC Current Gain
IC= 4A; VCE= 4V
1000
15000
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of TIP131

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X