Part Number Hot Search : 
E004846 KIA78L05 DD502 KA22136 R6522 BZV85130 21M10 3015BGC
Product Description
Full Text Search
 

To Download TCOB0E107M8R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip tantalum capacitors
TCO Series B Case
Features (B) 1) Conductive polymer used for the cathode material. 2) Ultra-low ESR. (1/10 compared with the conventional type) 3) Screening by thermal shock. Dimensions (Unit : mm)
Anode mark
(Unit : mm)
L H W1
Dimensions L W1
B case 3.5 + 0.2 - 2.8 + 0.2 - 1.9 + 0.2 - 1.9 + 0.2 - 0.8 + 0.3 -
W2
W2 H
S
S
S
+
-
Part No. Explanation
Nominal capacitance in pF in 3 digits: 2 significant figures followed by the figure representing the number of 0's.
Series name
Case style
Nominal capacitance
TCO
B
Code 0E 0G 0J 1A
0
J
4
7
6
M
8R
8 : Tape width R : Positive electrode on the side opposite to sprocket hole
Rated voltage
Rated voltage (V) 2.5 4 6.3 10
Capacitance tolerance
Code Capacitance tolerance M + 20% -
Rated Table
Rated voltage (V.DC) F
j n s
w
2.5 0E 22 33 47 68 100 150 220 330 B B
4 0G
6.3 0J
10 1A
B B B B B
B B
a
e j n
B B
Under development
indicates new product
www.rohm.com c 2009 ROHM Co., Ltd. All rights reserved.
1/5
2009.01 - Rev.E
TCO Series B Case
Marking
The indications listed below should be given on the surface of a capacitor. (1) Polarity : The polarity should be shown by bar. (on the anode side) (2) Rated DC voltage : Due to the small size of B case, a voltage code is used as shown below. (3) Visual typical example (1) voltage code (2) capacitance code Voltage Code e g j A Rated DC Voltage (V) 2.5 4 6.3 10 Capacitance Code a e j n s w a e j n Nominal Capacitance (F) 10 15 22 33 47 68 100 150 220 330
Data Sheet
[B case]
note 1)
j s -- (1) (2)
js
manufacture code
note 2) voltage code and capacitance code are variable with parts number
Characteristics
Item Operating Temperature -55 C to +105 C Performance Test conditions (based on JIS C 5101-1 and JIS C 5101-3) Voltage reduction when temperature exceeds+85 C
Maximum operating +85 C temperature with no voltage derating Rated voltage (VDC) Category voltage (VDC) Surge voltage (VDC) DC Leakage current 2.5 4 6.3 10 2 3.2 5 8 at 85 C at 105 C at 85 C Rated voltage for 5min
3.2 5.2 8 13 3A or 0.1CV whichever is greater Shown in " Standard list " +20% Shall be satisfied allowance range. -
Capacitance tolerance
Tangent of loss angle (Df, tan )
Measuring frequency : 120+12Hz - Measuring voltage : 0.5Vrms +1.5 to 2V.DC Measuring circuit : DC Equivalent series circuit Shall be satisfied the voltage on " Standard list " Measuring frequency : 120 +12Hz - Measuring voltage : 0.5Vrms +1.5 to 2V.DC Measuring circuit : DC Equivalent series circuit
ESR
Shall be satisfied the voltage on " Standard list " Measuring frequency : 100 +10kHz - Measuring voltage : 0.5Vrms or less
Resistance to Appearance There should be no significant abnormality. The indications should be clear. Soldering heat L.C. C / C tan Less than 150% of initial limit Within + 20% of initial value - Less than 150% of initial limit
Dip in the solder bath + Solder temp : 240- 5 C Duration : 10+0.5s - :1 Repetition
After the specimens, leave it at room temperature for over 24h and then measure the sample.
www.rohm.com c 2009 ROHM Co., Ltd. All rights reserved.
2/5
2009.01 - Rev.E
TCO Series B Case
Item Temperature cycle Performance Appearance There should be no significant abnormality. L.C C / C
Data Sheet
Test conditions (based on JIS C 5101-1 and JIS C 5101-3) Repetition : 5 cycles (1 cycle : steps 1 to 4) without discontinuation. Temp. -55+3 C 1 - 2 Room temp. + 105-2 C 3 4 Room temp. Time + 30-3min 3min.or less 30+3min - 3min.or less
Less than 500% of initial limit
Within+20% of intial value -
Df (tan )
Less than 150% of initial limit
After the specimens, leave it at room temperature for over 24h and then measure the sample.
After leaving the sample under such atmospheric condition that the temperature and humidity are + + 40 - 2 C and 90 to 95% RH,respectiveiy,for 500 -24h leave it at room temperature for over 24h and then measure the sample.
Moisture resistance
Appearance There should be no significant abnormality. The indications should be L.C C / C Df (tan )
Less than 150% of initial limit +30% / -20% Less than 150% of initial limit
-55 C
Temperature Stebility
Temp. C / C Df (tan ) L.C Temp. C / C Df (tan ) L.C
Within 0/-20% of initial value
Shall be satisfied the voltage on " Standard list " -
+105 C
Within +50/0% of initial value
Shall be satisfied the voltage on " Standard list " Less than 1CV
+ Apply the specified serge voltage every 5 0.5 min. - for 30+5 s. each time in the atmospheric condition - of 85+2 C. - Repeat this rocedure 1,000 times. After the specimens, leave it at room temperature for over 24h and then measure the sample.
Surge voltage
Appearance There should be no significant abnormality.
L.C C / C
Df (tan )
Less than initial limit Within + 20% of initial value -
Less than initial limit
www.rohm.com c 2009 ROHM Co., Ltd. All rights reserved.
3/5
2009.01 - Rev.E
TCO Series B Case
Item Performance
Data Sheet
Test conditions (based on JIS C 5101-1 and JIS C 5101-3) After applying the rated voltage for 1000+72 h without discontinuation via the serial resistance of 3 or less at a temperature of 85+ 2 C, leave - the sample at room temperature / humidity for over 24h and measure the value. A force is applied to the terminal until it bends to 1mm and by a perscribed tool maintain the condition for5s.(See the figure below)
50 20 (Unit : mm) F (Apply force)
Loading at Appearance There should be nonsignificant High temperature abnormality. L.C Less than 200% of initial limit C / C Df (tan ) Within + 20% of initial value - 150% of initial limit less than
Terminal strength Capacitance The measured value should be stable. Appearance There should nonsignificant abnormality.
R230 1mm
thickness=1.6mm
45
45
Adhesiveness
The terminal should not come off.
Apply force of 5N in the two directions shown + in the figure below for 10 - 1s after mounting the terminal on a circuit board.
product
C105
Apply force
YAA
a circuit board
Dimensions Resistance to solvents Solderability
Refer to "External dimensions" The indication should be clear 3/4 or more surface area of the solder coated terminal dipped in the soldering bath should be covered with the new solder.
Measure using a caliper of JISB 7507 Class 2 or higher grade. + Dip in the isopropyl alcohol for 30-5s, at room temperature. Dip speed=25 + 2.5mm / s - Pre-treatment(accelerated aging): Leave the sample on the boiling distilled water for 1 h. Solder temp. : 245 + 5 C . - : 3 + 0.5s Duration - : M705 Solder : Rosin25% Flux IPA75% Frequency : 10 to 55 to 10Hz/min. Amplitude : 1.5mm Time : 2h each in X and Y directions Mounting : The terminal is soldered on a print circuit board.
Vibration
Capacitance Measure value should not fluctuate during the measurement. Appearance There should no significant abnormality.
www.rohm.com c 2009 ROHM Co., Ltd. All rights reserved.
4/5
2009.01 - Rev.E
TCO Series B Case
Standard list, TCO series
< B case : 3528 size > Rated Voltage 85C (V) TCO TCO TCO TCO TCO TCO B 0G 157 M B 0J 336 M B 0J 476 M B 0J 107 M B 1A 336 M B 1A 476 M 4 6.3 6.3 6.3 10 10 Category Voltage 105C (V) 3.2 5 5 5 8 8 Surge Voltage 85C (V) 5 8 8 8 13 13 Cap. 120Hz Df ESR Tolerance Leakage 120Hz 100kHz Current (%) 25C 1WV 5min 25C 105C (m) -55C (A) (%) 85C + 20 - + 20 - + 20 - + 20 - + - 20 + 20 - 60 21 30 63 33 47 8 8 8 8 8 8 8 8 8 8 8 8 12 12 12 12 12 12 150 150 150 150 150 150
Data Sheet
Part No.
(F) 150 33 47 100 33 47
Packaging specifications
Tape [ B case ] Reek [ B case ]
1.750.1
+1.0 9.0 0
1.5 A B
+0.1 -0
t1
3.50.05
11.4+1.0 -
8.00.2
Chip t2
13+0.2 -
4.00.1
4.00.1
Pull-out direction
2.00.05
Unit : [mm] Case B A+0.1 - 3.3 B+0.1 - 3.8 t1 + 0.05 - 0.25 t2 +0.1 - 2.2 Pull direction Labelsticling position
EIAJ ET-7200B compatible
Packaging style
Case code B package Taping Packaging style plastic taping 180mmReel Symbol Basic ordering units R 2,000pcs
Damp proof package
One reel is packed in aluminum bag. The size of aluminum bag is 240(a) x 250(b)mm. The size up to 230(c)mm is to zipper. A desiccant is packed with a reel. The aluminum bag is heat-sealed. The label of the same as the label on the reel is placed on the aluminum bag.
C
b
a
www.rohm.com c 2009 ROHM Co., Ltd. All rights reserved.
5/5
0 180 -1.5
60 +1 0
2009.01 - Rev.E
Appendix
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM CO.,LTD. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact your nearest sales office.
ROHM Customer Support System
www.rohm.com
Copyright (c) 2009 ROHM Co.,Ltd.
THE AMERICAS / EUROPE / ASIA / JAPAN
Contact us : webmaster @ rohm.co. jp
21 Saiin Mizosaki-cho, Ukyo-ku, Kyoto 615-8585, Japan
TEL : +81-75-311-2121 FAX : +81-75-315-0172
Appendix-Rev4.0


▲Up To Search▲   

 
Price & Availability of TCOB0E107M8R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X