Part Number Hot Search : 
T240A CP5002 CAT93C5 RD27MW C2012X7 C5187ZJ ONDUC 74LS15
Product Description
Full Text Search
 

To Download TC7WPB9306FC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC7WPB9306,9307FC/FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WPB9306FC,TC7WPB9307FC TC7WPB9306FK,TC7WPB9307FK
Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
The TC7WPB9306 and TC7WPB9307 are CMOS 2-bit dual-supply bus switches that can provide an interface between two nodes at different voltage levels. These devices can be connected to two independent power supplies. VCCA supports 1.8-V, 2.5-V and 3.3-V power supplies, whereas VCCB supports 2.5-V, 3.3-V and 5.0V power supplies. Bidirectional level-shifting is possible by simply adding external pull-up resistors between the An/Bn data lines and the VCCA / VCCB supplies. There is no restriction on the relative magnitude of the An and Bn voltages; both the An and Bn data lines can be pulled up to arbitrary power supplies. The enable signal can be used to disable the device so that the buses are effectively isolated. The Output Enable ( OE :TC7WPB9307, OE:TC7WPB9306) input is common for all the two-bits of the data lines; thus these device are used as a single two-bits bus switch. For the TC7WPB9306, Output Enable (OE) is active-High: When OE is High, the switch is on; when Low, the switch is off. For the TC7WPB9307, Output Enable ( OE ) is active-Low: When OE is Low, the switch is on; when High, the switch is off. The TC7WPB9306 and TC7WP9307 supports power-down protection at the OE ,OE input, with OE ,OE being 5.5-V tolerant. The channels consist of n-type MOSFETs. All the inputs provide protection against electrostatic discharge. TC7WPB9306FC,TC7WPB9307FC
TC7WPB9306FK,TC7WPB9307FK
Weight CSON8-P-0.4 SSOP8-P-0.50A
: 0.002 g (typ.) : 0.01 g (typ.)
Features
* * * * * * Operating voltage:1.8-V to 2.5-V, 1.8-V to 3.3-V, 1.8-V to 5.0-V, 2.5-V to 3.3-V, 2.5-V to 5.0-V or 3.3-V to 5.0-V bidirectional interface Operating voltage: VCCA = 1.65 to 5.0 V, VCCB = 2.3 to 5.5 V Low ON-resistance: RON = 5.0 (typ.) (ON-resistance test circuit: VIS = 0 V, IIS = 30 mA, VCCA= 3.0 V , VCCB = 4.5 V) ESD performance: Machine model 200 V Human body model 2000 V 5.5-V tolerance and power-down protection at the Output Enable input. Packages: CST8,US8
1
2009-03-03
TC7WPB9306,9307FC/FK
Pin Assignment (top view)
TC7WPB9306FC
VCCB 8 B1 7 B2 6 OE 5 VCCB B1 8 7 B2 6 OE 5
TC7WPB9306FK
VCCB 8 B1 7 B2 6 OE 5
Top view
1 VCCA 2 A1 3 4 A2 GND
P936
1 2 VCCA A1 3 4 A2 GND
WPB 936
1 2 VCCA A1 3 4 A2 GND
TC7WPB9307FC
VCCB B1 8 7 B2 6 OE 5 VCCB B1 8 7 B2 6 OE 5
TC7WPB9307FK
VCCB B1 8 7 B2 6 OE 5
Top view
1 2 VCCA A1 3 4 A2 GND
P937
1 2 VCCA A1 3 4 A2 GND
WPB 937
1 2 VCCA A1 3 4 A2 GND
Truth Table
Inputs(9306) OE Function Inputs(9307)
OE L H
Function A port = B port Disconnect
L H
Disconnect A port = B port
Circuit Schematic
TC7WPB9306
VCCA VCCB VCCA
TC7WPB9307
VCCB
OE
Gate level converter
OE
Gate level converter
A1
B1
A1
B1
A2
B2
A2
B2
2
2009-03-03
TC7WPB9306,9307FC/FK
Absolute Maximum Ratings (Note)
Characteristics Power supply voltage Control input voltage Switch input/output voltage Clump diode current Switch input/output current DC VCC/ground current per supply pin Symbol VCCA VCCB VIN VS IIK IS ICCA ICCB PD Tstg Rating
-0.5 to 7.0 -0.5 to 7.0 -0.5 to 7.0 -0.5 to 7.0 -50
Unit V V V mA mA mA
64
25 25
Power dissipation Storage temperature
150(CSON8) 200(SSOP8)
-65 to 150
mW C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Operating Ranges (Note 1)
Characteristics Power supply voltage (Note 2) Control input voltage Switch input/output voltage Operating temperature Control input rise and fall times Symbol VCCA VCCB VIN VS Topr dt/dv Rating 1.65 to 5.0 2.3 to 5.5 0 to 5.5 0 to 5.5
-40 to 85
Unit V V V C ns/V
0 to 10
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs and bus inputs must be tied to either VCCA or GND. Note 2: The VCCA voltage must be lower than the VCCB voltage.
3
2009-03-03
TC7WPB9306,9307FC/FK
Application Circuit
VCCB VCCA TC7WPB9306 TC7WPB9307 VCCA Rpu VCCA Rpu A1 A2 GND B1 B2 OE,OE TC7WPB 9306 ON OFF TC7WPB 9307 OFF ON VCCB Rpu Rpu VCCB
System
System
An and Bn can be used for bidirectional signal transmission.
Figure 1
Application Circuit Diagram
The VCCA voltage must be lower than the VCCB voltage. Level-shifting functionality is enabled by adding pull-up resistors from An to VCCA or VCCB and from Bn to VCCB or VCCA, respectively.
4
2009-03-03
TC7WPB9306,9307FC/FK
Electrical Characteristics
DC Characteristics (Ta = -40 to 85C)
Characteristics Symbol Test Condition VCCA (V) VCCB (V) Ta = -40 to 85C Min 1.65 VCCA < 2.3 High-level Control input voltage Low-level VIL
Unit
Max

VCCA to 5.5 VCCA to 5.5 VCCA to 5.5 VCCA to 5.5 2.3 3.0 4.5 0 VCCA to 5.5 VCCA to 5.5 5.0 VCCA VCCA VCCA VCCA
VIH
0.8x VCCA 0.7x VCCA

2.3 VCCA < 5.0 1.65 VCCA < 2.3 2.3 VCCA < 5.0 1.65
0.2x VCCA 0.3x VCCA 16.0 11.0 8.0
1.0 1.0 1.0
V
ON-resistance
(Note)
RON
VIS = 0 V, IIS = 30 mA (Figure 2) An,Bn=0 to 5.5 V (per circuit) An,Bn=0 to 5.5 V
2.3 3.0
Power off leakage current Switch-off leakage current Control input current leakage current form VCCB to VCCA
IOFF ISZ IIN ICCBA ICCA1
0 1.65 to 5.0 1.65 to 5.0 3.3 1.65 to 5.0 1.65 to 5.0 1.65 to 5.0 1.65 to 5.0
A A A A
OE = VL ,OE=GND
OE = 0 to 5.5V
OE = 0 or VCCA VCCB VCCA
OE = VCCA or GND, IS=0 A
10.0 1.0 1.0
1.0 1.0
Quiescent supply current
ICCB1 ICCA2 ICCB2
OE = VCCA or GND, IS=0 A
VCCA OE 5.5 V, IS=0 A VCCA OE 5.5 V, IS=0 A
A
Note: ON-resistance is measured by measuring the voltage drop across the switch at the indicated current.
Level Shift Characteristics (Ta = -40 to 85C)
Characteristics Symbol Test Condition VCCA (V) 1.65 2.3 3.0 1.65 2.3 3.0 VCCB (V) 3.0 to 5.5 4.5 to 5.5 4.5 to 5.5 3.3 to 5.5 4.5 to 5.5 4.5 to 5.5 Ta = -40 to 85C Min Input/Output Characteristics (Up Translation) (Note 1) Input/Output Characteristics (Down Translation) (Note 2) VOHD VOHU An = VIN SW = ON (Figure 7) An = VCCA SW = ON (Figure 9) 1.4 2.05 2.7 1.3 1.95 2.6 Max

Unit
1.65 2.3 3.0
V
Note 1: The Input/Output Characateristics for up translation indicate the input voltages required to provide VCCA + 0.5 V on the outputs when measured using the test circuitry shown in Figure 7. Note 2: The Input/Output Characateristics for down translation indicate the voltages that cause the output voltages to saturate when measured using the test circuitry shown in Figure 9.
5
2009-03-03
TC7WPB9306,9307FC/FK
AC Characteristics (Ta = -40 to 85C, Input: tr = tf = 2.0 ns,f=10kHz)
VCCA= 3.3 0.3 V, VCCB= 5.0 0.5 V
Characteristics Propagation delay time (Bus to Bus) Propagation delay time (Bus to Bus) Output enable time Output disable time Symbol tpLH Test Condition Figures 3 and 5 (Note) Min
Max 0.3
Unit
tpHL tpZL tpLZ
Figures 3 and 5 Figures 4 and 6 Figures 4 and 6
(Note)

1.2 9.0 11.0
ns
Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On resistance of the switch and the 30 pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
VCCA= 2.5 0.2 V, VCCB= 5.0 0.5 V
Characteristics Propagation delay time (Bus to Bus) Propagation delay time (Bus to Bus) Output enable time Output disable time Symbol tpLH Test Condition Figures 3 and 5 (Note) Min
Max 0.35
Unit
tpHL tpZL tpLZ
Figures 3 and 5 Figures 4 and 6 Figures 4 and 6
(Note)

1.8 13.0 15.0
ns
Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On resistance of the switch and the 30 pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
VCCA = 2.5 0.2 V, VCCB= 3.3 0.3 V
Characteristics Propagation delay time (Bus to Bus) Propagation delay time (Bus to Bus) Output enable time Output disable time Symbol tpLH Test Condition Figures 3 and 5 (Note) Min
Max 0.45
Unit
tpHL tpZL tpLZ
Figures 3 and 5 Figures 4 and 6 Figures 4 and 6
(Note)

2.2 17.0 19.0
ns
Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On resistance of the switch and the 30 pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
Capacitive Characteristics (Ta = 25C)
Characteristics Control input capacitance Switch input/output capacitance Symbol CIN CI/O SW=ON SW=OFF Test Condition VCCA (V) 3.3 3.3 3.3 VCCB (V) 3.3 3.3 3.3 Typ. 3 14 7 pF Unit
6
2009-03-03
TC7WPB9306,9307FC/FK
DC Test Circuit
VCCA VCCA A1(B1) VCCB B1(A1) IIS VCCB
A2 GND
V
B2 OE:L OE:H
Ron =
V IIS
OE,OE
Figure 2
ON-resistance Test Circuits
AC Test Circuits
tpLH,HL
VCCA VCCA RL=1k Measure CL=30pF A1(B1) A2 GND B1(A1) B2 OE,OE OE:L OE:H Input Input A1(B1) A2 GND B1(A1) B2 OE,OE OE:L OE:H VCCB VCCB VCCA VCCA VCCB RL=1k Measure CL=30pF VCCB
Figure 3 tpLZ,ZL
VCCA VCCA RL=1k Measure CL=30pF A1(B1) A2 GND B1(A1) B2 OE,OE VCCB
tpLH, tpHL Test Circuits
VCCB
VCCA VCCA VCCB
VCCB
RL=1k A1(B1) A2 GND B1(A1) B2 OE,OE Measure CL=30pF
Input
Input
Figure 4
tpLZ, tpZL Test Circuits
7
2009-03-03
TC7WPB9306,9307FC/FK
AC Waveform
tr 2.0 ns Input (An, Bn) tf 2.0 ns 90% 50% 10% VCCA GND VOH 1/2 VCCA tpLH tpHL VOL
Output (Bn, An)
Figure 5
tr 2.0 ns Output Enable Control OE, OE 90% 50% 10% tpLZ Output (An or Bn) Low to off to Low Outputs enabled
tpLH, tpHL
tf 2.0 ns VCCA GND tpZL VOH 50%
10% Outputs disabled Outputs enabled
Figure 6
tpLZ, tpZL
8
2009-03-03
TC7WPB9306,9307FC/FK
Level Shift Function (Used Pull-up Resistance)
VCCA VCCA VCCB RL=1k A1(B1) VIN A2 GND B1(A1) B2 OE,OE OE:L OE:H VM VOH VCCB
Figure 7
Test Circuit
6.0 5.0 VOH (V)
VCCA=1.8V , Ta=25
VCCB=5.5V
6.0 5.0 VOH (V) 4.0 3.0 2.0 1.0 0.0 0 1 2
VCCA=2.3V , Ta=25
VCCB=5.5V
4.0 3.0 2.0 1.0 0.0 0 1 2 3 VIN (V) 4 5 6
VCCB=3.0V VCCB=2.3V
VCCB=3.3V
3 VIN (V)
4
5
6
6.0 5.0
VCCA=3.0V , Ta=25
VCCB=5.5V VCCB=4.5V
VOH (V)
4.0 3.0 2.0 1.0 0.0 0 1 2 3 VIN (V) 4 5 6
Figure 8
Input/Output Characteristics (Typ.)
9
2009-03-03
TC7WPB9306,9307FC/FK
Level Shift Function (Unused Pull-up Resistance)
VCCA VCCA VCCB VCCB
A1(B1) VIN A2 GND
B1(A1) B2 OE,OE OE:L OE:H VM 1A
VOH
Figure 9
Test Circuit
3.0 2.5 VOH (V)
VCCA=1.8V , Ta=25
3.0 2.5
VCCA=2.3V , Ta=25
VCCB=5.5V VCCB=5.5V VCCB=3.0V VCCB=2.3V
VOH (V)
2.0 1.5 1.0 0.5 0.0 0 1 2 3 VIN (V) 4 5
2.0 1.5 1.0 0.5 0.0 0 1 2 3 VIN (V) 4 5
VCCB=3.3V
6
6
3.0 2.5 VOH (V) 2.0 1.5 1.0 0.5 0.0 0 1 2
VCCA=3.0V , Ta=25
VCCB=5.5V VCCB=4.5V
3 VIN (V)
4
5
6
Figure 10
Input/Output Characteristics (Typ.)
10
2009-03-03
TC7WPB9306,9307FC/FK
Package Dimensions
Weight: 0.002 g (typ.)
11
2009-03-03
TC7WPB9306,9307FC/FK
Package Dimensions
Weight: 0.01 g (typ.)
12
2009-03-03
TC7WPB9306,9307FC/FK
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before creating and producing designs and using, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application that Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
13
2009-03-03


▲Up To Search▲   

 
Price & Availability of TC7WPB9306FC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X