Part Number Hot Search : 
MTP75 1N5969D MMBT9 IW4520BN SGC6389Z BTA06 23701210 MMBT9
Product Description
Full Text Search
 

To Download T525T336M008AE080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CONDUCTIVE POLYMER CHIP CAPACITORS
T525 SERIES - High Temperature
FEATURES
Polymer Cathode Technology 125C Maximum Temperature Capability High Frequency Capacitance Retention Non-Ignition Failure Mode Capacitance: 33 - 680F Voltage: 2.5 to 16 volts Use up to 90% of Rated Voltage (10% Derating) for part types 10 Volts * Use up to 80% of Rated Voltage (20% Derating) for part types >10 Volts * * * * * * * * * * * * * * * Operating Temperature -55C to +125C 100% Accelerated Steady State Aging 100% Surge Current Testing Self-Healing Mechanism Volumetrically Efficient Extremely Stable ESR at 125C EIA Standard Case Size RoHS Compliant / Leadfree Termination (See www.kemet.com for lead transition)
OUTLINE DRAWING
CATHODE (-) END VIEW W SIDE VIEW B B H K X S T G S R P
Termination cutout at KEMETs Option, either end
ANODE (+) END VIEW
BOTTOM VIEW
E A L
F
DIMENSIONS - MILLIMETERS
Case Size KEMET T B D EIA 3528-12 3528-21 7343-31 L 3.5 0.2 3.5 0.2 7.3 0.3 W 2.8 0.2 2.8 0.2 4.3 0.3 H 1.2 max. 1.9 0.1 2.8 0.3 F 0.1 2.2 2.2 2.4 S 0.3 0.8 0.8 1.3 X (Ref) 0.05 0.10 0.10 0.10 0.10 T (Ref) 0.13 0.13 0.13 A (Min) 1.1 1.1 3.8 G (Ref) E (Ref) 1.8 1.8 3.5 2.2 2.2 3.5
RECOMMENDED TEMPERATURE/VOLTAGE DERATING
T525 Temperature/Application Recommended Voltage Derating
100%
100% 100% 100% 100%
T525 Rated Voltage with temperature derating T525 Recommended Application Voltage with temperature derating (Vr<10VDC) T525 Recommended Application Voltage with temperature derating (Vr>10VDC)
90% % Rated Voltage
90%
90%
90%
90%
80%
80%
80%
80%
80%
70%
67%
60%
60% 53%
50% -55 25 85 Temperature ( C) 105 125
COMPONENT MARKING
KEMET High Temperature Tantalum Polymer (KT) Rated Voltage
KT 477 4K 504
504=4th week of 2005
Polarity Indicator (+) (Solid Stripe) Picofarad Code KEMET I.D. Symbol PWC
54
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CONDUCTIVE POLYMER CHIP CAPACITORS
T525 SERIES - High Temperature
T525 RATINGS & PART NUMBER REFERENCE
Rated Voltage (V) Rated Capacitance (F) Case Code/ Case Size KEMET Part Number DC Leakage A @ 20C max/5min DF% @ 20C 120 Hz Max ESR m @ 20C 100 kHz Max
Maximum allowable ripple current (mArms) 100kHz*
MSL Reflow Temp 260C
2.5
100 330 470 680 100 150
T/3528-12 D/7343-31 D/7343-31 D/7343-31 B/3528-20 B/3528-20 D/7343-31 D/7343-31 D/7343-31 T/3528-12 B/3528-20 B/3528-20 D/7343-31 D/7343-31 D/7343-31 D/7343-31 B/3528-20 T/3528-12 B/3528-20 B/3528-20 B/3528-20 D/7343-31 D/7343-31 D/7343-31 D/7343-31 T/3528-12 B/3528-20 T/3528-12 B/3528-20 D/7343-31 D/7343-31 D/7343-31 D/7343-31 D/7343-31 D/7343-31 D/7343-31
T525T107M2R5A(1)E080 T525D337M2R5A(1)E025 T525D477M2R5A(1)E025 T525D687M2R5A(1)E025 T525B107M003A(1)E080 T525B157M003A(1)E080 T525D337M003A(1)E025 T525D477M003A(1)E025 T525D687M003A(1)E025 T525T686M004A(1)E080 T525B686M004A(1)E080 T525B107M004A(1)E080 T525D227M004A(1)E025 T525D337M004A(1)E025 T525D477M004A(1)E025 T525D477M004A(1)E040 T525B336M006A(1)E080 T525T476M006A(1)E080 T525B476M006A(1)E070 T525B476M006A(1)E080 T525B686M006A(1)E080 T525D157M006A(1)E025 T525D227M006A(1)E025 T525D337M006A(1)E025 T525D337M006A(1)E040 T525T336M008A(1)E080 T525B226M010A(1)E080 T525T336M010A(1)E080 T525B336M010A(1)E080 T525D107M010A(1)E025 T525D107M010A(1)E055 T525D157M010A(1)E025 T525D157M010A(1)E055 T525D227M010A(1)E025 T525D476M016A(1)E035 T525D476M016A(1)E065
25 83 118 170 30 45 99 141 204 27 28 40 88 132 188 188 21 30 30 30 43 95 139 208 208 26 22 33 33 100 100 150 150 220 76 76
8.0 10.0 10.0 10.0 8.0 8.0 10.0 10.0 10.0 8.0 8.0 8.0 10.0 10.0 10.0 10.0 8.0 8.0 8.0 8.0 8.0 10.0 10.0 10.0 10.0 8.0 8.0 8.0 8.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
80 25 25 25 80 80 25 25 25 80 80 80 25 25 25 40 80 80 70 80 80 25 25 25 40 80 80 80 80 25 55 25 55 25 35 65
1100 3000 3000 3000 1300 1300 3000 3000 3000 1100 1300 1300 3000 3000 3000 2400 1300 1100 1300 1300 1300 3000 3000 3000 2400 1100 1300 1100 1300 3000 2000 3000 2000 3000 2500 1900
3
3
330 470 680 68 68 100
3
4
220 330 470 470 33 47 47 47
3
6.3
68 150 220 330 330
3
8
33 22 33 33 100 100 150 150 220 47 47
3
10
3
16
3
(1) To complete KEMET Part Number, insert lead material designation for ordering information below. Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET'S option. Voltage substitutions will be marked with the higher voltage rating.
*100kHz to 500kHz, 45 C
T525 ORDERING INFORMATION T 525 D 337 M 006 A T E040
Tantalum Series
T525 - High Temperature Tantalum Polymer (KT) Expressed in milliohms T - 100% Tin H - Tin/Lead (SnPb 5% Pb minimum)
ESR
Lead Material Failure Rate
Case Size
B, D, T
Capacitance Picofarad Code
First two digits represent significant figures. Third digit specifies number of zeros to follow.
A - Not Applicable
Voltage
Note: 006 - 6.3
Capacitance Tolerance
M = 20% (c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
55
Conductive Polymer Surface Mount
TANTALUM AND ALUMINUM CHIP CAPACITORS
Packaging Information
Tape & Reel Packaging
KEMET's Molded Tantalum and Aluminum Chip Capacitor families are packaged in 8 mm and 12 mm plastic tape on 7" and 13" reels, in accordance with EIA Standard 481-1: Taping of Surface Mount Components for Automatic Handling. This packaging system is compatible with all tape fed automatic pick and place systems.
Right Hand Orientation Only
Embossed Carrier
(+)
(-)
Embossment
8mm (0.315") or 12mm (0.472")
Top Tape Thickness .10mm (.004") Max Thickness
180mm (7.0") or 330mm (13.0")
Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
QUANTITIES PACKAGED PER REEL
Case Code KEMET R I S T M U L W Z V A B C D Y X E EIA 2012 12 3216 10 3216 12 3528 12 3528 15 6032 15 6032 19 7343 15 7343 17 7343 20 3216 18 3528 21 6032 28 7343 31 7343 40 7343 43 7260 38 Tape Width-mm 8 8 8 8 8 12 12 12 12 12 8 8 12 12 12 12 12 7" Reel* 2,500 3,000 2,500 2,500 2,000 1,000 1,000 1,000 1,000 1,000 2,000 2,000 500 500 500 500 500 13" Reel 10,000 12,000 10,000 10,000 8,000 5,000 5,000 3,000 3,000 3,000 9,000 8,000 3,000 2,500 2,000 2,000 2,000
* No c-spec required for 7" reel packaging. C-7280 required for 13" reel packaging.
92
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum. 2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be: Tape Width Peel Strength 8 mm 0.1 Newton to 1.0 Newton (10g to 100g) 12 mm 0.1 Newton to 1.3 Newton (10g to 130g) The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with C-7280). Note that 13" reels are preferred. 4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
Table 1 -- EMBOSSED TAPE DIMENSIONS (Metric will govern) Constant Dimensions -- Millimeters (Inches)
Tape Size 8 mm and 12 mm D0 E P0 4.0 0.10 (0.157 0.004) P2 2.0 0.05 (0.079 0.002) T Max 0.600 (0.024) T1 Max 0.100 (0.004) 1.5 1.75 0.10 +0.10 -0.0 (0.059 (0.069 0.004) +0.004, -0.0) Pitch Single (4 mm) B1 Max. Note 1 4.4 (0.173) 12 mm Double (8 mm) 8.2 (0.323) D1 Min. Note 2 1.0
Variable Dimensions -- Millimeters (Inches)
Tape Size 8 mm F 3.5 0.05 P1 4.0 0.10 R Min. Note 3 25.0 T2 Max 2.5 (0.098) W 8.0 0.30 (.315 0.012) A0B0K0 Note 4
(0.039) (0.138 0.002) 1.5 5.5 0.05 (0.059) (0.217 0.002)
(0.157 0.004) (0.984) 8.0 0.10 30.0 (0.315 0.004) (1.181)
4.6 12.0 0.30 (0.181) (0.472 0.012)
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only. 2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment location and hole location shall be applied independent of each other. 3. Tape with components shall pass around radius "R" without damage (see sketch A). The minimum trailer length (Fig. 2) may require additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2) 4. The cavity defined by A0, B0, and K0 shall be configured to surround the part with sufficient clearance such that the chip does not protrude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.)
94
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information Embossed Carrier Tape Configuration (cont.)
20
Sketch D: Tape Camber (Top View)
1mm (0.039) Max.
250mm (9.843) Allowable camber to be 1 mm/250 mm.
1mm (0.039) Max.
400mm (15.75) Min.
Figure 2: Tape Leader & Trailer Dimensions (Metric Dimensions Will Govern)
Figure 3: Reel Dimensions (Metric Dimensions will govern)
Table 2 - REEL DIMENSIONS (Metric will govern)
Tape Size 8 mm A Max 330.0 (12.992) B* Min 1.5 (0.059) C 13.0 0.20 (0.512 0.008) D* Min 20.2 (0.795) N Min 50.0 (1.969) See Note 3 Table 1 W1 8.4 +1.5, -0.0 (0.331 +0.059, -0.0) 12.4 +2.0, -0.0 (0.488 +0.078, -0.0) W2 Max 14.4 (0.567) W3 7.9 Min (0.311) 10.9 Max (0.429) 11.9 Min (0.469) 15.4 Max (0.606)
12 mm
330.0 (12.992)
1.5 (0.059)
13.0 0.20 (0.512 0.008)
20.2 (0.795)
18.4 (0.724)
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
95
Packaging


▲Up To Search▲   

 
Price & Availability of T525T336M008AE080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X