Part Number Hot Search : 
ATU18600 BD6220 67401J 2500T SPGDS1 10F12A 51106 F063P
Product Description
Full Text Search
 

To Download STD5NM6008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD5NM60 STB8NM60 - STP8NM60
N-channel 650 V@Tjmax, 0.9 , 8 A MDmeshTM Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
Features
Type STD5NM60 STD5NM60-1 STB8NM60 STP8NM60 STP8NM60FP

VDSS 650 V 650 V 650 V 650 V 650 V
RDS(on) <1 <1 <1 <1 <1
ID 5A 5A 5A 8A 8 A(1)
Pw
3
96 W 96 W 100 W 100 W 30 W
1
DPAK
3 1
3
TO-220FP DPAK
3
3 1 2
1
2
100% avalanche tested HIgh dv/dt and avalanche capabilities Low input capacitance and gate charge Low gate input resistance Figure 1. TO-220
2 1
IPAK
Application
Internal schematic diagram
Switching applications
Description
The MDmeshTM is a new revolutionary Power MOSFET technology that associates the multiple drain process with the company's PowerMESHTM horizontal layout. The resulting product has an outstanding low on-resistance, impressively high dv/dt and excellent avalanche characteristics. The adoption of the company's proprietary strip technique yields overall dynamic performance that is significantly better than that of similar competition's products. Table 1. Device summary
Order codes STD5NM60-1 STD5NM60T4 STB8NM60T4 STP8NM60 STP8NM60FP Marking D5NM60 D5NM60 B8NM60 P8NM60 P8NM60FP Package IPAK DPAK DPAK TO-220 TO-220FP Packaging Tube Tape & reel Tape & reel Tube Tube
October 2008
Rev 17
1/18
www.st.com 18
Electrical ratings
STP8NM60, STD5NM60, STB8NM60
1
Electrical ratings
Table 1. Absolute maximum ratings
Value Symbol Parameter TO-220 DPAK VGS ID ID IDM(2) PTOT dv/dt(3) VISO TJ Tstg Gate-source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC=100 C Drain current (pulsed) Total dissipation at TC = 25 C Derating factor Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1 s;TC=25 C) Operating junction temperature Storage temperature -8 5 32 100 0.8 TO-220FP 30 8(1) 5 (1) 32 (1) 30 0.24 15 2500 -5 3.1 (1) 20 (1) 96 0.0.4 IPAK DPAK V A A A W W/C V/ns V Unit
-55 to 150
C
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 5 A, di/dt 400 A/s, VDD = 80%V(BR)DSS
Table 2.
Thermal resistance
Value
Symbol
Parameter
TO-220 DPAK
IPAK DPAK 1.3 62.5 300
Unit TO-220FP 4.16 C/W C/W C
Rthj-case Rthj-a Tl
Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose
1.25
Table 3.
Symbol IAS EAS
Avalanche data
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj Max) Single pulse avalanche energy (starting Tj=25 C, ID=IAS, VDD=50 V) Value 2.5 200 Unit A mJ
2/18
STP8NM60, STD5NM60, STB8NM60
Electrical characteristics
2
Electrical characteristics
(TCASE = 25 C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250 A, VGS= 0 VDS = max rating, VDS = max rating @125 C VGS = 20 V VDS = VGS, ID = 250 A VGS= 10 V, ID= 2.5 A 3 4 0.9 Min. 600 1 10
100
Typ.
Max.
Unit V A A nA V
5 1
Table 5.
Symbol gfs Ciss Coss Crss
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Test conditions VDS = ID(on) x RDS(on)max, ID = 2.5 A VDS = 25 V, f=1 MHz, VGS=0 Min. Typ. 2.4 400 100 10 50 13 5 6 18 Max. Unit S pF pF pF pF nC nC nC
Coss eq(1). Equivalent output capacitance Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge
VGS=0, VDS =0 to 480 V VDD= 400 V, ID = 5 A VGS =10 V (see Figure 12)
1. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
3/18
Electrical characteristics
STP8NM60, STD5NM60, STB8NM60
Table 6.
Symbol td(on) tr td(off) tf tr(Voff) tf tc
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Off-voltage rise time Fall time Cross-over time Test conditions VDD= 300 V, ID= 2.5 A, RG= 4.7 , VGS=10 V (see Figure 17) Min. Typ. 14 10 23 10 7 10 17 Max. Unit ns ns ns ns ns ns ns
VDD= 480 V, ID= 5 A, RG= 4.7 , VGS=10 V
Table 7.
Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 5A, VGS=0 ISD = 5 A, VDD=100 V di/dt = 100 A/s, (see Figure 22) ISD = 5 A, VDD = 100 V di/dt = 100 A/s, Tj=150 C (see Figure 22) 300 1.95 13 445 3.00 13.5 Test conditions Min. Typ. Max. 8 32 1.5 Unit A A V ns C A ns C A
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration=300s, duty cycle 1.5%
4/18
STP8NM60, STD5NM60, STB8NM60
Electrical characteristics
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area for TO-220/ DPAK Figure 3. Thermal impedance for TO-220/ DPAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Safe operating area for DPAK/IPAK Figure 7.
Thermal impedance for DPAK/IPAK
5/18
Electrical characteristics Figure 8. Output characteristics Figure 9.
STP8NM60, STD5NM60, STB8NM60 Transfer characteristics
Figure 10. Transconductance
Figure 11. Static drain-source on resistance
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations
6/18
STP8NM60, STD5NM60, STB8NM60 Figure 14. Normalized gate threshold voltage vs temperature
Electrical characteristics Figure 15. Normalized on resistance vs temperature
Figure 16. Source-drain diode forward characteristics
7/18
Test circuit
STP8NM60, STD5NM60, STB8NM60
3
Test circuit
Figure 18. Gate charge test circuit
Figure 17. Switching times test circuit for resistive load
Figure 19. Test circuit for inductive load Figure 20. Unclamped inductive load test switching and diode recovery times circuit
Figure 21. Unclamped inductive waveform
Figure 22. Switching time waveform
8/18
STP8NM60, STD5NM60, STB8NM60
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
9/18
Package mechanical data
STP8NM60, STD5NM60, STB8NM60
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.48 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
10/18
STP8NM60, STD5NM60, STB8NM60
Package mechanical data
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
G
11/18
Package mechanical data
STP8NM60, STD5NM60, STB8NM60
DPAK (TO-263) mechanical data
mm Dim Min A A1 b b2 c c2 D D1 E E1 e e1 H J1 L L1 L2 R V2 4.40 0.03 0.70 1.14 0.45 1.23 8.95 7.50 10 8.50 2.54 4.88 15 2.49 2.29 1.27 1.30 0.4 0 8 0 5.28 15.85 2.69 2.79 1.40 1.75 0.192 0.590 0.099 0.090 0.05 0.051 Typ Max 4.60 0.23 0.93 1.70 0.60 1.36 9.35 10.40 Min 0.173 0.001 0.027 0.045 0.017 0.048 0.352 0.295 0.394 0.334
inch Typ Max 0.181 0.009 0.037 0.067 0.024 0.053 0.368 0.409 0.1 0.208 0.624 0.106 0.110 0.055 0.069 0.016 8
0079457_M
12/18
STP8NM60, STD5NM60, STB8NM60
Package mechanical data
TO-251 (IPAK) mechanical data
mm. DIM. A A1 b b2 b4 c c2 D E e e1 H L (L1) L2 V1 9.00 0.80 0.80 10 o 4.40 16.10 9.40 1.20 5.20 0.45 0.48 6.00 6.40 2.28 4.60 min. 2.20 0.90 0.64 typ max. 2.40 1.10 0.90 0.95 5.40 0.60 0.60 6.20 6.60
0068771_H
13/18
Package mechanical data
STP8NM60, STD5NM60, STB8NM60
TO-252 (DPAK) mechanical data
DIM. A A1 A2 b b4 c c2 D D1 E E1 e e1 H L L1 L2 L4 R V2 0o 0.60 0.20 8o 4.40 9.35 1 2.80 0.80 1 6.40 4.70 2.28 4.60 10.10 mm. min. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 5.10 6.60 typ max. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20
0068772_G
14/18
STP8NM60, STD5NM60, STB8NM60
Packaging mechanical data
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
15/18
Packaging mechanical data
STP8NM60, STD5NM60, STB8NM60
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
16/18
STP8NM60, STD5NM60, STB8NM60
Revision history
6
Revision history
Table 8.
Date 14-Apr-2004 11-Apr-2005 21-Feb-2006 08-Sep-2006 14-Sep-2006 09-Jul-2007 01-Oct-2008
Document revision history
Revision 11 12 13 14 15 16 17 Title changed Inserted DPAK New template Modified order codes Corrected Figure 6.: Safe operating area for DPAK/IPAK Qrr value in Table 7.: Source drain diode has been updated 4: Package mechanical data updated Changes
17/18
STP8NM60, STD5NM60, STB8NM60
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
18/18


▲Up To Search▲   

 
Price & Availability of STD5NM6008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X