Part Number Hot Search : 
T3906 2SC52 AN2544 CM6504IP CLS5012 E732B APS00B 32100
Product Description
Full Text Search
 

To Download ST2SA1505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2SA1505
PNP Silicon Epitaxial Planar Transistor for switching and AF amplifier applications. The transistor is subdivided into two groups, O and Y, according to its DC current gain. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25 OC) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Base Current Power Dissipation Junction Temperature Storage Temperature Range -VCBO -VCEO -VEBO -IC -IB Ptot Tj TS Value 35 30 5 500 50 150 125 -55 to+125 Unit V V V mA mA mW
O O
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 12/12/2002
ST 2SA1505
Characteristics at Tamb=25 OC Symbol DC Current Gain at -VCE=1V, -IC=100mA Current Gain Group O Y at -VCE=6V, -IC=400mA Collector Cutoff Current at -VCB=35V Emitter Cutoff Current at -VEB=5V Collector Saturation Voltage at -IC=100mA, -IB=10mA Base Emitter Voltage at -IC=100mA, - VCE=1V Gain Bandwidth Product at -VCE=6V, -IC=20mA Output Capacitance at -VCB=6V, f=1MHz COB 13 pF fT 200 MHz -VBE 0.8 1 V -VCE(sat) 0.1 0.25 V -IEBO 0.1 A -ICBO 0.1 A O Y hFE hFE hFE hFE 70 120 25 40 140 240 Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 12/12/2002


▲Up To Search▲   

 
Price & Availability of ST2SA1505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X