Part Number Hot Search : 
C101A 81CNQ040 RL102 STUS020 ARX1009 2N5142 MC74AC1 MC74AC1
Product Description
Full Text Search
 

To Download SSM6679GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM6679GM
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PRODUCT SUMMARY
D D D D G
Simple Drive Requirement Low On-resistance Fast Switching Characteristic
BVDSS RDS(ON) ID
-30V 9m -14A
SO-8
S S
S
DESCRIPTION
The advanced power MOSFETs from Silicon Standard Corp. provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SO-8 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters.
D
G S
Pb-free; RoHS-compliant
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current
1 3 3
Rating -30 25 -14 -8.9 -50 2.5 0.02 -55 to 150 -55 to 150
Units V V A A A W W/
Continuous Drain Current Total Power Dissipation Linear Derating Factor
Storage Temperature Range Operating Junction Temperature Range
THERMAL DATA
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 50
Unit /W
08/10/2007 Rev.1.00
www.SiliconStandard.com
1
SSM6679GM
ELECTRICAL CHARACTERISTICS
(TJ=25 C unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
o
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=-250uA
Min. -30 -1 -
Typ. -0.03 26 37 3 25 13 11 58 43 950 640
Max. Units 9 13 -3 -1 -25 100 60 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-10V, ID=-14A VGS=-4.5V, ID=-11A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=-250uA VDS=-10V, ID=-14A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS= 25V ID=-14A VDS=-24V VGS=-4.5V VDS=-15V ID=-1A RG=3.3,VGS=-10V RD=15 VGS=0V VDS=-25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
2860 4580
SOURCE-DRAIN DIODE
Symbol VSD Parameter Forward On Voltage
2 2
Test Conditions IS=-2A, VGS=0V IS=-14A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 48 46
Max. Units -1.2 V ns nC
trr
Qrr
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 125 /W when mounted on Min. copper pad.
08/10/2007 Rev.1.00
www.SiliconStandard.com
2
SSM6679GM
280 150
T A = 25 C
240
o
-10V -7.0V -ID , Drain Current (A)
T A = 150 o C
-10V -7.0V -5.0V -4.5V
-ID , Drain Current (A)
200
100
160
-5.0V -4.5V
120
50
80
V G = -3.0 V
V G = -3.0 V
40
0 0 1 2 3 4 5
0 0 1 2 3 4 5 6
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
14
1.8
I D = -11 A T A =25
12
1.6
I D = -14 A V G =-10V
Normalized R DS(ON)
1.4
RDS(ON) (m)
10
1.2
1.0
8
0.8
6
0.6 3 5 7 9 11 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
3
14
12
10
2
8
6
T j =150 o C
T j =25 o C
-VGS(th) (V)
1 0 -50
-IS(A)
4
2
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
50
100
150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
08/10/2007 Rev.1.00
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3
www.SiliconStandard.com
SSM6679GM
f=1.0MHz
12 10000
-VGS , Gate to Source Voltage (V)
10
I D = - 14 A V DS = -24V
Ciss
8
C (pF)
6
1000
Coss Crss
4
2
0 0 20 40 60 80
100 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
100
1
1ms
10
Normalized Thermal Response (Rthja)
Duty factor=0.5
0.2
0.1
0.1
10ms -ID (A)
1
0.05
100ms 1s
0.1
0.02
PDM
0.01
0.01
Single Pulse
t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=125oC/W
T A =25 C Single Pulse
0.01
o
DC
0.001 0.1 1 10 100 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
08/10/2007 Rev.1.00
Fig 12. Gate Charge Waveform
4
www.SiliconStandard.com
SSM6679GM
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
08/10/2007 Rev.1.00
www.SiliconStandard.com
5


▲Up To Search▲   

 
Price & Availability of SSM6679GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X