Part Number Hot Search : 
M29BU 12K8EC 12K8EC LBN70A58 256710 KP375 MGCT03 13000
Product Description
Full Text Search
 

To Download SS15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS12 thru SS115
Schottky Barrier Rectifiers
PRODUCT SUMMARY
1.0AMP Surface Mount
SMA/DO-214AC
FEATURES
For surface mounted application Easy pick and place Metal to silicon rectifier, majority carrier conduction Low power loss, high efficiency High current capability, low VF High surge current capability Plastic material used carriers Underwriters Laboratory Classification 94V-0 Epitaxial construction High temperature soldering: 260 oC / 10 seconds at terminals
Dimensions in inches and (millimeters)
MECANICAL DATA
Case: JEDEC SMA/DO-214AC Molded plastic Terminals: Pure tin plated, lead free Polarity: Indicated by cathode band Packaging: 12mm tape per EIA STD RS-481 Weight: 0.066 gram
Pb-free; RoHS-compliant
12/12/2007 Rev.1.00
www.SiliconStandard.com
1
SS12 thru SS115
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL(See Fig. 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage o (Note 1) IF= 1.0A @ 25 C o @ 100 C o Maximum DC Reverse Current @ TA =25 C at o Rated DC Blocking Voltage @ TA=125 C Maximum DC Reverse Current at VR=33V o & TA=50 C Typical Junction Capacitance (Note 3) Typical Thermal Resistance ( Note 2 )
Symbol SS 12 20 VRRM 14 VRMS 20 VDC I(AV) IFSM VF IR HTIR Cj
SS 13 30 21 30
SS 14 40 28 40
SS 15 50 35 50
SS 16 60 42 60
SS 19 90 63 90
SS 110 100 70 100
SS Units 115 150 V 105 V 150 V A A
1.0 30 0.5 0.4 0.4 10 50
o
0.75 0.65 5.0
0.80 0.95 0.70 0.85 0.1 2.0 5.0
V mA mA uA pF C/W
o o
R JL 28 88 R JA Operating Temperature Range TJ -65 to +125 -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Pulse Test with PW=300 usec, 1% Duty Cycle 2. Measured on P.C.Board with 0.2" x 0.2" (5.0mm x 5.0mm) Copper Pad Areas. 3. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
C C
12/12/2007 Rev.1.00
www.SiliconStandard.com
2
SS12 thru SS115
RATINGS AND CHARACTERISTIC CURVES
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
1.0 50 RESISTIVE OR INDUCTIVE LOAD SS12- SS14 SS15-SS115 0.5
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
40
AT RATED TL 8.3ms Single Half Sine Wave JEDEC Method
30
20
10
PCB MOUNTED ON 0.2X0.2" (5.0X5.0mm) COPPER PAD AREAS 0 50 60 70 80 90 100 110 120 130
o
0 140 150 160 170 1 LEAD TEMPERATURE. ( C) 10 NUMBER OF CYCLES AT 60Hz 100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
100 50
FIG.4- TYPICAL REVERSE CHARACTERISTICS
SS12-SS14 SS15-SS115
INSTANTANEOUS REVERSE CURRENT. (mA)
SS19-SS110
10
SS15-SS16
INSTANTANEOUS FORWARD CURRENT. (A)
10
SS12-SS14
Tj=125 0C
1
1
SS115
0.1
Tj=75 0C
0.1
0.01
Tj=25 C
O
PULSE WIDTH=300 S 1% DUTY CYCLE
0.01 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 FORWARD VOLTAGE. (V) 0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
TRANSIENT THERMAL IMPEDANCE. (OC/W)
400
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
100
JUNCTION CAPACITANCE.(pF)
100
SS12-SS14 SS15-SS16 SS19-SS115
10
1
10 0.1
1.0
10
100
0.1
0.01 0.1 1 10 T, PULSE DURATION. (sec) 100
REVERSE VOLTAGE. (V)
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
12/12/2007 Rev.1.00
www.SiliconStandard.com
3


▲Up To Search▲   

 
Price & Availability of SS15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X