Part Number Hot Search : 
167BZI 80001 ADN4662 1450C 54LS181J EPSA1 CP4725 4006B
Product Description
Full Text Search
 

To Download SR3050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR3020 thru SR3060 SK3020 thru SK3060
MINIATURE SCHOTTKY BARRIER RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 20 TO 60 Volts CURRENT 30.0 Amperes
TO-3P
FEATURES
Low switching noise Low forward voltage drop Low thermal resistance High current capability High switching capability High surge capability High reliability
MECHANICAL DATA
Case: TO-3P molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202 method 208 guaranteed Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
Symbol Ratings Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" (9.5mm) lead length Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Operating Temperature Range Storage and Operating Temperature Range
0
SR3020 SR3030 SR3035 SR3040 SR3045 SR3050 SR3060 SK3020 SK3030 SK3035 SK3040 SK3045 SK3050 SK3060
20 14 20 30 21 30 35 25 35 40 28 40 30.0 45 32 45 50 35 50 60 42 60
UNITS UNITS
Volts Volts Volts Amps
Symbol VRRM VRMS VDC IO
IFSM R TJ TSTG Symbol VF IR
JC
300 1.4 -65 to +125 -65 to +150 -65 to +150
Amps
0
C/W
0
C C
0
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
Characteristics
Maximum Instantaneous Forward Voltage at 15.0A DC
0
SK3020 SK3030 SK3035 SK3040 SK3045 SK3050 SK3060
.65 5 50 .75
UNITS
Volts mAmps mAmps
Maximum Average Reverse Cruuent @TA=25 C at Rated DC Blocking Voltage @TA=1000C Notes : 1. Thermal Resistance Junction to Case. 2. Suffix "A" = Common Anode.
SR3020 thru SR3060 SK3020 thru SK3060
MINIATURE SCHOTTKY BARRIER RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES SR3020 THRU SR3060 SK3020 THRU SK3060
Fig.2 - TYPICAL REVERSE CHARACTERISTICS
10
Fig.1 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
36
INSTANTANEOUS REVERSE CURRENT, (mA)
1.0
0 TC=125C
30
30 SK
24
=7 TC
5C
0
3 SK 02 0~
50 0 K3 ~S
.1
12
30 SK 40
60
6
0 TC=25C
0 0 50 100 150
.01
CASE TEMPERATURE, 0C SK3020~SK3040 SK3050~SK3060
.001 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Fig.3 - MAXIMUM NON-REPETITIVE FORWARD
PEAK FORWARD SURGE CURRENT, (A)
SURGE CURRENT
300
8.3ms Single Half Sine Wave JEDEC Method
250 100 200
Fig.4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
SK3020~SK3040
150
100 50
10
SK3050~SK3060
0 1 10 100
1.0
NUMBER OF CYCLES AT 60 Hz
.1 .3 .4 .5 .6 .7 .8 .9 1.0
INSTANTANEOUS FORWARD VOLT AGE, (V)


▲Up To Search▲   

 
Price & Availability of SR3050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X