Part Number Hot Search : 
180N0 180N0 22MUD FLLD258 RKP200KP 20100C SAA7327 TSM1013
Product Description
Full Text Search
 

To Download SKRPABE010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TACT SwitchTM
4.2 3.2mm Compact High Operating Force (Surface Mount Type)
SKRP Series
High operation force satisfy the needs in automotive applications. Wide stem & good mountability.
Detector Push Slide Rotary Encoders
Product Line
Power Dual-in-line Package Type TACT SwitchTM CustomProducts Product No. SKRPABE010 SKRPACE010 SKRPADE010 Operating Operating Travel direction force mm
1.57N 2.55N 4N Vertical 0.2 50mA 16V DC 10BA 1V DC
Rating Rating max. min.
Operating life 5mA 5V DC
100,000cycles 50,000cycles 100,000cycles
Initial contact Stem color resistance
Natural
Minimum order unit pcs.
500m max.
4,000 Black
Specification of Embossed Taping Package (Taping Packaging for Auto-insertion)
Reel Size Plastic Reel 1 reel
Unit:mm
Number of packages pcs. 1 case /Japan 1 case /export packing Tape width mm
Sharp Feeling Soft Feeling Snap-in Type Surface Mount Type Radial Type
1
4,000
380 13.5
40,000
40,000
12
Dimensions
Style
4.6 4.2 3
Unit:mm
PC board land dimensions Viewed from switch mounting face
2
3.2
2.7 2.2 1.6
R1.1
3
Stem
4
3.1 5.2
Circuit Diagram
2.5 1.8 1.6
Note
1. Please place purchase orders for taping products per minimum order unit (1 reel or a case). 2. For 330mm diameter reel requirements, please contact us.
1
2
3
4
Refer to P.306 for soldering conditions.
282
1.5
2.8
TACT SwitchTM
List of Varieties
Sharp Feeling Type
Series SKSD SKRN SKSE SPEE SKRK SKRP SKQM SKQY SKRA SKHM SKHU Detector Push Type Features Operating direction Vertical Encoders Horizontal Power W Dimensions mm D H 1N Operation force coverage 5N Ground terminal Operating temperature range Electrical performance Durability Insulation resistance Voltage proof Vibration Lifetime Cold Dry heat Damp heat Page
60 30 80 2 2 2 for 96h for 96h See the relevant pages for respective product descriptions 4.1 6 3.9 0.6 0.9 2.87 3 5 1.22 2.9 1.5 3.2 2.5 3.5 4.3 3.7 2.5 3.4 3.1 5.9 4 3.9 4.2 6 6.1 6.2 6.5 2.5 6.2 Double action Horizontal type Double action Surface mount Compact size High operation force Low-profile Compact size Compact size Middle stroke
Dust-proof type is available
Photo
Slide Rotary
Dual-in-line Package Type TACT SwitchTM CustomProducts
30
to
85
10 to 60 10M min. 100V DC
30
to
85
Sharp Feeling Soft Feeling
100M
min. 100V DC
100M
min. 100V DC
250V AC for 1min. 100V AC for SKSD/SE : 100V AC for 1min. 1min.
250V AC for 1min.
Snap-in Type Surface Mount Type Radial Type
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2hours respectively Shall be in accordance with individual specifications. 40 2 for 96h 85 2 for 96h 40 2 , 90 to 95%RH for 96h 84 281 282 60 2 283 30 80 2 2 for 96h for 96h
Note
The automotive operating temperature range to be individually discussed upon request.
Environmental performance
, 90 to 95%RH for 96h 279 280
, 90 to 95%RH for 96h 284 285 286 287
278
W Width. The most outer dimension excluding terminal portion. D Depth. The most outer dimension excluding terminal portion. H Height. The minimum dimension if there are variances.
249
TACT SwitchTM
Soldering Conditions
Condition for Reflow
Available for Surface Mount Type.
1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2
Detector Push Slide Rotary Encoders Power
CA K or CC T at solder joints copper foil surface . A heat resistive tape
should be used to fix thermocouple. 3. Temperature profile
Temperature (C ) 260C max. 3 sec max. 180 150 Time 230C
Dual-in-line Package Type TACT SwitchTM
40s max. 3 to 4min.
CustomProducts
Time inside soldering equipment Note
1. The above temperature shall be measured on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the material, size, thickness of PC boards and others. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
Sharp Feeling Soft Feeling Snap-in Type Surface Mount Type Radial Type
Conditions for Auto-dip
Available for Snap-in Type and Radial Type Except SKHJ, SKHL, SKQJ, SKQK, SKEG series Items Flux built-up Condition
Mounting surface should not be exposed to fluk Ambient temperature of the soldered surface of PC board. 100 max. 60s max. 260 max.
Manual Soldering Except SKRT Series
Items Soldering temperature Duration of soldering Capacity of soldering iron Condition
350 max.
3s max. 60W max.
Preheating temperature Preheating time Soldering temperature Duration of immersion Number of soldering
5s max. 2times max.
Notes
1. 2. 3. 4. 5. Consult with us for availability of TACT SwitchTM washing. Prevent flux penetration from the top side of the TACT SwitchTM. Switch terminals and a PC board should not be coated with flux prior to soldering. The second soldering should be done after the switch is stable with normal temperature. Use the flux with a specific gravity of min 0.81. EC-19S-8 by TAMURA Corporation, or equivalents.
306


▲Up To Search▲   

 
Price & Availability of SKRPABE010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X