Part Number Hot Search : 
LMV331 NM2SOL3R 166TQC LH5499 LTC35 014AR CLA88 180MW
Product Description
Full Text Search
 

To Download SK33A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK32A THRU SK3AA
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 V Forward Current - 3 A
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Metal silicon junction, majority carrier conduction * Built-in strain relief, ideal for automated placement * For surface mount applications * Low profile package * Low power loss, high efficiency * High current capability , Low forward voltage drop * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
Mechanical Data
* Case: SMA (DO-214AC) molded plastic body * Terminals: solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: color band denotes cathode end
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, resistive or inductive load, For capacitive load, derate by 20%
Parameter
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375" (9.5 mm) Lead Length Peak Forward Surge Current, 8.3 ms Single Halfsine-wave Superimposed on rated load (JEDEC method) Maximum Forward Voltage at 3 A DC 1) Maximum Reverse Current 1) at Rated DC Blocking Voltage Typical Junction Capacitance 3) Typical Thermal Resistance 2) Operating Junction Temperature Range Storage Temperature Range
1) 2)
Symbols SK32A SK33A SK34A SK35A SK36A SK38A SK3AA VRRM VRMS VDC I(AV) 20 14 20 30 21 30 40 28 40 50 35 50 3 60 42 60 80 57 80 100 71 100
Units V V V A
IFSM VF IR CJ RJA RJL TJ TS - 65 to + 125 0.55
80 0.75 0.5 0.85
A V mA
TA = 25 OC TA = 100 OC
20 250 88 28
10 160
O
pF C/W
O
- 65 to + 150 - 65 to + 150
C C
O
Pulse test: 300 s pulse width, 1% duty cycle. P.C.B. mounted with 0.55 X 0.55" (14 X 14 mm) copper pad areas. 3) Measured at 1 MHz and applied reverse voltage of 4 V.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 14/04/2008 J
SK32A THRU SK3AA
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 14/04/2008 J


▲Up To Search▲   

 
Price & Availability of SK33A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X