Part Number Hot Search : 
BZX85C 37210M 35147 IDT74F 00010 M74HC692 DTC113Z 28C17A
Product Description
Full Text Search
 

To Download SK33A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK32A - SK315A
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers SMA/DO-214AC
Features
For surface mounted application Metal to silicon rectifier, majority carrier conduction Low forward voltage drop Easy pick and place High surge current capability Plastic material used carriers Underwriters Laboratory Classification 94V-0 Epitaxial construction High temperature soldering: 260oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic Terminals: Pure tin plated, lead free. Polarity: Indicated by cathode band Packaging: 16mm tape per EIA STD RS-481 Weight: 0.21 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SK SK SK SK Type Number
32A 33A 34A Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL(See Fig. 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage (Note 1) @ 3.0A
Maximum DC Reverse Current at Rated DC Blocking Voltage @ TA =25 C @ TA =125 C
o o
35A
SK 36A
SK SK SK 39A 310A 315A
Units
V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR
RJL RJA TJ
20 14 20
30 21 30
40 28 40
50 35 50 3.0 70
60 42 60
90 63 90
100 150 70 105 100 150
0.55 0.5 10
0.75 5.0 28 88
0.85 0.1 2.0
0.95
V mA mA
o
Typical Thermal Resistance ( Note 2 ) Operating Temperature Range
C/W
o o
-55 to +125
Storage Temperature Range TSTG Notes: 1. Pulse Test with PW=300 usec, 1% Duty Cycle 2. Measured on P.C.Board with 0.2 x 0.2" (5 x 5mm) Copper Pad Areas.
-55 to +150 -55 to +150
C C
- 42 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (SK32A THRU SK315A)
FIG. 1- MAXIMUM FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT.(A)
3.0 150
FIG. 2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AT RATED TL 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT.(A)
RESISTIVE OR INDUCTIVELOAD
SK
2.0
120
SK A-S 32 4A K3
A-S 35 A 15 K3
90
1.0
60
30
PCB MOUNTED ON 0.2X0.2" (5.0X5.0mm)COPPER PAD AREAS 0 50 60 70 80 90 100 110 120 LEAD TEMP ERATURE.( C) 130 140 150 160
0
1
10 NUMBER OF CYCLES AT 60Hz
100
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
40
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
20 10
A
INSTANTANEOUS FORWARD CURRENT.(A)
SK
32
10
A-
SK
SK
A 35
-S
3 SK
9
S A-
K3
15
A
INSTANTANEOUS REVERSE CURRENT.(mA)
K3
6A
34
TJ=125 C
1
1
PULSE WIDTH=300 S 1% DUTY CYCLE
0.1
TJ=75 C
0.1
0.01
TJ=25 C
0.001 0.01 0 0.2 0.4 1.2 0.6 0.8 1.0 FORWARD VOLTAGE.(V) 1.4 1.5
0
20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
1000
TRANSCIENT THERMAL IMPEDANCE, (OC/W)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE.(pF)
Tj=25 C f=1.0MHz Vsig=50mVp-p
100
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
SK SK
100
32
A-S K3
35
K3
10
A-S K3
4A
SK
39
6A
A-S
15
A
1
10 0.1
1 10 REVERSE VOLTAGE.(V)
100
0.1 0.01
0.1
1 10 t, PULSE DURATION, (sec)
100
Version: B07


▲Up To Search▲   

 
Price & Availability of SK33A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X