|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 1 SHIELDED SMD POWER INDUCTOR CONFIGURATION & DIMENSIONSG A F ABC'S DWG NO. ABC'S ITEM NO. SH4009L- O 100 OR C A B C D E F G H I J R G G G G G G G G G G G 4.20 4.20 0.90 1.40 1.20 4.50 0.90 2.90 1.65 1.20 1.50 0.30 0.30 0.15 typ. typ. ref. ref. ref. ref. ref. ref. m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m B R F D D ( PCB Pattern Suggestion ) G H E G I J I O SCHEMATIC DIAGRAMG LCR Meter O MATERIALSG aO CoreG Ferrite DR core bO CoreG Ferrite RI core cO Wire G Enamelled copper wire ( Class H ) dO Adhesive G Epoxy resin eO TerminalG Ag / Ni / Sn fO RemarkG Products comply with RoHS' requirements Temperature ( J ) a b c d Peak TempG 260J max. Max time above 230J G 50sec max. Max time above 200J G 70sec max. Temperature Rising Area +4.0 J / sec max. Preheat Area 150 ~ 200 J / 60 ~ 120sec Reflow Area +2.0 ~ 4.0J / sec max. e Forced Cooling Area -(1.0 ~ 5.0)J / sec max. Peak Temperature: 260J 50sec max. 230J 250 200 150 70sec max. 1/4O GENERAL SPECIFICATIONG aO Temp. rise G 40J typ. bO Storage temp.G -40J ----+125J cO Operating temp.G -40J ----+105J dO Resistance to solder heatG 260J .10 secs. 100 50 0 50 100 150 Time ( seconds ) 200 250 AR-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 2 SHIELDED SMD POWER INDUCTOR ELECTRICAL CHARACTERISTICSG DWG No. Inductance ( H ) 1.10 30 H 1.50 30 H 2.50 30 H 3.30 30 H 4.70 30 H 6.80 30 H 8.00 30 H 10.00 30 H 15.00 30 H 22.00 30 H 33.00 30 H Q ref. 10 10 8 8 10 8 8 16 16 12 14 ABC'S DWG NO. ABC'S ITEM NO. SH4009L- 1/2O Test Freq. SRF ( MHz ) ( MHz ) typ. 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 150 120 100 85 65 55 50 42 34 26 20 RDC ( m ) typ. max. 58 75 130 160 230 320 370 530 710 920 1450 76 98 170 210 300 415 480 700 925 1200 1900 Irms ( mA ) typ. 2100 1700 1350 1200 920 750 680 600 450 400 320 Isat ( mA ) typ. 2000 1650 1300 1150 900 750 680 650 480 420 340 SH40091R1YL- SH40091R5YL- SH40092R5YL- SH40093R3YL- SH40094R7YL- SH40096R8YL- SH40098R0YL- SH4009100YL- SH4009150YL- SH4009220YL- SH4009330YL- 1). 2)."":Reference code 3). Inductance Test Freq. G 100KHz /0.1V 4). Irms base on Temp. rise 40J typ. 5). Isat base on L / LOA=35% typ. G Packaging Information... AG Bulk BG Taping Reel @ Inductance VS. DC Currrent Curve 2 10 2 7 5 3 330 Inductance] uH^ 2 10 1 7 5 3 2 10 0 7 5 10 1 2 1R5 100 3R3 3 5 7 10 2 2 3 5 7 10 3 2 3 5 7 10 4 DC Current (mA) AR-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 3 SHIELDED SMD POWER INDUCTOR PACKAGING INFORMATIONG ( 1 ) Configuration T ABC'S DWG NO. ABC'S ITEM NO. SH4009L- 3/4O Cover Tape 2.00.5 A i C i C N B G P:8 m/m 4 m/m D Embossed carrier Carrier tape width : D End Start 100 100 100 100 Leader no component 200 m/m min. Components User direction of feed Trailer no component 400 m/m min. ( 2 ) Dimensions Style 07 - 12 A 178 B 210.8 C 13 D 12 G 14 +0 N 50 -0 Unit:m/m T 16.5 ( 3 ) Q'TY & G.W. Per package Inner : Reel Series SH4009 Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) Outer : Carton G.W. (Kg) Size (cm) 1,500 168 07 - 12 60,000 7.7 42 x 41 x 24 AR-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME SHIELDED SMD POWER INDUCTOR PAGE: 4 ABC'S DWG NO. ABC'S ITEM NO. SH4009L- DWGING NUMBER EXPRESSIONG S H 4 0 0 9 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code Appendix code 1G Product Classification LG Lead Free Standard products comply with RoHS' requirements 1 ~ 9G Lead Free Special products comply with RoHS' requirements Appendix code 2G Package Information Code A B Inner package T.B.D. T / R ( Reel package ) Inner package Q'TY T.B.D. 1,500 pcs Remark AR-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 5 SHIELDED SMD POWER INDUCTOR RELIABILITY TESTG ABC'S DWG NO. ABC'S ITEM NO. SH4009L- AO Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder. Test condition Preheat : 15025J for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355J Flux : Rosin Dip time : 41 seconds Solderability Thermal shock test ( Temp. cycle ) Inductance shall not change more than 20% Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles -252 J 30 minutes 852 J 30 minutes Humidity Resistance test Temperature : 402J Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours High temp. Resistance test Temperature : 1052J Applied current : Per spec. Time : 500 hours AR-001A SPECIFICATION FOR APPROVAL REF : PROD. NAME PAGE: 6 SHIELDED SMD POWER INDUCTOR UL CARDG ABC'S DWG NO. ABC'S ITEM NO. SH4009L- AO OBMW2 Magnet Wire-Comporent August 27, 1999 E143312 ELEKTRISOLA (MALAYSLA) SDN BHD IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA Mtl Dsg Estersol 160 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180 Mark Dsg E180 A200 PN155 P155 Pg155 Pp155,Gp155 P160 P180 P170 or G170 PN180 BC Coating Type OC ____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon ANSI Typ MW-77 MW-74 MW-80, MW-28 MW-79, MW-79 MW-79 MW-79 MW-79 MW-79 MW-79 ____ Temp Class 180 200 155, 100 155, 130 130 155 155 155 156 180 Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane MarkingG Dompany name/nateriel designation or marked designation and factory identification on package ok reel See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. AR-001A |
Price & Availability of SH4009330YL |