Part Number Hot Search : 
M35V6 SD1080 CM312 BAXXCC0T 24VDC MMC4043 H45N03E 1232034
Product Description
Full Text Search
 

To Download SB320-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB 3XX -1.8 Chips for Schottky Diodes
Chip Specification
General Description: Schottky Diode chips with Mo-barrier for switch mode power rectifiers with the following features:
* Guard-ring for stress protection * Extremely low forward voltage * 125 operation junction temperature * reverse avalanche behavior Mechanical Data: SB 3XX passivated Silicon Chip Demension(mm) 1,8x1,8 Thickness: 350 +- 20 m Metallization: Top ( Anode ) : Al Ag Bottom ( Cathode) : TiNiAg
Forward Current(A) 3A Reverse Voltage (V):23, 43, 100 V Type SB320 SB340 SB3100
Chip size(mm)
VR(V)
VF(V)@25 C at If=1A
IRM@VRMM
at 25 C
1,8x1,8 1,8x1,8 1,8x1,8
23 V 43 V 100 V
440mV 600mV 690mV
0,5mA 0,5mA 0,5mA
Note: Other voltages, Vf & Top Metal AL are available


▲Up To Search▲   

 
Price & Availability of SB320-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X