Part Number Hot Search : 
79S7PR SFR1800 HIP4020 BY296 10200 DTC14 70PDL1 S9S12
Product Description
Full Text Search
 

To Download SB2550FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB2520FCT thru SB25150FCT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 TO 150 VOLTS CURRENT - 25 AMPERES
ITO-220AB
FEATURES
Plastic Package has Underwriters Laboratory Flammability Classification 94-0 utilizing Flame Retardant Epoxy Molding Compound Exceeds environmental standards of MIL-S-19500/228 Low power loss, gigh efficiency Low Forward Voltage, high Current Capability High surge Capability For use low Voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering 260oC/10seconds at terminals Pb free product are available 99% Sn above can meet RoHS environment substance directive request
MECHANICAL DATA
Case ITO220AB Molded plastic Terminals Lead solderable per MIL-STD-202, Method 208 Polarity As Marked on Body Mounting Position Any Weight 0.08 ounces, 2.24gram
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
PARAMETER Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC=900C Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 12.5A per element Maximum DC Reverse Current at Rated TC=250C DC Blocking Voltage TC=1000C Typical Junction Resistance Note R
JA
SB 2520FCT
SB 2530FCT
SB 2540FCT
SB 2550FCT
SB 2560FCT
SB SB SB 2580FCT 25100FCT 25150FCT
UNITS
Volts Volts Volts Amps
20 14 20
30 21 30
40 28 40
50 35 50 25 200
60 42 60
80 56 80
100 70 100
150 105 150
150 0.75 0.85 0.92 0.025 7 60
Amps Volts mA
0
0.55 0.1 100
C/W
0
Operating and Storage Temperature Range NOTE: 1. Thermal Resistance Junction to Ambient
-55 to +150
C
www.paceleader.tw
1
SB2520FCT thru SB25150FCT
SCHOTTKY BARRIER RECTIFIER
RATINGS AND CHARACTERISTIC CURVES SB2520FCT THRU SB25150FCT
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of SB2550FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X