Part Number Hot Search : 
WP711 PQ2TZ15 KSY71 A105K 74AC1 74ACT MMBD6100 80021
Product Description
Full Text Search
 

To Download SA60CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
SA5.0 THRU SA180CA
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180.0 Volts 500 Watt Peak Pulse Power
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94 V-O * Glass passivated junction * 500W Peak Pulse Power capability on 10/1000 s waveform * Glass passivated junction * Low incremental surge resistance * Excellent clamping capability * Repetition rate (duty cycle): 0.01% * Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional and 5.0ns for bidirectional and 5.0ns for bi directional * Typical IR less than 1A above 10V * High temperature soldering guaranteed: 300C/10 seconds/ .375", (9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-15 Molded plastic over glass passivated junction Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.015 ounces, 0.4 grams
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types SA5.0 thru types SA180 (e.g. SA5.0C, SA180CA) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000 s waveform (NOTE 1, Fig.1) Peak Pulse Current of on 10/1000 s waveform (Note 1)
SYMBOL
PPPM IPPM
VALUE
Minimum 500 SEE TABLE 1
UNITS
Watts Amps Watts
Steady State Power Dissipation at TL = 75C Lead PM(AV) 3.0 lengths .375", 9.5mm (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-wave IFSM 70 Superimposed on Rated Load, Unidirectional only (JEDEC Method)(Note 3) Operatings and Storage Temperature Range TJ, TSTG -55 +175 NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on Copper Pad area of 1.6x1.6" (40x40mm) per Fig.5. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum. Certified RoHS Compliant UL File # E223026
Amps C
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES SA5.0 THRU SA180CA
100
Fig.2-Power Derating Curve Peak Pulse Power (P ) or Current (IPP) PP Derating in Percentage,% Pig.1 - Peak Pulse Power Rating Curve
100 87.5 75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200
30
Non-repetitive Pulse Waveform shown in Fig. 3 TA=25C
PPPM-Peak Pulse Power
10
1
PPK".5" td PPK td
Impulse Exponential Decay
Half Sine
td=7tp
0.1
PPK
td
Square
Current Waveforms
0.1s
1.0s
10s
100s
1.0ms
10ms
1000
TA - Ambient Temperature (C)
td - Pulse Width (sec.) Fig.3 - Pulse Waveform
150
tr = 10sec. IPPM - Peak Pulse Current,% IRSM
Peak Value IPPM
TJ = 25C
IFSM-Peak Forward Surge Current (A)
100
Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only
200 8.3ms Single Half Sine-Wave (JEDEC Method)
100
Half Value- IPPM 2 50 10/1000sec.Waveform as defined by R.E.A.
td
0 0 1.0 2.0
3.0
3.0
4.0
4.0
10 1 10 100
t - Time(ms) Fig. 5 - Steady State Power Derating Curve
4.0
10000
Number of Cycles at 60 Fig. 6 - Capacitance
10000 Unidirectional Bidirectional
PM(AV),Steady State Power Dissipation (W)
3.0
CJ - Capacitance (pF)
L=0.375" (9.5mm) Lead Lengths
1000
1000
VR = 0
TJ = 25C f = 1MHz Vsig = 50mV p-p
2.0
1.0 1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks 0
0 0.2 0.4 0.6 0.8 1
100
100 VR = Rated Stand-off voltage
1.2
TL - Lead Temperature (C)
10
0
10
0.2
5
0.4
0.6
0.8
1
500
1.2
Reverse Voltage (V)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
500 Watt TVS
MAXIMUM BREAKDOWN BREAKDOWN PEAK TEST REVERSE CLAMPING VOLTAGE VOLTAGE PULSE CURRENT STANDOFF UNI-POLAR BI-POLAR VOLTAGE @IPP CURRENT VBR (V) MIN. (IT ) VOLTAGE VRWM VBR (V) IPP (A) @ IT MAX. @ IT VC (V) mA (V) REVERSE LEAKAGE @ VRWM IR (A)
SA5.0A SA6.0A SA6.5A SA7.0A SA7.5A SA8.0A SA8.5A SA9.0A SA10A SA11A SA12A SA13A SA14A SA15A SA16A SA17A SA18A SA20A SA22A SA24A SA26A SA28A SA30A SA33A SA36A SA40A SA43A SA45A SA48A SA51A SA54A SA58A SA60A SA64A SA70A SA75A SA78A SA85A SA90A SA100A SA110A SA120A SA130A SA150A SA160A SA170A SA180A
SA5.0CA SA6.0CA SA6.5CA SA7.0CA SA7.5CA SA8.0CA SA8.5CA SA9.0CA SA10CA SA11CA SA12CA SA13CA SA14CA SA15CA SA16CA SA17CA SA18CA SA20CA SA22CA SA24CA SA26CA SA28CA SA30CA SA33CA SA36CA SA40CA SA43CA SA45CA SA48CA SA51CA SA54CA SA58CA SA60CA SA64CA SA70CA SA75CA SA78CA SA85CA SA90CA SA100CA SA110CA SA120CA SA130CA SA150CA SA160CA SA170CA SA180CA
5.00 6.00 6.50 7.00 7.50 8.00 8.50 9.00 10.00 11.00 12.00 13.00 14.00 15.00 16.00 17.00 18.00 20.00 22.00 24.00 26.00 28.00 30.00 33.00 36.00 40.00 43.00 45.00 48.00 51.00 54.00 58.00 60.00 64.00 70.00 75.00 78.00 85.00 90.00 100.00 110.00 120.00 130.00 150.00 160.00 170.00 180.00
6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.00 111.00 122.00 133.00 144.00 167.00 178.00 189.00 200.00
7.00 7.37 7.98 8.60 9.21 9.83 10.40 11.10 12.30 13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147.00 159.00 185.00 197.00 209.00 233.00
10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146 162 177 193 209 243 259 275 289
55.4 49.5 45.5 42.5 39.5 37.5 35.4 33.1 30.0 28.0 25.6 23.7 22.0 20.9 19.6 18.5 17.5 15.7 14.4 13.1 12.1 11.2 10.5 9.6 8.8 7.9 7.3 7.0 6.6 6.2 5.9 5.4 5.3 5.0 4.5 4.2 4.0 3.7 3.5 3.1 2.9 2.6 2.4 2.1 2.0 1.9 1.7
600 600 400 150 50 25 10 5 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is 10% Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of SA60CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X