Part Number Hot Search : 
256P30 RN2324A FC6156 MAX15022 C221A 15A02 AAT4680 FC6156
Product Description
Full Text Search
 

To Download SA60CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Glass Passvated Junction Transient Voltage Suppressor SA5.0A~180CA
500W Glass Passivated Junction Transient Voltage Suppressor
Features
* Stand-off voltage from 5.0 to 180 volts * 500W Peak Pulse Power capability on 10/1000 s waveform repetition Rate(duty cycle): 0.01% * Fast response time: typically less than 1.0ps from 0v to VBR for Uni-directional and 5.0ns for Bi-directional * Excellent clamping capability * Low incremental surge resistance * Typical IR less than 1 mA above 10V * High temperature soldering guaranteed 265C/10 seconds /.037" (9.5mm) lead length, 5lbs (2.3kg),tension * This series is UL recognized under component index. File number E315008 * RoHS Compliant DO204AC (DO-15)
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol V WM PPPM IPPM PM(AV) IFSM Description
Stand-Off Voltage Peak Pulse Power Dissipation on 10/1000 us waveform Peak Pulse current on 10/1000 us waveform Steady State Power Dissipation
Value
5.0 to 180
Unit
Volts
Conditions
Minimum 500
Watts
Non-repetitive current pulse
See Table
Amps
Non-repetitive current pulse
3
Watts
At TL(Lead Temperature)=75C (1) 8.3ms single half sine-wave superimposed on rated load (JEDEC method) (2)
Peak Forward Surge Current Operating and Storage
70
Amps
TJ,TSTG Temperature Range
-55 to 175
C
Note: 1. Mounted on copper pad area of 1.6" x 1.6" (40x40mm) per fig.5. 2. Duty Cycle = 4 pulses per minute maximum.
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-247-2232 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. B/AH 2007-11-10 Page 1 of 6
500W Glass Passvated Junction Transient Voltage Suppressor SA5.0A~180CA
Mechanical Data
Case: Terminals: Polarity: Mounting position: Weight: JEDEC DO-204AC molded plastic over glass passivated junction Plated axial leads, solderable per MIL-STD-750, Method 2026 Cathode indicated by color band except Bi-directionals Any 0.015 Ounce, 0. 4 gram
Electrical Characteristics (T Ambient=25C unless noted otherwise)
P/N Uni-Polar SA5.0A SA6.0A SA6.5A SA7.0A SA7.5A SA8.0A SA8.5A SA9.0A SA10A SA11A SA12A SA13A SA14A SA15A SA16A SA17A Bi-Polar SA5.0CA SA6.0CA SA6.5CA SA7.0CA SA7.5CA SA8.0CA SA8.5CA SA9.0CA SA10CA SA11CA SA12CA SA13CA SA14CA SA15CA SA16CA SA17CA Stand-Off Voltage Breakdown Voltage @ Test Curr. Max. Clamping Vltg. @ IPPM Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM
V BR
Min. 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 Max. 7.00 7.37
V WM (Volts)
5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0
IT(mA)
VC (Volts)
9.2 10.3
IPPM (Amps)
55.4 49.5 45.5 42.5 39.5 37.5 35.4 33.1 30.0 28.0
ID (A) (note1)
600/1200 600/1200 400/800 150/300 50/100 25/50 10/20 5/10
10 7.98 8.60 9.21 9.83 1 10.40 11.10 12.30 13.50 1 14.70 15.90 17.20 18.50 1 19.70 20.90 26.0 27.6 19.6 18.5 19.9 21.5 23.2 24.4 25.6 23.7 22.0 20.9 1 14.4 15.4 17.0 18.2 11.2 12.0 12.9 13.6
1
Rev. B/AH 2007-11-10 www.taitroncomponents.com Page 2 of 6
500W Glass Passvated Junction Transient Voltage Suppressor SA5.0A~180CA
Electrical Characteristics (T Ambient=25C unless noted otherwise)
P/N Uni-Polar SA18A SA20A SA22A SA24A SA26A SA28A SA30A SA33A SA36A SA40A SA43A SA45A SA48A SA51A SA54A SA58A SA60A SA64A SA70A SA75A SA78A SA85A SA90A Bi-Polar SA18CA SA20CA SA22CA SA24CA SA26CA SA28CA SA30CA SA33CA SA36CA SA40CA SA43CA SA45CA SA48CA SA51CA SA54CA SA58CA SA60CA SA64CA SA70CA SA75CA SA78CA SA85CA SA90CA Stand-Off Voltage Breakdown Voltage @ Test Curr. Max. Clamping Vltg. @ IPPM Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM
V BR
Min. 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 Max. 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10
V WM (Volts)
18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0
IT(mA)
VC (Volts)
29.2
IPPM (Amps)
17.5 15.7 14.4 13.1 12.1 11.2 10.5 9.6 8.8 7.9
ID (A)
1
32.4 35.5 38.9 42.1
1
1
45.4 48.4 53.3 58.1 64.5
1
1 52.80 55.30 58.90 62.7 66.30 71.20 73.70 78.60 86.0 92.10 95.80 104.0 111.0 1 1 1 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146 7.3 7.0 6.6 6.2 5.9 5.4 5.3 5.0 4.5 4.2 4.0 3.7 3.5
1
1
1
1
Rev. B/AH 2007-11-10 www.taitroncomponents.com Page 3 of 6
500W Glass Passvated Junction Transient Voltage Suppressor SA5.0A~180CA
Electrical Characteristics (T Ambient=25C unless noted otherwise)
P/N Uni-Polar SA100A SA110A SA120A SA130A SA150A SA160A SA170A SA180A Bi-Polar SA100CA SA110CA SA120CA SA130CA SA150CA SA160CA SA170CA SA180CA Stand-Off Voltage Breakdown Voltage @ Test Curr. Max. Clamping Vltg. @ IPPM Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM
V BR
Min. 111.0 122.0 133.0 144.0 167.0 178.0 189.0 200.0 Max. 123.0 135.0
V WM (Volts)
100.0 110.0 120.0 130.0 150.0 160.0 170.0 180.0
IT(mA)
VC (Volts)
162.0 177.0
IPPM (Amps)
3.1 2.9
ID (A)
1 147.0 159.0 185.0 197.0 209.0 233.0 1 193.0 209.0 243.0 259.0 275.0 289.0 2.6 2.4 2.1 1.9 1.8 1.7
1
1
Note: 1. For Bi-directional type having VWM of 10V or less, the ID limit is double. 2. For parts with suffix A, the V BR is +/- 5%.
Typical Characteristics Curves
Fig.1- Peak Pulse Power Rating Curve
PPPM Peak Pulse Power Dissipation (KW)
Pulse Width td
PPPM OR IPPM (%)
Ambient Temperature Ta (C)
Rev. B/AH 2007-11-10 www.taitroncomponents.com Page 4 of 6
500W Glass Passvated Junction Transient Voltage Suppressor SA5.0A~180CA
Fig.3- Pulse Waveform
Fig.4- Max. Non-Repetitive Forward Surge Current Uni-directional only
Time t (ms)
IFSM Peak Forward Surge Current (%)
IPPM Peak Pulse current (%)
Number of Cycles at 60Hz
Fig.5- Steady State Power Derating Curve
Fig.6- Capacitance
PM(AV) Steady State Power Dissipation
CJ Capacitance (pF)
(Watts)
10
Lead Temperature TL (C)
Breakdown Voltage (VBR)
Rev. B/AH 2007-11-10 www.taitroncomponents.com Page 5 of 6
500W Glass Passvated Junction Transient Voltage Suppressor SA5.0A~180CA
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-54249942 Fax: +86-21-5424-9931
Rev. B/AH 2007-11-10 www.taitroncomponents.com Page 6 of 6


▲Up To Search▲   

 
Price & Availability of SA60CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X