Part Number Hot Search : 
U1AF28B1 SJ6105 6404A TFP7N65 SK1610 ADV71 SJ6105 HMT312
Product Description
Full Text Search
 

To Download S12CREEW6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hebei I.T. (Shanghai) Co., Ltd. Part No.
Features
z Highest Flux White z High reliability and Very long operating life z Low voltage DC operated z More Energy Efficient z NO UV z Superior ESD protection z RoHS Compliant
SPECIFICATION
S12CREEW6
Typical Applications
z Reading lights z Portable z Automotive Exterior z Decorative
NOTE:
Unit: mm
z z
DIRECTIVITY
1.0 0 Ta=25C IF=350mA
All dimensions are millimeter. Tolerance is 0.1mm unless otherwise noted
30
Relative Luminous
0.5
60
0
90
60
30
0
0.5
90 1.0
Radiation Angle
Page 1 of 2
Hebei I.T. (Shanghai) Co., Ltd.
SPECIFICATION
Part No.
Absolute maximum ratings
Parameter DC Forward Current Peak Pulse Current Power Dissipation LED Junction Temperature Operating Temperature Storage Temperature ESD Sensitivity Soldering Temperature
S12CREEW6
Ta = 25
Value Test Condition Min. Max. Unit ---350 mA ---500 mA ---1.25 W ---120 -25 +80 -25 +100 8000 ---V 260 for 5 Seconds max
Symbol IF Ipeak Pd Tj Topr Tstr -------
---Duty=0.1ms 1kHz ------------HBM ----
Electrical and optical characteristics
Parameter Forward Voltage Luminous Flux Viewing Angle Color Temperature Symbol VF v 2 1/2 CCT Test
Ta = 25
Condition Min. 3 ------4500 Value Typ. 3.4 85 120 ---Max. 4.0 ---------Unit V lm Deg. K
IF = 350mA
Luminous Flux Bins
Bin Min Max L 70 80
Ta = 25
M 80 100
unit: lm
CCT Bins
Bin Min Max
Ta = 25
W5 4500 5000 W6 5000 5600 W7 5600 6300 W8 6300 7000 W9 7000 8000
unit: K
W10 8000 9000
Page 2 of 2
FLUX BIN FOR PIRANHA (UFO) LEDS
Bin Code A B C D LM <=0.46 0.46-0.60 0.60-0.77 0.77-1.0 Bin Code E F G H LM 1.0-1.3 1.3-1.7 1.7-2.2 2.2-2.8 Bin Code J K L M LM 2.8-3.6 3.6-4.7 4.7-6.0 6.0-7.8 Bin Code N P Q R LM 7.8-10.0 10-13 13-17 17-22
FOR WHITE COLOR BINS SEE PAGE 3B
Placing of white color BINs on CIE table B1 B2 B3 B4 B5 B6 G1 G2 G3 G4 G5 G6 G7 G8 G9 G10 G11 G12 G13 PURE GREEN G14 G15 G16 G17 G18 G19 Bin Code V1 V2 V3 V4 VF (V) 1.6-1.8 1.8-2.0 2.0-2.2 2.2-2.4 450-455 455-460 460-465 465-470 470-475 475-480 491-494 494-497 497-500 500-503 503-506 506-509 509-512 512-515 515-518 518-521 521-524 524-527 527-530 530-533 533-536 536-539 539-542 542-545 545-548 Bin Code V5 V6 V7 V8 VF (V) 2.4-2.6 2.6-2.8 2.8-3.0 3.0-3.2 RED YG1 YG2 YG3 YG4 YG5 YG6 YG7 Y1 Y2 Y3 Y4 Y5 YO1 YO2 YO3 YO4 O1 O2 O3 R1 R2 R3 R4 R5 R6 Bin Code V9 V10 V11 V12 555-558 558-561 561-564 564-567 567-570 570-573 573-576 582-585 585-588 588-591 591-594 594-597 597-600 600-603 603-606 606-609 609-612 612-615 615-618 618-621 621-624 624-627 627-630 630-633 633-636 VF (V) 3.2-3.4 3.4-3.6 3.6-3.8 3.8-4.0 Bin Code V13 V14 V15 V16 VF (V) 4.0-4.2 4.2-4.4 4.4-4.6 4.6-4.8
BLUE
FORWARD VOLTAGE (VF) BIN
Page: 3A


▲Up To Search▲   

 
Price & Availability of S12CREEW6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X