Part Number Hot Search : 
NDF9196 AEQ20B48 AEQ20B48 LM270 12D12 M68300 CX1622 CX1622
Product Description
Full Text Search
 

To Download RMG100GTG0R1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
RMG100 TO-247 Power Resistors
To-247 Power Resistors
TO-247 Power Resistors handle high-speed pulses
Preview Providing design engineers with a high-power resistive device in a stable transistor style package, Token Electronics RMG100 Series TO-247 power resistors are available in 100W. The resistors are specified for applications that require accuracy and stability. The RMG100 Series resistors are designed with an alumina ceramic layer that separates the resistance element and mounting tab. This construction provides very low thermal resistance while ensuring high insulation resistance between the terminals and the metal back plate. As a result, the resistors feature a very low inductance, making them ideal for high frequency and high-speed pulse applications. Additional applications for the RMG100 Series TO-247 resistors include automation test equipment, high frequency snubber and pulse handling circuits, motor control and drive circuits, switch mode power supplies, load resistors, automotive electronics, industrial power equipment, UPS systems and industrial computers. RMG100 Series 100W resistors feature a resistance range of 0.1 to 10K and operating temperature range is -65C to +175C. Token will also produce devices outside these specifications to meet customer requirements. The RMG100 Series power resistors are RoHS-compliant with Pb-free Terminations. Contact us with your specific needs. Applications - Low Energy Pulse Loading. - Gate Resistors in Power Supplies. - UPS, Snubbers, Voltage Regulation. - Terminal Resistance in RF Power Amplifiers. - Load and Dumping Resistors in CRT Monitors. Features - TO-247 Style Power Package. - Single M3 Screw Mounting to Heat Sink. - Molded Case for Protection and Easy to Mount. - Non-Inductive Design, Electrically Isolated Case. - 100 Watts at 25C Case Temperature Heat Sink Mounted.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 03
TOKEN
Dimensions (Unit: mm)
RMG100 TO-247 Power Resistors
T G
W R D1 D C
Type RMG100 W 15.49 ~ 16.01 H 20.44 ~ 20.96 T 4.69 ~ 5.21 T1 0.55 ~ 1.07 T2 2.15 ~ 2.67 B 13.21 ~ 15.75
H B1 T1 T2
B1 2.03 ~ 3.55 C 9.90 ~ 10.42 D 1.42 ~ 1.62 D1 3.45 ~ 3.81 G 5.07 ~ 5.59 R 3.53 ~ 3.73
B
Electrical Characteristics Specifications
Resistance Range 0.1~1 >1~3 >3~10 >10~10K
Resistance Tolerance 5% 10% 1% 1% 5% 10% 1% 5% 10%
TCR(PPM/C) 300 100 200 50 100 200
Note: Operating Voltage: 350V Max. Dielectric Strength: 1800V AC. Insulation Resistance: 10G min. Working Temperature Range: -65C to +175C.
Power Derating Curve
Derating Curve
100
Rated Power (%)
80 60 40 20 0 0 25 50 75 100 125 150 175
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Environmental Characteristics
RMG100 TO-247 Power Resistors
Specification As spec. R0.5% R0.15% R1.0% R0.5% R0.5% R0.2% R0.42% 90% min coverage Test Method Referenced to 25C, R taken at +105C 1.5 times rated power with applied voltage not to exceed 1.5 times maximum continuous operating voltage for 5 seconds. MIL-STD-202F Method 301(1800V AC, 60s) MIL-PRF-39009D, 4.8.13 Rated power, 2,000 hours. -10C~+65C, RH>90%, cycle 240 hours. MIL-STD-202, Method 107G. -65C~150C,100 cycle MIL-STD-202F, Method 211, Cond. A (Pull Test) 2.4N MIL-STD-202F, Method 204, Cond.D MIL-STD-202F Method 208H 245C5C, 30.5 (sec)
Test Item Temperature Coefficient of Resistance Short Time Overload Dielectric strength Load Life Moisture resistance Thermal Shock Terminal Strength Vibration, High Frequency Solderability
Note:1.Lead Material: Tinned Copper. Thermal Grease Should be Applied Properly. 2.When in Free Air at 25C, the RMG100 is Rated for 3.5W. 3.The Case Temperature is to be used for the Definition of the Applied Power Limit. 4.The Case Temperature Measurement Must be Made with a Thermocouple Contacting the Center of the Component Mounted on the Designed Heat Sink.
How to Order
RMG
100
J
P
D
Code
10R
TCR
Part Number Power Rating Resistance Tolerance (%)
Code D F G J K Resistance Tolerance 0.5% 1% 2% 5% 10% Package Tube Bulk
TCR (PPM/C) D
E F G -
50PPM/C 100PPM/C 200PPM/C 300PPM/C No specified
Resistance 0.1 10
Resistance
Code 0R1 10R 1K 10K
Package
Code T P
1K 10K
Back to 1st Page - TO-220 Power Resistors (RMG100)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of RMG100GTG0R1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X