Part Number Hot Search : 
SVC323 72HFR80M SI4209 00BZI MX98702 B1205 L2030 7815ACT
Product Description
Full Text Search
 

To Download PS1102FA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PS1102FA
Features
Package Right Angle type, Water clear epoxy
Surface Mount Phototransistor/Right Angle Type
Product features
Outer Dimension 3.0 x 1.2 x 2.5 mm ( L x W x H ) Photo Current : 7mA TYP. (VCE=5V,Ee=5mW/cm2) Lead-free soldering compatible RoHS compliant
Peak Sensitivity Wavelength Half Intensity Angle Die materials Rank grouping parameter Assembly method Soldering methods
880nm x = 50 deg., y = 100 deg. Si Sorted by photo current per rank taping Auto pick & place machine (Auto Mounter)
Reflow soldering, and manual soldering Please refer to Soldering Conditions about soldering.
Taping and reel ESD
3,000pcs per reel in a 8mm width tape. (Standard) Reel diameter:180mm 2kV (HBM)
Recommended Applications
Car Audio, Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
2006.8.31
Page 1
PS1102FA
Surface Mount Phototransistor/Right Angle Type
Absolute Maximum Ratings
Item Collector Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Collector Current Operating Temperature Storage Temperature
Symbol Absolute Maximum Ratings
(Ta=25)
Unit mW V V mA
Pc VCEO VECO Ic Topr Tstg
75 30 5 20 -30+85 -40+100
Electro-Optical Characteristics
Item Symbol Characteristics Min. TYP. 1.4 7
(Ta=25)
Conditions VCE=5V, Ee=5mW/cm
2 1
Unit mA mA
Photo Current
Ic
Response Time
VCE =10V, Ic=2mA, RL=100 VCEO=10V VCE=5V VCE=5V
tr/tf
TYP.
8/9
s
Dark Current Peak Sensitivity Wavelength Spatial Half Width
ICEO p
Max. TYP. TYP.
0.1 880 50(x) 100(y)
A nm deg.
1 Color temperature is 2,856K. Employs a standard tungsten lamp.
2005.9.29
Page 2
PS1102FA
Surface Mount Phototransistor/Right Angle Type
Photo Current Rank
Ic(mA) R ank MIN. A B C D E 1.4 2.4 4.2 7.2 12.6 MAX . 4.2 7.2 12.6 21.6 37.8 V CE = 5V E e = 5mW/cm
2
(Ta=25)
Condition
Please contact our sales staff concerning rank designation.
2005.9.29
Page 3
PS1102FA
Surface Mount Phototransistor/Right Angle Type
Technical Data
Relative Sensitivity vs. Sensitivity Wavelength
Condition : Ta = 25, VCE = 5V
Spatial Distribution Example
Condition : Ta = 25
Relative Sensitivity
Sensitivity Wavelength [nm]
Radiation Luminance vs. Relative Photo Current
Condition : Ta = 25, VCE = 5V
Collector-Emitter Voltage vs. Photo Current
Condition : Ta = 25
Relative Photo Current Ic
Radiation Luminance Ee(mW/cm2) It is based on Ee=5mW/cm2. Employs a standard tungsten lamp of 2,856K.
Photo Current Ic (mA)
Collector-Emitter Voltage VCE(V) Employs a standard tungsten lamp of 2,856K.
2005.9.29
Page 4
PS1102FA
Surface Mount Phototransistor/Right Angle Type
Technical Data
Response Time Measuring Circuit
Load Resistance vs. Response Time
Condition : VCE=10V, Ic=2mA, Ta=25
Response Time (s)
Load Resistance : RL()
Ambient Temperature vs. Collector Dissipation
Ambient Temperature vs. Dark Current
Condition : VCEO = 10V
Collector Dissipation : Pc(mW)
Ambient Temperature : Ta()
Dark Current : ICEO(A)
Ambient Temperature : Ta()
2005.9.29
Page 5
PS1102FA
Surface Mount Phototransistor/Right Angle Type
Technical Data
Ambient Temperature vs. Relative Photo Current
Condition : VCE = 5V
Relative Photo Current Ic (mA)
Ambient Temperature : Ta()
2005.9.29
Page 6
PS1102FA
Surface Mount Phototransistor/Right Angle Type
Package Dimensions
(Unit: mm) Weight: (10.0)mg
Recommended Soldering Pattern
(Unit: mm)
Taping Specification
Quantity: 3,000pcs/ reel (standard)
(Unit: mm)
2005.9.29
Page 7
PS1102FA
Surface Mount Phototransistor/Right Angle Type
Reflow Soldering Conditions
1) The above profile temperature gives the maximum temperature of the device resin surface. Please set the temperature so as to avoid exceeding this range. 2) Total times of reflow soldering process shall be no more than 2 times. When the second reflow soldering process is performed, intervals between the first and second reflow should be short as possible (while allowing some time for the component to return to normal temperature after the first reflow) in order to prevent the device from absorbing moisture. 3) Temperature fluctuation to the device during the pre-heating process shall be minimized.
Manual Soldering Conditions
Iron tip temp. Soldering time and frequency 350 3s 1 time (MAX.) (30 W Max.) (MAX.) (MAX.)
2005.9.29
Page 8
PS1102FA
Surface Mount Phototransistor/Right Angle Type
Reliability Testing Result
Reliability Testing Result Room Temp. Operating Life Applicable Standard EIAJ ED4701/100(101) Testing Conditions Ta = 25, Pc = Maxium Rated Power Dissipation (Pretreatment) Individual standard (Reflow Soldering) Pre-heating 150180 120s Operating Heating 230 Min. Peak temperature 260 Minimum Rated Storage Temperature(30min) Normal Temperature(15min) Maximum Rated Storage Temperature(30min) Normal Temperature(15min) Ta = 602, RH = 905% Ta = Maximum Rated Storage Temperature Ta = Minimum Rated Storage Temperature 98.1m/s (10G), 100 2KHz sweep for 20min., XYZ each direction
2
Duration 1,000 h
Failure 0/16
Resistance to Soldering Heat
EIAJ ED4701/300(301)
Twice
0/16
Temperature Cycling Wet High Temp. Storage Life High Temp. Storage Life Low Temp. Storage Life Vibration, Variable Frequency
EIAJ ED4701/100(105) EIAJ ED4701/100(103) EIAJ ED4701/200(201) EIAJ ED4701/200(202) EIAJ ED4701/400(403)
5 cycles
0/16
1,000 h 1,000 h 1,000 h 2h
0/16 0/16 0/16 0/16
Failure Criteria
Items Symbols Conditions
EE Value of each product Irradiance of Photo Current VCE Value of each product Collector-emitter Voltage of Photo Current VCEO Value of each product Collector-emitter Voltage of Dark Current -
Failure criteria
Photo Current
IC
Testing Max. Value Initial Value x 1.3 Testing Min. Value Initial Value x 0.7
Dark Current Cosmetic Appearance
ICEO -
Testing Max. Value Spec. Max. Value x 1.2 Occurrence of notable decoloration, deformation and cracking
2007.8.31
Page 9
PS1102FA
Surface Mount Phototransistor/Right Angle Type
Special Notice to Customers Using the Products and Technical Information Shown in This Data Sheet
1) The technical information shown in the data sheets are limited to the typical characteristics and circuit examples of the referenced products. It does not constitute the warranting of industrial property nor the granting of any license. 2) For the purpose of product improvement, the specifications, characteristics and technical data described in the data sheets are subject to change without prior notice. Therefore it is recommended that the most updated specifications be used in your design. 3) When using the products described in the data sheets, please adhere to the maximum ratings for operating voltage, heat dissipation characteristics, and other precautions for use. We are not responsible for any damage which may occur if these specifications are exceeded. 4) The products that have been described to this catalog are manufactured so that they will be used for the electrical instrument of the benchmark (OA equipment, telecommunications equipment, AV machine, home appliance and measuring instrument). The application of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. needs a high reliability and safety, and the breakdown and the wrong operation might influence the life or the human body. Please consult us beforehand if you plan to use our product for the usages of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. except OA equipment, telecommunications equipment, AV machine, home appliance and measuring instrument. 5) In order to export the products or technologies described in this data sheet which are under the "Foreign Exchange and Foreign Trade Control Law," it is necessary to first obtain an export permit from the Japanese government. 6) No part of this data sheet may be reprinted or reproduced without prior written permission from Stanley Electric Co., Ltd. 7) The most updated edition of this data sheet can be obtained from the address below: http://www.stanley-components.com
2007.8.31
Page 10


▲Up To Search▲   

 
Price & Availability of PS1102FA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X