Part Number Hot Search : 
HC123 2SC36 1212Z21 C845U 2SC36 FBR1508W U8000 SAA2502
Product Description
Full Text Search
 

To Download PMST6428 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
dbook, halfpage
M3D187
PMST6428; PMST6429 NPN general purpose transistors
Product data sheet Supersedes data of 1997 Jun 12 1999 Apr 22
NXP Semiconductors
Product data sheet
NPN general purpose transistors
FEATURES * Low current (max. 100 mA) * Low voltage (max. 50 V). APPLICATIONS * General purpose switching and amplification in e.g. telephony and professional communication equipment. DESCRIPTION NPN transistor in an SC-70; SOT323 plastic package. MARKING TYPE NUMBER PMST6428 PMST6429 Note 1. = - : Made in Hong Kong. = t : Made in Malaysia. MARKING CODE(1) 1K 1L Fig.1
1 Top view
PMST6428; PMST6429
PINNING PIN 1 2 3 base emitter collector DESCRIPTION
handbook, halfpage
3
3 1 2
2
MAM062
Simplified outline (SC-70; SOT323) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO PARAMETER collector-base voltage PMST6428 PMST6429 VCEO collector-emitter voltage PMST6428 PMST6429 VEBO IC ICM IBM Ptot Tstg Tj Tamb Note 1. Transistor mounted on an FR4 printed-circuit board. emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature Tamb 25 C; note 1 open collector open base - - - - - - - -65 - -65 50 45 6 100 200 100 200 +150 150 +150 V V V mA mA mA mW C C C CONDITIONS open emitter - - 60 55 V V MIN. MAX. UNIT
1999 Apr 22
2
NXP Semiconductors
Product data sheet
NPN general purpose transistors
THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1. Transistor mounted on an FR4 printed-circuit board. CHARACTERISTICS Tamb 25 C unless otherwise specified. SYMBOL ICBO IEBO hFE PARAMETER collector cut-off current emitter cut-off current DC current gain PMST6428 CONDITIONS IE = 0; VCB = 30 V PARAMETER thermal resistance from junction to ambient
PMST6428; PMST6429
CONDITIONS note 1
VALUE 625
UNIT K/W
MIN. - - - 250 250 250 250 500 500 500 500 - - 560 - - 100
MAX. 10 10 10 - 650 - - - 1 250 - - 200 600 660 3 12 700
UNIT nA A nA
IE = 0; VCB = 30 V; Tj = 150 C IC = 0; VEB = 5 V VCE = 5 V IC = 0.01 mA IC = 0.1 mA IC = 1 mA IC = 10 mA DC current gain PMST6429 VCE = 5 V IC = 0.01 mA IC = 0.1 mA IC = 1 mA IC = 10 mA VCEsat VBE Cc Ce fT Note 1. Pulse test: tp 300 s; 0.02. collector-emitter saturation voltage base-emitter voltage collector capacitance emitter capacitance transition frequency IC = 10 mA; IB = 0.5 mA; note 1 IC = 100 mA; IB = 5 mA; note 1 IC = 1 mA; VCE = 5 V IE = ie = 0; VCB = 10 V; f = 1 MHz IC = ic = 0; VEB = 0.5 V; f = 1 MHz IC = 1 mA; VCE = 5 V; f = 100 MHz
mV mV mV pF pF MHz
1999 Apr 22
3
NXP Semiconductors
Product data sheet
NPN general purpose transistors
PACKAGE OUTLINE
Plastic surface mounted package; 3 leads
PMST6428; PMST6429
SOT323
D
B
E
A
X
y
HE
vMA
3
Q
A
A1 c
1
e1 e bp
2
wM B Lp detail X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.4 0.3 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.23 0.13 v 0.2 w 0.2
OUTLINE VERSION SOT323
REFERENCES IEC JEDEC EIAJ SC-70
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
1999 Apr 22
4
NXP Semiconductors
Product data sheet
NPN general purpose transistors
DATA SHEET STATUS DOCUMENT STATUS(1) Objective data sheet Preliminary data sheet Product data sheet Notes PRODUCT STATUS(2) Development Qualification Production
PMST6428; PMST6429
DEFINITION This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
1. Please consult the most recently issued document before initiating or completing a design. 2. The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com. DISCLAIMERS General Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions 1999 Apr 22 5 above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Quick reference data The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
NXP Semiconductors
Customer notification This data sheet was changed to reflect the new company name NXP Semiconductors. No changes were made to the content, except for the legal definitions and disclaimers.
Contact information For additional information please visit: http://www.nxp.com For sales offices addresses send e-mail to: salesaddresses@nxp.com
(c) NXP B.V. 2009 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands 115002/00/03/pp6 Date of release: 1999 Apr 22 Document order number: 9397 750 05712


▲Up To Search▲   

 
Price & Availability of PMST6428

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X