Part Number Hot Search : 
P4SMA91A GE28F OP262GS 10832 MMSF3205 DTC12 SC2627 74ABT540
Product Description
Full Text Search
 

To Download NFP-16G-0100BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NF Series
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range: Soldering Temperature:
IDC Transition Header (1.27mm Pitch)
Part Number (Details)
1,000M min. at 500V DC 500V AC rms for 1 minute 15m max. at 10mA 1A -20C to +85C 260C / 5 sec.
NFP
Series (plug) No. of Leads
-
10G - 0100
BF
Type of Plating:
Materials and Finish
Housing: PBT (glass filled), UL 94V-0 rated Contacts: Beryllium Copper Plating: Au over Ni
Base BF FF Ni 2.5~4.5m Ni 2.5~4.5m
Mating Face Au 0.3m min. Au 0.5m min.
Solder Terminals Au 0.05m min. Au 0.05m min.
Features
Contact pitch 1.27mm connectors for high-density mounting Variations include cable connection and board-to-board connection types Unique three-fork contact of IDC type allows termination of 0.635mm pitch flat cable
Applicable Cables
AWG 30 stranded wire, AWG 30 solid wire, 0.635mm pitch (e.g. FLEX-*S, see Section E)
Jigs and Tools
Hand press: FX-003 Applicable jig: NFG-105 Platen: Standard platen
Outline Dimensions
View `A'
Recommended PCB Layout
Top View from Socket
View `A'
Standard types
Part Number
NFP-10G-0100BF NFP-16G-0100BF NFP-20G-0100BF NFP-20G-0100FF NFP-26G-0100BF NFP-26G-0100FF NFP-34G-0100BF NFP-34G-0100FF NFP-40G-0100BF NFP-40G-0100FF
No. of Leads 10 16 20 20 26 26 34 34 40 40
A
11.08 14.89 17.43 17.43 21.24 21.24 26.32 26.32 30.13 30.13
B
5.08 8.89 11.43 11.43 15.24 15.24 20.32 20.32 24.12 24.12
Part Number
NFP-50G-0100BF NFP-50G-0100FF NFP-60G-0100BF NFP-64G-0100BF NFP-64G-0100FF NFP-80G-0100BF NFP-80G-0100FF NFP-100G-0100BF NFP-100G-0100FF
No. of Leads 50 50 60 64 64 80 80 100 100
A
36.48 36.48 42.83 45.37 45.37 55.53 55.53 68.23 68.23
B
30.48 30.48 36.83 39.37 39.37 49.53 49.53 62.23 62.23
For the following versions below please contact Yamaichi, minimum order quantity may be required
NFP-10G-0100FF NFP-16G-0100FF NFP-60G-0100BF
Sockets and Connectors
10 16 60
11.08 14.89 42.83
5.08 8.89 36.83
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER


▲Up To Search▲   

 
Price & Availability of NFP-16G-0100BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X