Part Number Hot Search : 
AP1625W ESD05 JVE75A TDA8568Q 68HC70 2SK996 ESD05 NKE1000
Product Description
Full Text Search
 

To Download NFP-16A-0104BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NF Series
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range: Soldering Temperature:
90 Solder Dip Latch Header Plug (1.27mm Pitch)
1,000M min. at 500V DC 500V AC rms for 1 minute 15m max. at 10mA 1A -20C to +85C 260C / 5 sec.
Part Number (Details) NFP - 64A - 01 * 2
Series (plug) No. of Leads Latch Type: 1 = Short Latch 2 = Long Latch Terminal Type: 2 = Right Angle Solder Dip Type of Plating:
Base Mating Face Au 0.3m min.
BF
Materials and Finish
Housing: PBT (glass filled), UL 94V-0 rated Contacts: Phosphor Bronze Plating: Au over Ni
Solder Terminals Au 0.05m min.
Features
Contact pitch 1.27mm connectors for high-density mounting
BF
Ni 2.5~4.5m
Outline Dimensions
X=
6.5 (Short latch type) 4.0 (Long latch type)
Y= E = Short latch type F = Long latch type
23.7 (Short latch type) 27.7 (Long latch type)
2.7 (Standard Terminal Length)
View `A' View `A'
Recommended PCB Layout
For leads 10, 26, 34 and 50
Top View
Standard types see table. For other versions please contact Yamaichi, minimum order quantity may be required
Part Number
NFP-10A-0122BF NFP-16A-0122BF NFP-20A-0112BF NFP-26A-0112BF NFP-34A-0112BF NFP-34A-0122BF NFP-40A-0112BF NFP-40A-0122BF NFP-50A-0112BF NFP-60A-0112BF NFP-60A-0122BF NFP-64A-0112BF NFP-64A-0122BF NFP-80A-0112BF NFP-80A-0122BF NFP-100A-0112BF NFP-100A-0122BF
No. of Leads 10 16 20 26 34 34 40 40 50 60 60 64 64 80 80 100 100
A
24.28 28.09 30.63 34.44 39.52 39.52 43.33 43.33 49.68 56.03 56.03 58.57 58.57 68.73 68.73 81.43 81.43
B
5.08 8.89 11.43 15.24 20.32 20.32 24.12 24.12 30.48 36.83 36.83 39.37 39.37 49.53 49.53 62.23 62.23
C
11.58 15.39 17.93 21.74 26.82 26.82 30.63 30.63 36.98 43.33 43.33 45.87 45.87 56.03 56.03 68.73 68.73
D
15.08 18.89 21.43 25.24 30.32 30.32 34.13 34.13 40.48 46.83 46.83 49.37 49.37 59.53 59.53 72.23 72.23
E
38.2 42.0 44.6 48.4 53.5 53.5 57.3 57.3 63.6 70.0 70.0 72.5 72.5 82.7 82.7 95.4 95.4
F
40.2 44.0 46.6 50.4 55.5 55.5 59.3 59.3 65.6 72.0 72.0 74.5 74.5 84.7 84.7 97.4 97.4
For all other leads
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
NF Series
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range: Soldering Temperature:
180 Solder Dip Latch Header Plug (1.27 mm Pitch)
Part Number (Details)
1,000M min. at 500V DC 500V AC rms for 1 minute 15m max. at 10mA 1A -20C to +85C 260C / 5 sec.
NFP
Series (plug) No. of Leads
-
64A - 0* * 4
BF
Materials and Finish
Housing: PBT (glass filled), UL 94V-0 rated Contacts: Phosphor Bronze Plating: Au over Ni
Board Screw Option: 1 = Provided (Standard) 3 = Not Provided Latch Type: 0 = Without Latch 1 = Short Latch 2 = Long Latch Terminal Type: 4 = Straight Solder Dip
Features
Contact pitch 1.27mm connectors for high-density mounting
Outline Dimensions
Type of Plating:
E = Short latch type F = Long latch type
BF Base Ni 2.5~4.5m Mating Face Au 0.3m min. Solder Terminals Au 0.05m min.
View `A'
Standard types see table. For other versions please contact Yamaichi, minimum order quantity may be required
X X=
6.5 (Short latch type) 4.0 (Long latch type)
Part Number
NFP-10A-0114BF NFP-10A-0124BF NFP-16A-0104BF NFP-16A-0114BF NFP-20A-0114BF NFP-20A-0124BF NFP-26A-0114BF NFP-26A-0124BF NFP-26A-0134BF NFP-34A-0114BF NFP-34A-0124BF NFP-40A-0114BF NFP-40A-0124BF NFP-50A-0124BF NFP-50A-0314BF NFP-50A-0324BF NFP-60A-0314BF NFP-64A-0104BF NFP-64A-0114BF NFP-64A-0124BF NFP-64A-0314BF NFP-64A-0324BF NFP-80A-0114BF NFP-80A-0124BF NFP-80A-0314BF NFP-100A-0114BF NFP-100A-0124BF NFP-100A-0314BF NFP-100A-0324BF
Sockets and Connectors
No. of Leads 10 10 16 16 20 20 26 26 26 34 34 40 40 50 50 50 60 64 64 64 64 64 80 80 80 100 100 100 100
A
24.28 24.28 28.09 28.09 30.63 30.63 34.44 34.44 34.44 39.52 39.52 43.33 43.33 49.68 49.68 49.68 56.03 58.57 58.57 58.57 58.57 58.57 68.73 68.73 68.73 81.43 81.43 81.43 81.43
B
5.08 5.08 8.89 8.89 11.43 11.43 15.24 15.24 15.24 20.32 20.32 24.12 24.12 30.48 30.48 30.48 36.83 39.37 39.37 39.37 39.37 39.37 49.53 49.53 49.53 62.23 62.23 62.23 62.23
C
11.58 11.58 15.39 15.39 17.93 17.93 21.74 21.74 21.74 26.82 26.82 30.63 30.63 36.98 36.98 36.98 43.33 45.87 45.87 45.87 45.87 45.87 56.03 56.03 56.03 68.73 68.73 68.73 68.73
D
20.48 20.48 24.29 24.29 26.83 26.83 30.64 30.64 30.64 35.72 35.72 39.53 39.53 45.88 45.88 45.88 52.23 54.77 54.77 54.77 54.77 54.77 64.93 64.93 64.93 77.63 77.63 77.63 77.63
E
38.2 38.2 42.0 42.0 44.6 44.6 48.4 48.4 48.4 53.5 53.5 57.3 57.3 63.6 63.6 63.6 70.0 72.5 72.5 72.5 72.5 72.5 82.7 82.7 82.7 95.4 95.4 95.4 95.4
F
40.2 40.2 44.0 44.0 46.6 46.6 50.4 50.4 50.4 55.5 55.5 59.3 59.3 65.6 65.6 65.6 72.0 74.5 74.5 74.5 74.5 74.5 84.7 84.7 84.7 97.4 97.4 97.4 97.4 Y=
2.7 (Standard Terminal Length)
View `A'
Y
Recommended PCB Layout
Top View from Socket
For leads 10, 26, 34 and 50
For all other leads
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER


▲Up To Search▲   

 
Price & Availability of NFP-16A-0104BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X