Part Number Hot Search : 
FES2B M85049 RT9503A EGA64 2SA16 1N5405GM TA0836A A0LMAI
Product Description
Full Text Search
 

To Download MUR860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
MUR860
Features
* * * * Glass pass ivated chip Superfast sw itchin g time for high t efficiency Low reverse leakage curr ent Hig h surge capacity
* *
Maximum Ratings
Operating Junction Temperature: - 55C to +150C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 600V Maximum RMS Voltage Maximum DC Blocking Voltage 600V
8 Amp Super F ast Glass Passiv ated Rectif ier 600 Volts
TO-220AC
B C K L M D A
PIN 1 2
Catalog Number
MUR860
MUR860
420V
E
F G I H J N
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 8.0A TC = 100C
PIN 1 PIN 2 CASE
125A 8.3 ms, half sine
VF
IFM = 8 A 1.80V TJ = 25C 1.50V TJ = 125C
A B C D E F G H I J K L M N
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 4.83 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 5.33 1.14 0.64 4.09 4.83 1.40 2.92
Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time
IR
10 uA 500uA
TJ = 25C TJ = 125C
Trr
50ns
IF=0.5A, IR=1.0A, Irr=0.25A 2%
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .190 .210 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
*Pulse test: Pulse width 300 sec, Duty cycle
www.cnelectr.com
MUR860
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 10 6 4 2 1 .6 .4 .2 TA=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperesversus Percent Of Rated Peak Reverse Voltage - Volts 100 120 150 Figure 2 Typical Reverse Characteristics
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 12
Figure 4 Maximum Non-Repetitive Forward Surge Current 150
10
125 100 75 Amps 50 25
8
6 Amps 4
2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Case Temperature - C 100 150 175 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 00 60 80 100
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MUR860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X