Part Number Hot Search : 
GPC200D ATION MN103S FX315 KAQV216A 3200A AC10G APT100
Product Description
Full Text Search
 

To Download MTPS9067WC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTPS9067WC
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25 ) ITEM CONDITIONS SYMBOL Power Output IF=20mA PO Forward Voltage IF=20mA VF Reverse Current VR=5V IR p IF=20mA Peak Wavelength Spectral Line Half Width IF=20mA Half Intensity Beam Angle IF=20mA Temp. Coefficient of PO IF=10mA P/T Temp. Coefficient of VF IF=10mA V/T
Point Source LED
MIN 0.2
TYP 0.4 2.2 650 20 45 -0.24 -3.8
MAX
630
100*65MM
UNIT mW 2.5 V 10 A 670 nm nm deg. %/ mV/
FORWARD I-V CHARACTERISTICS RELATIVE POWER OUTPUT(%) 60 FORWARD CURRENT(mA) 300
RELATIVE POWER vs FORWARD CURRENT 120 RELATIVE POWER OUTPUT (%) 100 80 60 40 20 0 -90
RADIATION PATTERN
FEATURES
Red Color Point-Source LED Emitting Window Dia.150m Small Temp. Coefficient of PO High Reliability in Demanding Environments APPLICATIONS Optical Switches Optical Instruments
Dimensions (Unit:mm)
50 40 30 20 10 0 0 1 2 3 FORWARD VOLTAGE(V)
250 200 150 100 50 0 0 10 20 30 40 50 60 FORWARD CURRENT(mA)
SPECTRAL OUTPUT 120
-60
-30
0
30
60
90
BEAM ANGLE (deg.)
1. ABSOLUTE MAXIMUM RATINGS (Ta=25) ITEM RATINGS SYMBOL Forward Current (DC) 50 IF Forward Current (Pulse)*1 0.3 IFP Reverse Voltage 5 VR Power Dissipation 125 PD -20 TO 85 Topr Operating Temp. -30 TO 100 Tstg Storage Temp. Junction Temp. 100 Tj 260 Lead Soldering Temp.*2 Tls *1:Tw=10uS,T=10mS *2:Time 5 Sec max,Position:Up to 3mm from the body
100 RELATIVE POWER OUTPUT (%)
UNIT mA A V mW
80 60 FORWARD CURRENT(mA) 60
THERMAL DERATING CURVE RELATIVE POWER OUTPUT(%) 140
POWER OUTPUT vs TEMPERATURE IF=10mA 3 FORWARD VOLTAGE(V) 2.5 2 1.5 1 0.5 0 -30
FORWARD VOLTAGE vs TEMPERATURE IF=10mA
50 40 30 20 10 0 -30
120 100 80 60 40 20 0 -30 -10 10 30 50 70 90
40
20
0 610
630
650
670
690
710
WAVELENGTH (nm)
-10
10
30
50
70
90
AMBIENT TEMPERATURE()
AMBIENT TEMPERATURE ()
-10 10 30 50 70 90 AMBIENT TEMPERATURE()
To purchase this part contact Marktech Optoelectronics at
800.984.5337
Marktech Optoelectronics
www.marktechopto.com
2009/7/2


▲Up To Search▲   

 
Price & Availability of MTPS9067WC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X