Part Number Hot Search : 
PIC16F87 SR106 084319 MC68306 11N60S5 HWS420 130LA2 G911T76B
Product Description
Full Text Search
 

To Download MTP4435Q8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Spec. No. : C391Q8 Issued Date : 2007.06.08 Revised Date : Page No. : 1/6
MTP4435Q8
Description
The MTP4435Q8 is a P-channel enhancement-mode MOSFET, providing the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness. The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters.
Features
* RDS(ON)=20m@VGS=-10V, ID=-8A RDS(ON)=35m@VGS=-4.5V, ID=-5A * Simple drive requirement * Low on-resistance * Fast switching speed * Pb-free package
Equivalent Circuit
MTP4435Q8
Outline
SOP-8
GGate SSource DDrain
MTP4435Q8
CYStek Product Specification
CYStech Electronics Corp.
Absolute Maximum Ratings (Ta=25C)
Parameter Drain-Source Breakdown Voltage Gate-Source Voltage Continuous Drain Current @TA=25 C Continuous Drain Current @TA=70 C Pulsed Drain Current (Note 1) Total Power Dissipation @ TA=25 C Linear Derating Factor Operating Junction Temperature Storage Temperature Thermal Resistance, Junction-to-Ambient
Note : 1.Pulse width limited by maximum junction temperature.
Spec. No. : C391Q8 Issued Date : 2007.06.08 Revised Date : Page No. : 2/6
Symbol BVDSS VGS ID ID IDM Pd Tj Tstg Rth,j-a
Limits -30 20 -8 -6 -50 2.5 0.02 -55~+150 -55~+150 50
Unit V V A A A W W / C C C C/W
Electrical Characteristics (Tj=25C, unless otherwise specified) Symbol Min. Typ. Max. Unit Test Conditions BVDSS -30 V VGS=0, ID=-250A VDSS/Tj -0.037 V/C Reference to 25C, ID=-1mA VGS(th) -1 -3 V VDS=VGS, ID=-250A IGSS 100 nA VGS=20V, VDS=0 IDSS -1 A VDS=-30V, VGS=0 IDSS -5 A VDS=-24V, VGS=0, Tj=70C 20 ID=-8A, VGS=-10V *RDS(ON) m 35 ID=-5A, VGS=-4.5V *GFS 20 S VDS=-10V, ID=-8A Ciss 2800 pF VDS=-15V, VGS=0, f=1MHz Coss 1400 Crss 350 td(ON) 30 ns VDD=-15V, ID=-1A, tr 20 ns VGS=-10V, RG=6, RD=15 td(OFF) 120 ns tf 80 ns Qg 47 nC VDS=-15V, ID=-4.6A, Qgs 9.5 nC VGS=-10V, Qgd 8 nC IS -2.1 A VD=VG=0, VS=-1.2V *VSD -0.75 -1.2 V VGS=0V, ISD=-2.1A
*Pulse Test : Pulse Width 300s, Duty Cycle2%
MTP4435Q8
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Spec. No. : C391Q8 Issued Date : 2007.06.08 Revised Date : Page No. : 3/6
MTP4435Q8
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves(Cont.)
Spec. No. : C391Q8 Issued Date : 2007.06.08 Revised Date : Page No. : 4/6
MTP4435Q8
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves(Cont.)
Spec. No. : C391Q8 Issued Date : 2007.06.08 Revised Date : Page No. : 5/6
MTP4435Q8
CYStek Product Specification
CYStech Electronics Corp.
SOP-8 Dimension
Top View A Right side View G
Spec. No. : C391Q8 Issued Date : 2007.06.08 Revised Date : Page No. : 6/6
Marking:
I
Date Code
4435SC
B
C
H
J D Front View
Part A
E
Part A
K L N O
8-Lead SOP-8 Plastic Package CYStek Package Code: Q8
M
F
*: Typical
DIM A B C D E F G H
Inches Min. Max. 0.1909 0.2007 0.1515 0.1555 0.2283 0.2441 0.0480 0.0519 0.0145 0.0185 0.1472 0.1527 0.0570 0.0649 0.1889 0.2007
Millimeters Min. Max. 4.85 5.10 3.85 3.95 5.80 6.20 1.22 1.32 0.37 0.47 3.74 3.88 1.45 1.65 4.80 5.10
DIM I J K L M N O
Inches Min. Max. 0.0019 0.0078 0.0118 0.0275 0.0074 0.0098 0.0145 0.0204 0.0118 0.0197 0.0031 0.0051 0.0000 0.0059
Millimeters Min. Max. 0.05 0.20 0.30 0.70 0.19 0.25 0.37 0.52 0.30 0.50 0.08 0.13 0.00 0.15
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
MTP4435Q8
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of MTP4435Q8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X