Part Number Hot Search : 
RM602615 15501 MPS65 48LC16M P8050AH ISD2548P IC16F6 7815DT
Product Description
Full Text Search
 

To Download MRCN1010XXXFXXXKE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MRCN
Vishay Techno
Resistor/Capacitor Networks, Molded SIP
FEATURES
* * * * * * * Custom schematics available. NPO or X7R capacitors for line terminator. Wide operating temperature range. Molded epoxy case. Solder coated copper terminals. Solderability per MIL-STD-202 method 208E. Marking resistance to solvents per MIL-STD-202 method 215.
ELECTRICAL SPECIFICATIONS - RESISTORS
Resistance Range: 50 ohms to 1 kilohm. Others available. Resistance Tolerance: 2 %, 5 % standard. 1 % available. Temperature Coefficient of Resistance: 150 ppm/C. Operating Temperature Range: - 55 C to + 125 C. Operating Voltage: 50 VDC maximum. Higher voltage available.
ELECTRICAL SPECIFICATIONS - CAPACITORS
Type: NPO or X7R. NPO Capacitance Range Standard: 33 pF - 3900 pF, other values available. X7R Capacitance Range: 470 pF - 0.1 F, other values available. Tolerance: NPO Type = 10 %, 20 %. X7R Type = 10 %, 20 %. Tighter tolerance available. Consult factory at +1-909-923-3313. Voltage Rating: 50 VDC. Higher voltage available.
SCHEMATICS
SCHEMATIC 10
C R R R R R R
DIMENSIONS in inches [millimeters]
0.150 0.010 [3.81 0.254] A
#1 Pin
1
2
3
4
5
6
7
8
10K ECL terminator network SCHEMATIC 20
C R 1 2 3 C R 4 n-1 C R n
B 0.020 0.002 [0.508 0.051] 0.125 0.015 [3.18 0.381] C
Pin #1 Identifier (Seating Plane) 0.020 0.002 [0.508 0.051] 0.100 0.005 [2.54 0.127] Non-Cumulative 0.010 0.002 [0.254 0.051]
SCHEMATIC 30 NUMBER OF PINS
R R
C R R R
C R
A 0.010 [0.254] 0.780 [19.81]
B 0.010 [0.254] 0.345 [8.26]
C 0.010 [0.254] 0.040 [1.02]
8
1 2 3 4 5 6 7 8 9 10
100K ECL terminator network NOTE: Custom schematics available.
10
1.040 [26.42]
0.346 [8.79]
0.075 [1.91]
ORDERING INFORMATION
MRCN XX XX XXX RESISTANCE VALUE (Ohms) First two digits are significant, third digit signifies number of zeros to follow. *Tighter tolerance available. X RESISTANCE TOLERANCE F=1% G=2% J=5% XXX CAPACITANCE VALUE (pF) First two digits are significant, third digit signifies number of zeros to follow. X CAPACITANCE TOLERANCE* K = 10 % M = 20 % e3 LEAD TERMINATION e3 = SnAg 95/5 MODEL NUMBER SCHEMATIC OF PINS
Document Number: 68008 Revision: 01-Aug-05
www.vishay.com 1
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MRCN1010XXXFXXXKE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X