Part Number Hot Search : 
S29BDS L934SRD RCP2150 90M6T HD74HCT AQF120D LA7256 EVQPAC
Product Description
Full Text Search
 

To Download MP1L01721035MP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
- Contactless Linear Sensor - IP64 Debris Proof, Splash Proof - Ideal for Hydraulic and Pneumatic Position Sensing - Liquid Level Capability - Upon request - Male or Female Nicomatic Connectors - Corresponding Exterior Magnet
Mechanical Specifications
-Life Cycle: >1 million -Height: 3.50mm (0.138") -Actuation Force: 0.09 to 0.11 lbs pull force at desired distance (pull force rating is for the exterior magnet using a test plate of cold rolled steel).
Electrical Specifications
-Resistance - Standard: 10k Ohms (lengths >300mm = 20k Ohms) -Resistance - Custom: 5k to 500k Ohms -Resistance Tolerance: 20% -Effective Electrical Travel: 8 to 1200mm -Resolution: Depends on the exterior magnet strength and distance to the MagnetoPot -Power Rating: 0.50 Watt continuous, 1 Watt Peak -Dielectric Value: No affect @ 500VAC for 1 minute -Independant Linearity: 5% (1% available) -Hysteresis: 3mm* *Please note that the hysteresis is directly affected by the drive magnet size, strength, and distance from the internal magnet.
Environmental Specifications
-Operating Temperature: up to +85C -IP Rating of Active Area: IP64
Dimensional Diagram - Stock Linear MagnetoPots
PART LENGTH [P] ACTIVE LENGTH [A] 10.16 [0.400] TAIL WIDTH
PIN 1
20.32 [0.800] 3.81 [0.150] ACTIVE WIDTH
12.50mm 0.492"
28.36mm 1.117"
8.24 [0.325] TAIL LENGTH [T] 7.93 [0.312]
A P T
25.00mm 0.984"
40.86mm 1.609"
50.00mm 100.00mm 150.00mm 171.89mm 200.00mm 300.00mm 400.00mm 500.00mm 750.00mm 1000.00mm 6.768" 29.528" 39.370" 1.969" 3.937" 5.906" 7.874" 11.811" 15.748" 19.685"
65.86mm 2.593" 115.86mm 4.562" 165.86mm 6.531" 185.86mm 7.318" 215.86mm 8.499" 315.86mm 12.436" 415.86mm 16.373" 515.86mm 20.310" 765.86mm 30.153" 1015.86mm 39.995"
12.70mm 0.500"
24.89mm 0.980"
spectrasymbol.com
Rev G1 - Page 1
(888) 795-2283
Electrical Schematic
PIN 3 (GND)
(LEFT BUS BAR)
Material Cross-Section
3.28 [0.129] CIRCUIT 0.05 [0.002] 3M ADHESIVE 3.33 [0.131] TOTAL (10%)
10K
PIN 2 (V+)
(RIGHT BUS BAR)
PIN 1
(COLLECTOR)
How to Order - MagnetoPots
MP1 Series
MP1 = MagnetoPot
L Model
L = Linear
0050 Active Length
0012 = 12,5mm 0025 = 25mm 0050 = 50mm 0100 = 100mm 0150 = 150mm 0172 = 172mm 0200 = 200mm 0300 = 300mm 0400 = 400mm 0500 = 500mm 0750 = 750mm 1000 = 1000mm
103 Resistance
Active Lengths < 300mm
5%
ST Connectors
103 = 10 KOhm
Active Lengths > 300mm
203 = 20 KOhm
ST = Solder Tab MP = Male Pins RH = Receptacles w/Plain Housing RL = Receptacles w/Latch* Housing RD = Receptacles w/Detent* Housing
* Please note that the RL and RD style connectors are only available in one orientation. Please contact Spectra Symbol for more infomation.
Ind. Linearity
5% = 5%
Standard Connector Options
Crimpflex Solder Tab (ST)
Crimpflex Short Male Pins (MP)
Crimpflex Female Receptacles with a Plain Housing (RH)
Crimpflex Female Receptacles with a Latch Housing (RL)
Crimpflex Female Receptacles with a Detent Housing (RD)
spectrasymbol.com
Page 2
(888) 795-2283
Customization
Customize the size and shape. Such custom requests, for example, can be: custom lengths 10mm-1200mm; custom rotary diameters, etc. Spectra Symbol would be glad to quote your custom application, just contact us at sales@spectrasymbol.com or (888)795-2283.
How It Works
The MagnetoPot is simple, yet elegant in its ability to track motion in a contactless manner. A magnet on the inside of a cylinder, or a magnet on the opposing side of a motion device will guide the built-in magnetics of the MagnetoPot for position location through a potentiometric output. The MagnetoPot is a sealed potentiometer, in the membrane potentiometer tradition, yet it does not require a wiper/actuator to connect the collector and the resistor. Instead, the MagnetoPot is controlled by an outside magnet, which attracts the magnetic forces within the MagnetoPot to connect to the linear resistor and give linear potentiometer feedback. The wiper inside the sealed pot is magnetic or ferromagnetic, and will only perform if connected with an exterior magnet. As opposed to a magnetically-based Reed Switch, which gives simply "open" or "close" signals, the MagnetoPot gives the full linear travel of a hydraulic or pneumatic cylinder. In liquid level applications, the MagnetoPot can attach to the outside of a liquid tank and give position of the magnet inside the float. No water ingress, no wearing of the part by environment, because the MagnetoPot is outside of the tank.
Design and Contruction
The MagnetoPot is made of polyester, fiberglass and kapton, depending on the specification required. It functions as a voltage divider, a resistor or rheostat, as desired by the end-user. By bringing the exterior magnet into a proximity necessary to connect with the internal magnetic attractors, the operator can obtain linear position sensing based on the location of the exterior magnet. As the exterior magnet moves, so does the electrical output of the MagnetoPot. The MagnetoPot should not be mounted to a ferromagnetic surface.
spectrasymbol.com
Page 3
(888) 795-2283
Diagram - Stock Rotary MagnetoPot
R32.87 [R1.294] OUTER DIAMETER R12.70 [R0.500] THRU O45.57 [O1.794] CENTER OF TRACK
2xR1.59 [R0.062]
4.83 [0.190] ACTIVE WIDTH
353 ACTIVE ANGLE
10.16 [0.400]
PIN 1 6.08 [0.239] (TYP)
79.01 [3.111]
Electrical Schematic
PIN 3 (GND)
(LEFT BUS BAR)
Material Cross-Section
3.28 [0.129] CIRCUIT 0.05 [0.002] 3M ADHESIVE 3.33 [0.131] TOTAL (10%)
PIN 2
(COLLECTOR)
PIN 1 (V+)
10K
(RIGHT BUS BAR)
How to Order - Rotary MagnetoPot
MP1 Series
MP1 = MagnetoPot
R Model
R = Rotary
0046
Center of Active Track 0046 = 45.57mm
0353 Active Angle
0353 = 353
103 Resistance
103 = 10 KOhm
5%
ST Connectors
Ind. Linearity
5% = 5%
ST = Solder Tab MP = Male Pins RH = Receptacles w/Plain Housing RL = Receptacles w/Latch Housing RD = Receptacles w/Detent Housing
spectrasymbol.com
Page 4
(888) 795-2283


▲Up To Search▲   

 
Price & Availability of MP1L01721035MP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X