Part Number Hot Search : 
SF2N4931 ADN4600 2SC3865 R2010 GXP6H VIT3080S SP8M4 M4001
Product Description
Full Text Search
 

To Download LY6251216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
REVISION HISTORY
Revision Rev. 0.1 Rev. 0.2 Rev. 0.3 Description Initial Issue Added ISB Spec. Revised FEATURES & ORDERING INFORMATION Lead free and green package available to Green package available Added packing type in ORDERING INFORMATION Deleted TSOLDER in ABSOLUTE MAXIMUN RATINGS Revised VDR Issue Date Oct.14.2007 Feb.1.2008 May.20.2009
Rev. 0.4
Sep.11.2009
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 0
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
GENERAL DESCRIPTION
The LY6251216 is a 8,388,608-bit low power CMOS static random access memory organized as 524,288 words by 16 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature. The LY6251216 is well designed for low power application, and particularly well suited for battery back-up nonvolatile memory application. The LY6251216 operates from a single power supply of 4.5V ~ 5.5V and all inputs and outputs are fully TTL compatible
FEATURES
Fast access time : 55/70ns Low power consumption: Operating current : 45/30mA (TYP.) Standby current : 8A (TYP.) LL-version Single 4.5V ~ 5.5V power supply All inputs and outputs TTL compatible Fully static operation Tri-state output Data byte control : LB# (DQ0 ~ DQ7) UB# (DQ8 ~ DQ15) Data retention voltage : 1.5V (MIN.) Green package available Package : 44-pin 400 mil TSOP-II 48-ball 6mm x 8mm TFBGA
PRODUCT FAMILY
Product Family LY6251216 LY6251216(E) LY6251216(I) Operating Temperature 0 ~ 70 -20 ~ 80 -40 ~ 85 Vcc Range 4.5 ~ 5.5V 4.5 ~ 5.5V 4.5 ~ 5.5V Speed 55/70ns 55/70ns 55/70ns Power Dissipation Standby(ISB1,TYP.) Operating(Icc,TYP.) 8A(LL) 45/30mA 8A(LL) 45/30mA 8A(LL) 45/30mA
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
SYMBOL DESCRIPTION Address Inputs Chip Enable Input Write Enable Input Output Enable Input Lower Byte Control Upper Byte Control Power Supply Ground
Vcc Vss
A0 - A18 CE# WE# OE# LB# UB# VCC VSS
I/O DATA CIRCUIT COLUMN I/O
DQ0 - DQ15 Data Inputs/Outputs
DECODER 512Kx16 MEMORY ARRAY
A0-A18
DQ0-DQ7 Lower Byte DQ8-DQ15 Upper Byte
CE# WE# OE# LB# UB#
CONTROL CIRCUIT
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 1
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
PIN CONFIGURATION
A4 A3 A2 A1 A0 CE# DQ0 DQ1 DQ2 DQ3 Vcc Vss DQ4 DQ5 DQ6 DQ7 WE# A18 A17 A16 A15 A14 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 TSOP II 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A5 A6 A7 OE# UB# LB# DQ15 DQ14 DQ13 DQ12 Vss Vcc DQ11 DQ10 DQ9 DQ8 A8 A9 A10 A11 A12 A13
ABSOLUTE MAXIMUN RATINGS*
PARAMETER Voltage on VCC relative to VSS Voltage on any other pin relative to VSS Operating Temperature Storage Temperature Power Dissipation DC Output Current SYMBOL VT1 VT2 TA TSTG PD IOUT RATING -0.5 to 6.5 -0.5 to VCC+0.5 0 to 70(C grade) -20 to 80(E grade) -40 to 85(I grade) -65 to 150 1 50 UNIT V V W mA
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 2
LY6251216
A B C D E F G H
LB# OE# DQ8 UB#
A0 A3
A1 A4 A6 A7
A2
NC
CE# DQ0 DQ1 DQ2 DQ3 Vcc
DQ9 DQ10 A5 Vss DQ11 A17 Vcc DQ12 NC DQ14 DQ13 A14 DQ15 NC A18 A8 A12 A9
A16 DQ4 Vss A15 DQ5 DQ6 A13 WE# DQ7 A10 A11 NC
1
2
3 4 TFBGA
5
6
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
TRUTH TABLE
MODE Standby Output Disable Read CE# H X L L L L L L L L OE# X X H H L L L X X X WE# LB# X X H H H H H L L L X H L X L H L L H L UB# X H X L H L L H L L I/O OPERATION DQ0-DQ7 DQ8-DQ15 High - Z High - Z High - Z High - Z High - Z High - Z High - Z High - Z DOUT High - Z High - Z DOUT DOUT DOUT DIN High - Z High - Z DIN DIN DIN SUPPLY CURRENT ISB,ISB1 ICC,ICC1 ICC,ICC1
Write
Note:
ICC,ICC1
H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
SYMBOL TEST CONDITION PARAMETER Supply Voltage VCC *1 Input High Voltage VIH *2 Input Low Voltage VIL Input Leakage Current ILI VCC VIN VSS Output Leakage VCC VOUT VSS ILO Current Output Disabled Output High Voltage VOH IOH = -1mA Output Low Voltage VOL IOL = 2mA Cycle time = Min. - 55 CE# = VIL, ICC II/O = 0mA Average Operating - 70 Other pins at VIL or VIH Power supply Current Cycle time = 1s ICC1 CE#0.2V, II/O = 0mA Other pins at 0.2V or VCC-0.2V CE# = VIH ISB Other pins at VIL or VIH Standby Power -LL Supply Current CE# VCC-0.2V ISB1 -LLE Other pins at 0.2V or VCC-0.2V -LLI
Notes: 1. VIH(max) = VCC + 3.0V for pulse width less than 10ns. 2. VIL(min) = VSS - 3.0V for pulse width less than 10ns. 3. Over/Undershoot specifications are characterized, not 100% tested. 4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(TYP.) and TA = 25
MIN. 4.5 2.4 - 0.2 -1 -1 2.4 -
TYP. 5.0 45 30 6 0.2 8 8 8
*4
MAX. 5.5 VCC+0.3 0.6 1 1 0.4 60 50 12 2 35 50 80
UNIT V V V A A V V mA mA mA mA A A A
CAPACITANCE (TA = 25, f = 1.0MHz)
PARAMETER Input Capacitance Input/Output Capacitance SYMBOL CIN CI/O MIN.
-
MAX 6 8
UNIT pF pF
Note : These parameters are guaranteed by device characterization, but not production tested.
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 3
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
AC TEST CONDITIONS
Input Pulse Levels Input Rise and Fall Times Input and Output Timing Reference Levels Output Load 0.2V to VCC - 0.2V 3ns 1.5V CL = 30pF + 1TTL, IOH/IOL = -1mA/2mA
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE PARAMETER Read Cycle Time Address Access Time Chip Enable Access Time Output Enable Access Time Chip Enable to Output in Low-Z Output Enable to Output in Low-Z Chip Disable to Output in High-Z Output Disable to Output in High-Z Output Hold from Address Change LB#, UB# Access Time LB#, UB# to High-Z Output LB#, UB# to Low-Z Output (2) WRITE CYCLE PARAMETER Write Cycle Time Address Valid to End of Write Chip Enable to End of Write Address Set-up Time Write Pulse Width Write Recovery Time Data to Write Time Overlap Data Hold from End of Write Time Output Active from End of Write Write to Output in High-Z LB#, UB# Valid to End of Write SYM. tRC tAA tACE tOE tCLZ* tOLZ* tCHZ* tOHZ* tOH tBA tBHZ* tBLZ* LY6251216-55 MIN. MAX. 55 55 55 30 10 5 20 20 10 55 25 10 LY6251216-70 MIN. MAX. 70 70 70 35 10 5 25 25 10 70 30 10 UNIT ns ns ns ns ns ns ns ns ns ns ns ns
SYM. tWC tAW tCW tAS tWP tWR tDW tDH tOW* tWHZ* tBW
LY6251216-55 MIN. MAX. 55 50 50 0 45 0 25 0 5 20 45 -
LY6251216-70 MIN. MAX. 70 60 60 0 55 0 30 0 5 25 60 -
UNIT ns ns ns ns ns ns ns ns ns ns ns
*These parameters are guaranteed by device characterization, but not production tested.
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 4
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
TIMING WAVEFORMS
READ CYCLE 1 (Address Controlled) (1,2)
tRC Address tAA Dout Previous Data Valid tOH Data Valid
READ CYCLE 2 (CE# and OE# Controlled) (1,3,4,5)
tRC Address tAA CE# tACE LB#,UB# tBA OE# tOE tOLZ tBLZ tCLZ Dout High-Z tOH tOHZ tBHZ tCHZ Data Valid High-Z
Notes : 1.WE#is high for read cycle. 2.Device is continuously selected OE# = low, CE# = low, LB# or UB# = low. 3.Address must be valid prior to or coincident with CE# = low, LB# or UB# = low transition; otherwise tAA is the limiting parameter. 4.tCLZ, tBLZ, tOLZ, tCHZ, tBHZ and tOHZ are specified with CL = 5pF. Transition is measured 500mV from steady state. 5.At any given temperature and voltage condition, tCHZ is less than tCLZ , tBHZ is less than tBLZ, tOHZ is less than tOLZ.
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 5
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
WRITE CYCLE 1 (WE# Controlled) (1,2,3,5,6)
tWC Address tAW CE# tCW tBW LB#,UB# tAS WE# tWHZ Dout (4) High-Z tDW Din tDH TOW (4) tWP tWR
Data Valid
WRITE CYCLE 2 (CE# Controlled) (1,2,5,6)
tWC Address tAW CE# tAS tCW tBW LB#,UB# tWP WE# tWHZ Dout (4) High-Z tDW Din tDH tWR
Data Valid
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 6
(R)
LY6251216
Rev. 0.4 WRITE CYCLE 3 (LB#,UB# Controlled) (1,2,5,6)
tWC Address tAW CE# tAS LB#,UB# tWP WE# tWHZ Dout (4) High-Z tDW Din tDH tCW tBW tWR
512K X 16 BIT LOW POWER CMOS SRAM
Data Valid
Notes : 1.WE#,CE#, LB#, UB# must be high during all address transitions. 2.A write occurs during the overlap of a low CE#, low WE#, LB# or UB# = low. 3.During a WE# controlled write cycle with OE# low, tWP must be greater than tWHZ + tDW to allow the drivers to turn off and data to be placed on the bus. 4.During this period, I/O pins are in the output state, and input signals must not be applied. 5.If the CE#, LB#, UB# low transition occurs simultaneously with or after WE# low transition, the outputs remain in a high impedance state. 6.tOW and tWHZ are specified with CL = 5pF. Transition is measured 500mV from steady state.
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 7
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
DATA RETENTION CHARACTERISTICS
PARAMETER SYMBOL TEST CONDITION VCC for Data Retention VDR CE#VCC - 0.2V -LL VCC = 1.5V CE# VCC-0.2V Data Retention Current IDR -LLE Other pins at 0.2V or VCC-0.2V -LLI See Data Retention Chip Disable to Data tCDR Waveforms (below) Retention Time Recovery Time tR tRC* = Read Cycle Time MIN. 1.5 0 tRC* TYP. 5 5 5 MAX. 5.5 30 40 50 UNIT V A A A ns ns
DATA RETENTION WAVEFORM
Low Vcc Data Retention Waveform (1) (CE# controlled)
VDR 1.5V Vcc Vcc(min.) tCDR CE# VIH CE# Vcc-0.2V Vcc(min.) tR VIH
Low Vcc Data Retention Waveform (2) (LB#, UB# controlled)
VDR 1.5V Vcc Vcc(min.) tCDR LB#,UB# VIH LB#,UB# Vcc-0.2V Vcc(min.) tR VIH
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 8
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
PACKAGE OUTLINE DIMENSION
44-pin 400mil TSOP- Package Outline Dimension
SYMBOLS A A1 A2 b c D E E1 e L ZD y
DIMENSIONS IN MILLMETERS MIN. NOM. MAX. 1.20 0.05 0.10 0.15 0.95 1.00 1.05 0.30 0.45 0.12 0.21 18.212 18.415 18.618 11.506 11.760 12.014 9.957 10.160 10.363 0.800 0.40 0.50 0.60 0.805 0.076 o o o 3 6 0
DIMENSIONS IN MILS MIN. NOM. MAX. 47.2 2.0 3.9 5.9 37.4 39.4 41.3 11.8 17.7 4.7 8.3 717 725 733 453 463 473 392 400 408 31.5 15.7 19.7 23.6 31.7 3 o o o 0 3 6
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 9
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
48-ball 6mm x 8mm TFBGA Package Outline Dimension
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 10
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
ORDERING INFORMATION
LY6251216 U V - WW XX Y Z
Z : Packing Type Blank : Tube or Tray T : Tape Reel Y : Temperature Range Blank : (Commercial) 0C ~ 70C E : (Extended) -20C ~ +80C I : (Industrial) -40C ~ +85C XX : Power Type LL : Ultra Low Power WW : Access Time(Speed) V : Lead Information L : Green Package U : Package Type M : 44-pin 400 mil TSOP-II G : 48-ball 6 mm x 8 mm TFBGA
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 11
(R)
LY6251216
Rev. 0.4
512K X 16 BIT LOW POWER CMOS SRAM
THIS PAGE IS LEFT BLANK INTENTIONALLY.
Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 12


▲Up To Search▲   

 
Price & Availability of LY6251216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X