Part Number Hot Search : 
00502 YM3404 R3001 VPX3225D HACB2J 1N5927B SAB0600 33074A
Product Description
Full Text Search
 

To Download LW500AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Specification LW500AM
SSC
Drawn Approval
CUSTOMER
Approval
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
CONTENTS
1. 2. 3. 4. 5. 6. 7. 8. 9. Full code of Lamp LED series Feature & Application Absolute Maximum Ratings Electro Characteristics Outline Dimension Optical characteristics Color & Binning Rank of LW500AM Packing
10. Soldering 11. Precaution for use 12. Reliability Test Item and Condition
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
1. Full Code of Lamp LED Series
Full code form : X1 X2 X3 X4 X5 X6 X7X8 X9 - X10X11 1. Part Number - X1 : Model - X2 : Number of Die *1 - X3 : Color - X4 : Lens Shape - X5 : Directivity - X6 : Revision Symbol - X7 : High Reliability *2 - X8 : Surface coloring & Diffusion *3 - X9 : Stopper *4 *1, 2, 3, 4 are added to the Product Type only in necessary cases. 2. Internal Number - X10 - X11 3. Sticker Diagram on Box & Aluminum Vinyl Bag
For more information about binning and labeling, refer to the Application Note -1
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
LW500AM
Description Lamp LEDs are effective in hot thermal and humid condition. This high brightness and weather-resistant packaging design makes these Lamp LEDs ideal for Outdoor applications such as traffic signals, variable message signs and backlighting for transparent sign panels.
LW500AM
Features
* High luminous white emission * Non-standoff leads * 5mm package * Viewing angle : 100 * Color Coordinates : x=0.31 y=0.31
Applications
* Electronic signs and signals * Specialty lighting * Small area illumination * Torches and head lamps * Backlighting * Outdoor displays
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
3. Absolute maximum ratings
Parameter
DC Forward Current Forward Peak Pulse Current Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Solder Temperature
Symbol
IF IFP *1 VR PD Topr Tstg Ts
Value
30 100 5 114 -35 ~ 85 -40 ~ 100 260C for 10seconds *2
Unit
mA mA V mW C C C
*1 t 0.1ms, D = 1/10 *2 No lower than 3mm from the base of the epoxy bulb.
4. Electric & Optical characteristics
Parameter
Luminous Intensity *3 Luminous Flux Chromaticity Coordinate*4 Forward Voltage *5 View Angle Optical Efficiency Reverse Current
Symbol
IV V x, y VF 2 1/2
Condition
If=20mA If=20mA If=20mA If=20mA If=20mA If=20mA VR = 5V
Min
420 -
Typ
700 3.5 X=0.31, y=0.31
Max
Unit
mcd
-
lm -
-
3.2 100
3.8
V Deg.
elc
IR
-
34 -
5
lm/W
A
*3. SSC maintains a tolerance of 10% on intensity and power measurements. *4. Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. Color Coordinates Measurement allowance is 0.01 *5. A tolerance of 0.05V on forward voltage measurements [Note] All measurements were made under the standardized environment of SSC.
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
0.5 +0.2
-0.1
2.5 0.05
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
5.Outline Dimension
Unit : mm
1.0
DETAIL ANODE 0.5 0.05
4.0 0.2 1.0 MAX
1.0 MIN 28.0 MIN
1.0 5.3 0.2
5.0 0.2 5.8 0.2
Notes : Protruded epoxy is 1.0mm maximum.
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Forward Current(mA)
Relative Luminous Intensity
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
6. Optical characteristics
Forward Current vs. Forward Voltage
(Ta=25 OC )
100
80
60
40
20
0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
Forward Voltage [V]
Relative Luminous Intensity vs Forward Current
4
(Ta=25 OC )
3
2
1
0
0
20
40
60
80
100
Forward Current [mA]
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Relative Luminous Intensity
Relative Emission Intensity
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
6. Optical characteristics
Radiation Diagram
1.0
(Ta=25 OC )
0.8
0.6
0.4
0.2
0.0 -90
-60
-30
0
30
60
90
Off Axis Angle [deg.]
Spectrum
1.0
(TA=25, IF=20mA)
0.5
0.0 400
500
600
700
Wavelength [nm]
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Forward Current IF [mA]
y
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
6. Optical characteristics
Ambient Temperature vs. Maximum Forward Current
40
(Ta=25 OC )
30
20
10
0 -40
-20
0
20
40
60
o
80
100
Ambient Temperature Ta[ C]
Forward Current vs. Chromaticity Coordinate
(Ta=25 OC )
0.33
0.32
100mA 50mA 30mA 1mA 5mA
0.30
0.31
20mA 10mA
0.29 0.29
0.30
0.31
0.32
0.33
x
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Relative Luminous Intensity
Forward Voltage [V]
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
6. Optical characteristics
Ambient Temperature vs. Relative Intensity
1.2
(Ta=25 OC )
1.0
0.8
0.6
0.4
0.2
0.0
0
20
40
60
o
80
100
Ambient Temperature Ta[ C]
Ambient Temperature vs. Forward Voltage
(Ta=25 OC )
3.4
3.2
3.0
2.8
2.6
2.4
0
20
40
60
o
80
100
Ambient Temperature Ta[ C]
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
CIE(y)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
x y x y x y
7. Color & Binning
0.40 0.38 0.36 0.34 0.32 0.30 0.28 0.26 0.24 0.22 0.24
4600K 5600K
e lin an ki an Pl
7000K 9000K
d
b2 c2
b1 c1
15000K
a
0.26
0.28
0.30
0.32
0.34
0.36
0.38
CIE(x)
Rank a
0.264 0.267 0.280 0.248 0.296 0.276 0.283 0.305 x y 0.287 0.295
Rank b1
0.283 0.305 0.304 0.330 0.307 0.315
Rank b2
0.307 0.315 0.304 0.330 0.330 0.360 0.330 0.339 x y 0.296 0.276
Rank c1
0.287 0.295 0.307 0.315 0.311 0.294
Rank c2
0.311 0.294 0.307 0.315 0.330 0.339 0.330 0.318 x y 0.330 0.360
Rank d
0.330 0.318 0.356 0.351 0.361 0.385
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Note : Color Coordinates Measurement allowance is 0.01
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Bin Code J K L
8. Rank of LW500AM
Bin Code Luminous Intensity K CIE c1 Forward Voltage 40
Luminous Intensity (mcd) @ IF = 20mA Min. 420 600 850 Max. 600 850 1250
Color Rank @ IF = 20mA a b1 b2 c1 c2 d
Forward Voltage (V) @ IF = 20mA Bin Code 30 40 50 60 70 80 Min. 2.8 3.0 3.2 3.4 3.6 3.8 Max. 3.0 3.2 3.4 3.6 3.8 4.0
Available ranks
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
50
325
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
9. Packing
Unit : mm
* Antistatic poly bag (500pcs max/bag)
95
170
* Inner box (1bag max/box)
0 27
* Cardboard box (35000pcs max/box) (70boxes max/box)
480
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Temperature [ C]
O
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
10. Soldering
1) Wave Soldering Conditions / Profile * Preliminary heating to be at 85C(120 C max) for 20 seconds(60 seconds max). * Soldering heat to be at 255 C (260C max) for 10 seconds * Soak time above 200 C is 5 seconds
300
250
PEAK 10s 255 C (260 C max)
200
150
PREHEAT 20s (60s Max) 85 C(120 C max)
100
50
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
T im e [s ]
2) Hand Soldering conditions * Not more than 3 seconds at max. 350C, under Soldering iron.
3) Caution * The LEDs must not be repositioned after soldering. * Do not apply any stress to the lead particularly when heat.
Note : In case the soldered products are reused in soldering process, we don't guarantee the products.
Rev. 04 January 2009 www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
11. Precaution for use 1) Storage
* Before opening the package a. Avoid the absorption of moisture, we recommended to store the LEDs in a dry box(or desiccator) with a desiccant . Otherwise, store them in the following environment: Temperature : 5~30 Humidity : 50% max. b. The products should be used in 3 months. It is recommended that the LEDs be used as soon as possible. * After opening the package a. Soldering should be done right after opening the package(within 24Hrs). b. Keeping of a fraction - Sealing - Temperature : 5 ~ 40, Humidity : less than 30% c. If the package has been opened more than 1week or the color of desiccant changes, Components should be dried for 10-12hr at 605 * Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. * Avoid quick cooling * Lead frames are silver plated SPCC. The silver plate surface may be affected by environments which contains corrosive substances. Please avoid conditions which may cause the LEDs to corrode, tarnish or discolor. 2) Lead Forming * When the lead forming is required before soldering , care must be taken to avoid any bending and mechanical stress. The stress to the base may damage the LEDs. * When mounting the LEDs onto a PCB, the holes on the circuit board should be exactly aligned with the leads of the LEDs. * It is recommended that tooling made to precisely form and cut the leads to length rather than rely on hand operating.
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
3) Static Electricity * Static Electricity and surge voltage damage the LEDs. So it is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs. * All devices, equipment and machinery must be grounded properly. It is recommended that precautions should be taken against surge voltage to the equipment that mounts the LEDs. 4) Heat Generation * Thermal is one of the important parameters to design the end product. Please consider the heat generation of the LEDs. * The operating current should be decided after considering the ambient maximum temperature of LEDs.
5) Others * The color of the LEDs is changed slightly an operating current and thermal. * Anti radioactive ray design is not considered for the products listed here. * Gallium arsenide is used in some of the products listed in this publication. These products are dangerous if they are burned or smashed in the process of disposal. It is also dangerous to drink the liquid or inhale the gas generated by such products when chemically disposed. * This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA(Isopropyl Alcohol) should be used. * When the LEDs are illuminating, operating current should be decided after considering the junction temperature. Cf.) Please refer Ambient temperature vs. Forward Current graph on page 5 * The appearance and specifications of the product may be modified for improvement without notice.
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
12. Reliability Test Item and Condition
Item
Life Test High Temperature Operating Low Temperature Operating Thermal Shock Resistance to soldering Heat ESD (Human Body Model) High Temperature Storage Low Temperature Storage Temperature Humidity Storage Temperature Humidity Operating
Condition
Ta = RT, IF = 30mA Ta = 85C, IF = 8mA Ta = -30C, IF = 20mA Ta = -40C (30min) ~ 100 (30min) (Transfer time : 10sec, 1Cycle = 1hr) Ts = 255 5C, t = 10sec 1kV, 1.5k ; 100pF Ta = 100C Ta = -40C Ta = 85C, RH = 85% Ta = 85C, RH = 85%, IF = 8mA
Note
1000hrs 1000hrs 1000hrs 100 cycles 1 time 1 time 1000hrs 1000hrs 1000hrs 100hrs
Failures
0/22 0/22 0/22 0/40 0/22 0/22 0/22 0/22 0/22 0/22
< Judging Criteria For Reliability Tests >
VF IR V
Notes : [1] USL : Upper Standard Level [2] LSL : Lower Standard Level.
USL[1] X 1.2 USL X 2.0 LSL [2] X 0.7
Rev. 04 January 2009 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)


▲Up To Search▲   

 
Price & Availability of LW500AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X