Part Number Hot Search : 
AD222 MB10A S8321 5KP48A 2SD20 ER1001 20DEM DTC114
Product Description
Full Text Search
 

To Download LLZ2V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LLZ2V0 - LLZ75V
Pb
RoHS
COMPLIANCE
500mW Hermetically Sealed Glass Zener Voltage Regulators
MINI MELF
Features
Zener voltage range 2.0 to 75 volts Mini-MELF package Surface device type mounting Hermetically sealed glass Compression bonded construction All external surfaces are corrosion resistant and leads are readily solderable RoHS compliant Matte Tin (Sn) lead finish Color band indicates negative polarity
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Type Number Power Dissipation Maximum Forward Voltage @ IF=200mA Storage Temperature Range Operating Junction Temperature
Symbol Pd VF TSTG TJ
Value 500 1.2 -65 to + 200 + 200
Units mW V O C O C
Version: A07
ELECTRICAL CHARACTERISTICS (TA=25 C
O
unless otherwise noted) IR @ VR (uA) Max 120 120 120 100 50 20 10 5 5 5 5 5 5 2.0 0.5 0.5 0.5 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2
Device
Vz @ Izt (Volts) Nom 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12 13 15 16 18 20 22 24 27 30
ZZT @ IZT IZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Max 100 100 100 110 120 120 100 100 100 80 80 60 60 20 20 20 25 30 30 30 35 40 40 45 45 30 35 45 55
VR Volts 0.5 0.7 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13 15 17 19 21 23
LLZ2V0 LLZ2V2 LLZ2V4 LLZ2V7 LLZ3V0 LLZ3V3 LLZ3V6 LLZ3V9 LLZ4V3 LLZ4V7 LLZ5V1 LLZ5V6 LLZ6V2 LLZ6V8 LLZ7V5 LLZ8V2 LLZ9V1 LLZ10V LLZ11V LLZ12V LLZ13V LLZ15V LLZ16V LLZ18V LLZ20V LLZ22V LLZ24V LLZ27V LLZ30V
Version: A07
ELECTRICAL CHARACTERISTICS (TA=25 C
O
unless otherwise noted) IR @ VR (uA) Max 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2
Device
Vz @ Izt (Volts) Nom 33 36 39 43 47 51 56 62 68 75
ZZT @ IZT IZT mA 5 5 5 5 5 5 5 2 2 2
Max 65 75 85 90 90 110 110 201 230 240
VR Volts 25 27 30 33 36 39 43 47 51 56
LLZ33V LLZ36V ZZL39V LLZ43V LLZ47V LLZ51V LLZ56V LLZ62V LLZ68V LLZ75V
Notes:
1. The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltae of 5% . 2. For detailed information on price, availability and deliver of nominal zener voltages between the voltages shown and tighter voltage tolerances. 3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an ms value equal to 10% of the dc zener current (IZT or IZK) is superimposed to I ZT or IZK.
Version: A07


▲Up To Search▲   

 
Price & Availability of LLZ2V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X