Part Number Hot Search : 
CXA2011 MC3403D A1141LUA MMBD4 3C20S2 LPS25 F6501 2405E
Product Description
Full Text Search
 

To Download LC503PPG1-30Q-A-MT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COTCO LUMINANT DEVICE (HUIZHOU) LTD.
SPECIFICATION FOR COTCO LED LAMP Document No: Model No : Rev. No: Date: SPE/LC503PPG1-30Q-A-MT LC503PPG1-30Q-A-MT 03 2006-04-18
Description: 30 Degree 5mm LED Lamp in Pure Green Color with Water Transparent Lens and No Stopper *This specification is only for MT Dice Material: InGaN
Confirmed by Customer: Date:
ATTENTION
OBSERVE PRECAUTIONS ELECTROSTATIC SENSITIVE DEVICES
For part availability and ordering information please call Toll Free: 800.984.5337 Website: www.marktechopto.com | Email: info@marktechopto.com
Document No. SPE/LC503PPG1-30Q-A-MT Rev. No. 03 Applications: Dimension Drawing
-
Advertising Signs Indicators LCD Back Light Moving Message Sign
Absolute Maximum Ratings at Ta = 25C Items
Forward Current Peak Forward Current* Reverse Voltage Power Dissipation Operation Temperature Storage Temperature Lead Soldering Temperature
Symbol IF IFP VR PD Topr Tstg Tsol
Absolute maximum Rating 25 100 5 100 -40 ~ +95 -40 ~ +100
Unit mA mA V mW
C C
Max.260C for 3 sec Max.
(3mm from the base of the epoxy bulb)
*pulse width <=0.1msec duty <=1/10
Typical Electrical & Optical Characteristics ( Ta = 25C) )
Items Forward Voltage Reverse Current Dominant Wavelength Luminous Intensity 50% Power Angle
Symbol VF IR D IV 21/2H-H
Condition IF = 20mA VR = 5V IF = 20mA IF = 20mA IF = 20mA
Min. ----520 3000 ---
Typ. 3.4 --527 4800 30
Max. 4.0 100 535 -----
Unit V A nm mcd deg
2/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LC503PPG1-30Q-A-MT Rev. No. 03 Standard bins for LC503PPG1-30Q-A-MT (IF = 20mA):
Lamps are sorted to Luminous Intensity -IV , VF & Dominant Wavelength -D bins shown. Orders for LC503PPG1-30Q-A-MT may be filled with any or all bins contained as below. All Luminous Intensity -IV , VF & Dominant Wavelength -D values shown and specified are at IF =20mA.
* W+
X7 X8 X9
8200mcd Luminous Intensity (IV) Y 5860mcd X 4180mcd W 3000mcd 520nm 525nm 530nm 535nm
Dominant Wavelength (D)
*W+ indicates Luminous Intensity is at W bin or above.
Forward Voltage (VF) Rank Voltage V7 2.8-3.0V V8 3.0-3.2V V9 3.2-3.4V V10 3.4-3.6V V11 3.6-3.8V V12 3.8-4.0V
*Majority VF bins are highlighted in Yellow.
Important Notes:
1) All ranks will be included per delivery, rank ratio will be based on the Dices distribution. 2) Pb content <1000PPM. 3) Tolerance of measurement of luminous intensity is 15%. 4) Tolerance of measurement of dominant wavelength is 1nm. 5) Tolerance of measurement of Vf is 0.05 V. 6) Packaging methods are available for selection, Please refer to PACKAGING STANDARD. 7) Please refer to LED LAMP RELIABILITY TEST STANDARD for reliability test conditions. 8) Please refer to APPLICATION NOTES for Application.
3/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LC503PPG1-30Q-A-MT Rev. No. 03
Graphs
1. Cathode PAD Area (0.18 x 0.18inch2) 2. Height above nominal seating plane in inches(0.3inch)
Items Prepared by Checked by Approved by FCN#
Signatures
LiuZM Aldosin David
Date
2006-04-18 2006-04-18 2006-04-18 Rev. No 02 Date 11Nov04
Revision History
Change Description Change Topr and Tstg. Change IV & D form.
03
2006-04-18 Change VF from V9~V13(typ)3.6 to V7~V12(typ)3.4V & Graphs. Highlight V8~V10.
FCN20060
Data is subject to change without prior notice. Copyright@2002 Cotco International Ltd.
4/4
Format #: COTCO-D-074
REV.4


▲Up To Search▲   

 
Price & Availability of LC503PPG1-30Q-A-MT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X