Part Number Hot Search : 
CS3524A AK4355VF ADA489 SB310 W49F002U LAD1S M8S63TBJ 1232034
Product Description
Full Text Search
 

To Download IRF630A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc N-Channel MOSFET Transistor
IRF630A
DESCRIPTION *Drain Current -ID=9A@ TC=25 *Drain Source Voltage: VDSS= 200V(Min) *Static Drain-Source On-Resistance : RDS(on) = 0.4(Max) *Fast Switching Speed *Low Drive Requirement APPLICATIONS *This device is n-channel, enhancement mode, power MOSFET designed especially for high power, high speed applications, such as switching power supplies,UPS, AC and DC motor controls, relay and solenoid drivers and high energy pulse circuits. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VDSS VGS ID Ptot Tj Tstg
ARAMETER
Drain-Source Voltage (VGS=0) Gate-Source Voltage
Drain Current-continuous@ TC=25 Total Dissipation@TC=25 Max. Operating Junction Temperature Storage Temperature Range
w
ww
scs .i
VALUE 200 30 9 72 150 -55~150
.cn mi e
UNIT V V A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance,Junction to Case Thermal Resistance,Junction to Ambient MAX 1.74 62.5 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc N-Channel Mosfet Transistor
*ELECTRICAL CHARACTERISTICS (TC=25)
SYMBOL V(BR)DSS VGS(TH) RDS(ON) IGSS IDSS VSD PARAMETER Drain-Source Breakdown Voltage Gate Threshold Voltage Drain-Source On-stage Resistance Gate Source Leakage Current Zero Gate Voltage Drain Current Diode Forward Voltage CONDITIONS VGS= 0; ID= 0.25mA VDS= VGS; ID= 0.25mA VGS= 10V; ID= 4.5A VGS= 30V;VDS= 0 VDS= 200V; VGS= 0 IF=9A; VGS= 0 MIN 200 2
IRF630A
MAX
UNIT V
4 0.4 100 10 1.5
V nA uA V
w w
scs .i w
.cn mi e
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of IRF630A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X