Part Number Hot Search : 
NTE23 78M16 NTE2412 11801AFB RFR3607 344000 SK201 BSN254A
Product Description
Full Text Search
 

To Download HYMD564M646AL8-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 64Mx64 bits
Unbuffered DDR SO-DIMM
HYMD564M646A(L)8-J/K/H
Document Title 64Mx64 bits Unbuffered DDR SO-DIMM Revision History
No. 0.1 0.2 Initial draft 1) Reflected a "notational" change in module thickness on page 14 - Not Real ! 2) Defined Pin Cap. Spec. 3) Corrected some typos History Draft Date Jan. 2003 Apr. 2004 Remark
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsibility for use of circuits described. No patent licenses are implied. Rev. 0.2 / Apr. 2004 1
64Mx64 bits
Unbuffered DDR SO-DIMM
HYMD564M646A(L)8-J/K/H
DESCRIPTION
Preliminary
Hynix HYMD564M646A(L)8-J/K/H series is unbuffered 200-pin double data rate Synchronous DRAM Small Outline Dual In-Line Memory Modules (SO-DIMMs) which are organized as 64Mx64 high-speed memory arrays. Hynix HYMD564M646A(L)8-J/K/H series consists of eight 64Mx8 DDR SDRAM in 400mil TSOP II packages on a 200pin glass-epoxy substrate. Hynix HYMD564M646A(L)8-J/K/H series provide a high performance 8-byte interface in 67.60mmX 31.75mm form factor of industry standard. It is suitable for easy interchange and addition. Hynix HYMD564M646A(L)8-J/K/H series is designed for high speed of up to 166MHz and offers fully synchronous operations referenced to both rising and falling edges of differential clock inputs. While all addresses and control inputs are latched on the rising edges of the clock, Data, Data strobes and Write data masks inputs are sampled on both rising and falling edges of it. The data paths are internally pipelined and 2-bit prefetched to achieve very high bandwidth. All input and output voltage levels are compatible with SSTL_2. High speed frequencies, programmable latencies and burst lengths allow variety of device operation in high performance memory system. Hynix HYMD564M646A(L)8-J/K/H series incorporates SPD(serial presence detect). Serial presence detect function is implemented via a serial 2,048-bit EEPROM. The first 128 bytes of serial PD data are programmed by Hynix to identify DIMM type, capacity and other the information of DIMM and the last 128 bytes are available to the customer.
FEATURES
* * * * * * 512MB (64M x 64) Unbuffered DDR SO-DIMM based on 64Mx8 DDR SDRAM JEDEC Standard 200-pin small outline dual in-line memory module (SO-DIMM) 2.5V +/- 0.2V VDD and VDDQ Power supply All inputs and outputs are compatible with SSTL_2 interface Fully differential clock operations (CK & /CK) with 133MHz/166MHz All addresses and control inputs except Data, Data strobes and Data masks latched on the rising edges of the clock Data(DQ), Data strobes and Write masks latched on both rising and falling edges of the clock * * * * * * * * Data inputs on DQS centers when write (centered DQ) Data strobes synchronized with output data for read and input data for write Programmable CAS Latency 2 / 2.5 supported Programmable Burst Length 2 / 4 / 8 with both sequential and interleave mode tRAS Lock-out function supported Internal four bank operations with single pulsed RAS Auto refresh and self refresh supported 8192 refresh cycles / 64ms
*
ORDERING INFORMATION
Part No.
HYMD564M646A(L)8-J HYMD564M646A(L)8-K HYMD564M646A(L)8-H VDD=2.5V VDDQ=2.5V
Power Supply
Clock Frequency
166MHz (*DDR333) 133MHz (*DDR266A) 133MHz (*DDR266B)
Interface
Form Pactor
200pin Unbuffered SO-DIMM 67.6mm x 31.75mm x 1mm
SSTL_2
* JEDEC Defined Specifications compliant
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsibility for use of circuits described. No patent licenses are implied. Rev. 0.2 / Apr. 2004 2
HYMD564M646A(L)8-J/K/H
PIN DESCRIPTION
Pin CK0, /CK0, CK1, /CK1 CS0, CS1 CKE0, CKE1 /RAS, /CAS, /WE A0 ~ A12 BA0, BA1 DQ0~DQ63 DQS0~DQS7 DM0~DM7 VDD Pin Description Differential Clock Inputs Chip Select Input Clock Enable Input Commend Sets Inputs Address Bank Address Data Inputs/Outputs Data Strobe Inputs/Outputs Data-in Mask Power Supply Pin VDDQ VSS VREF VDDSPD SA0~SA2 SCL SDA VDDID DU NC Pin Description DQs Power Supply Ground Reference Power Supply Power Supply for SPD E2PROM Address Inputs E2PROM Clock E2PROM Data I/O VDD Identification Flag Do not Use No Connection
PIN ASSIGNMENT
Pin 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 Name VREF VSS DQ0 DQ1 VDD DQS0 DQ2 VSS DQ3 DQ8 VDD DQ9 DQS1 VSS DQ10 DQ11 VDD CK0 /CK0 VSS DQ16 DQ17 VDD DQS2 DQ18 Pin 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 Name VREF VSS DQ4 DQ5 VDD DM0 DQ6 VSS DQ7 DQ12 VDD DQ13 DM1 VSS DQ14 DQ15 VDD VDD VSS VSS DQ20 DQ21 VDD DM2 DQ22 Pin 51 53 55 57 59 61 63 65 67 69 71 73 75 77 79 81 83 85 87 89 91 93 95 97 99 Name VSS DQ19 DQ24 VDD DQ25 DQS3 VSS DQ26 DQ27 VDD NC NC VSS NC NC VDD NC DU VSS NC NC VDD CKE1 NC A12 Pin 52 54 56 58 60 62 64 66 68 70 72 74 76 78 80 82 84 86 88 90 92 94 96 98 100 Name VSS DQ23 DQ28 VDD DQ29 DM3 VSS DQ30 DQ31 VDD NC NC VSS NC NC VDD NC DU VSS VSS VDD VDD CKE0 DU A11 Pin 101 103 105 107 109 111 113 115 117 119 121 123 125 127 129 131 133 135 137 139 141 143 145 147 149 Name A9 VSS A7 A5 A3 A1 VDD A10/AP BA0 /WE /CS0 DU VSS DQ32 DQ33 VDD DQS4 DQ34 VSS DQ35 DQ40 VDD DQ41 DQS5 VSS Pin 102 104 106 108 110 112 114 116 118 120 122 124 126 128 130 132 134 136 138 140 142 144 146 148 150 Name A8 VSS A6 A4 A2 A0 VDD BA1 /RAS /CAS /CS1 DU VSS DQ36 DQ37 VDD DM4 DQ38 VSS DQ39 DQ44 VDD DQ45 DM5 VSS Pin 151 153 155 157 159 161 163 165 167 169 171 173 175 177 179 181 183 185 187 189 191 193 195 197 199 Name DQ42 DQ43 VDD VDD VSS VSS DQ48 DQ49 VDD DQS6 DQ50 VSS DQ51 DQ56 VDD DQ57 DQS7 VSS DQ58 DQ59 VDD SDA SCL VDDSPD VDDID Pin 152 154 156 158 160 162 164 166 168 170 172 174 176 178 180 182 184 186 188 190 192 194 196 198 200 Name DQ46 DQ47 VDD /CK1 CK1 VSS DQ52 DQ53 VDD DM6 DQ54 VSS DQ55 DQ60 VDD DQ61 DM7 VSS DQ62 DQ63 VDD SA0 SA1 SA2 DU
Rev. 0.2 / Apr. 2004
3
HYMD564M646A(L)8-J/K/H
FUNCTIONAL BLOCK DIAGRAM
/CS0
DQS0 DM0
DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 /CS
DQS4 DM4
DQS
D0
DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39
DM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7
CS
DQS
D4
DQS1 DM1
DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 /CS
DQS5 DM5
DQS
D1
DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47
DM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7
/CS
DQS
D5
DQS2 DM2
DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 /CS
DQS6 DM6
DQS
D2
DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 DQ54 DQ55
DM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7
/CS
DQS
D6
DQS3 DM3
DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 /CS
DQS7 DM7
DQS
D3
DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63
DM I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7
/CS
DQS
D7
Serial PD
VDDSPD VDD/VDDQ
SCL WP
A0 SA0 A1 SA1 A2 SA2
SDA
VREF VSS VDDID
. == . = .... ..
.
SPD D0 - D7 D0 - D7 D0 - D7
Strap:see Note 4
BA0-BA1 A0 - A12 /RAS /CAS CKE0 /WE
BA0-BA1 : SDRAMs D0 - D7
A0 - A12 : SDRAMs D0 - D7 /RAS : SDRAMs D0 - D7 /CAS : SDRAMs D0 - D7 CKE : SDRAMs D0 - D7 /WE : SDRAMs D0 - D7
Notes: 1. DQ-to-I/O wiring is shown as recommended but may be changed 2. DQ/DQS/DM/CKE/S relationships must be maintained as shown 3. DQ, DQS, DM/DQS resistors : 22Ohms+/-5% 4. VDDID strap connections (for memory device VDD, VDDQ) : Strap out :(open) : VDD=VDDQ Strap In (Vss) : VDD= VDDQ
Rev. 0.2 / Apr. 2004
4
HYMD564M646A(L)8-J/K/H
ABSOLUTE MAXIMUM RATINGS
Parameter Operating Temperature (Ambient) Storage Temperature Voltage on Any Pin relative to VSS Voltage on VDD relative to VSS Voltage on VDDQ relative to VSS Output Short Circuit Current Power Dissipation Soldering Temperature Time TA TSTG VIN, VOUT VDD VDDQ IOS PD TSOLDER Symbol 0 ~ 70 -55 ~ 125 -0.5 ~ 3.6 -0.5 ~ 3.6 -0.5 ~ 3.6 50 1.0 x # of Components 260 / 10 Rating
o
Unit C
oC
V V V mA W
oC
/ Sec
Note : Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITIONS (TA= 0 to 70 oC, Voltage referenced to VSS= 0V)
Parameter Power Supply Voltage Power Supply Voltage Input High Voltage Input Low Voltage Termination Voltage Reference Voltage Symbol VDD VDDQ VIH VIL VTT VREF Min 2.3 2.3 VREF + 0.15 -0.3 VREF - 0.04 1.15 Typ. 2.5 2.5 VREF 1.25 Max 2.7 2.7 VDDQ + 0.3 VREF - 0.15 VREF + 0.04 1.35 Unit V V V V V V 3 2 1 Note
Note : 1. VDDQ must not exceed the level of VDD. 2. VIL (min) is acceptable -1.5V AC pulse width with < 5ns of duration. 3. The value of VREF is approximately equal to 0.5VDDQ.
AC OPERATING CONDITIONS (TA= 0 to 70 oC, Voltage referenced to VSS= 0V)
Parameter Input High (Logic 1) Voltage, DQ, DQS and DM signals Input Low (Logic 0) Voltage, DQ, DQS and DM signals Input Differential Voltage, CK and /CK inputs Input Crossing Point Voltage, CK and /CK inputs Symbol VIH(AC) VIL(AC) VID(AC) VIX(AC) 0.7 0.5*VDDQ-0.2 Min VREF + 0.31 VREF - 0.31 VDDQ + 0.6 0.5*VDDQ+0.2 Max Unit V V V V 1 2 Note
Note : 1. VID is the magnitude of the difference between the input level on CK and the input on /CK. 2. The value of V IX is expected to equal 0.5*V DDQ of the transmitting device and must track variations in the DC level of the same.
Rev. 0.2 / Apr. 2004
5
HYMD564M646A(L)8-J/K/H
AC OPERATING TEST CONDITIONS (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Parameter Reference Voltage Termination Voltage AC Input High Level Voltage (VIH, min) AC Input Low Level Voltage (VIL, max) Input Timing Measurement Reference Level Voltage Output Timing Measurement Reference Level Voltage Input Signal maximum peak swing Input minimum Signal Slew Rate Termination Resistor (RT) Series Resistor (RS) Output Load Capacitance for Access Time Measurement (CL) Value VDDQ x 0.5 VDDQ x 0.5 VREF + 0.31 VREF - 0.31 VREF VTT 1.5 1 50 25 30 Unit V V V V V V V V/ns pF
Rev. 0.2 / Apr. 2004
6
HYMD564M646A(L)8-J/K/H
CAPACITANCE (TA=25oC, f=100MHz )
Parameter Input Capacitance Input Capacitance Input Capacitance Input Capacitance Input Capacitance Input Capacitance Data Input / Output Capacitance A0 ~ A12, BA0, BA1 /RAS, /CAS, /WE CKE0, CKE1 /CS0, /CS1 CK0, /CK0, CK1, /CK1 DM0 ~ DM7 DQ0 ~ DQ63, DQS0 ~ DQS7 Pin Symbol CIN1 CIN2 CIN3 CIN4 CIN5 CIN6 CIO1 Min 36 36 36 36 18 7 7 Max 48 48 48 48 27 12 12 Unit pF pF pF pF pF pF pF
Note : 1. VDD = min. to max., VDDQ = 2.3V to 2.7V, VODC = VDDQ/2, VOpeak-to-peak = 0.2V 2. Pins not under test are tied to GND. 3. These values are guaranteed by design and are tested on a sample basis only.
OUTPUT LOAD CIRCUIT
VTT
RT=50
Output Zo=50 VREF
CL=30pF
Rev. 0.2 / Apr. 2004
7
HYMD564M646A(L)8-J/K/H
DC CHARACTERISTICS I (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Parameter
Add, CMD, /CS, /CKE
Symbol
Min. -16
Max 16 8 0 5 VTT - 0.76
Unit
Note
Input Leakage Current
CK0, /CK0, CK1, /CK1 CK2, /CK2
ILI
-8 0
uA
1
Output Leakage Current Output High Voltage Output Low Voltage
ILO VOH VOL
-5 VTT + 0.76 -
uA V V
2 IOH = -15.2mA IOL = +15.2mA
Note : 1. VIN = 0 to 3.6V, All other pins are not tested under VIN =0V 2. DOUT is disabled, VOUT=0 to 2.7V
Rev. 0.2 / Apr. 2004
8
HYMD564M646A(L)8-J/K/H
DC CHARACTERISTICS II (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Parameter Symbol Test Condition
One bank; Active - Precharge; tRC=tRC(min); tCK=tCK(min); DQ,DM and DQS inputs changing twice per clock cycle ; address and control inputs changing once per clock cycle One bank; Active - Read - Precharge; Burst Length =2; tRC=tRC(min); tCK=tCK(min); address and control inputs changing once per clock cycle All banks idle; Power down mode; CKE=Low, tCK= tCK(min) Vin>=Vih(min) or Vin==Vih(min); All banks idle; CKE>=Vih(min); Addresses and other control inputs stable, Vin=Vref for DQ, DQS and DM One bank active ; Power down mode; CKE=Low, tCK=tCK(min) /CS=HIGH; CKE=HIGH; One bank; Active-Precharge; tRC=tRAS(max); tCK=tCK(min); DQ, DM and DQS inputs changing twice per clock cycle; Address and other control inputs changing once per clock cycle Burst=2; Reads; Continuous burst; One bank active; Address and control inputs changing once per clock cycle; tCK=tCK(min); IOUT=0mA Burst=2; Writes; Continuous burst; One bank active; Address and control inputs changing once per clock cycle; tCK=tCK(min); DQ, DM, and DQS inputs changing twice per clock cycle tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz, 10*tCK for DDR266A & DDR266B at 133Mhz; distributed refresh CKE=<0.2V; External clock on; tCK =tCK(min) Normal Low Power
3680
Speed -J -K -H
Unit Note
Operating Current
IDD0
1120
960
960
mA
Operating Current Precharge Power Down Standby Current Idle Standby Current Idle Standby Current
IDD1
1440
1200
1200
mA
IDD2P
80
80
80
mA mA
IDD2N
IDD2F
280
280
mA
Idle Quiet Standby Current Active Power Down Standby Current
IDD2Q
200
mA
IDD3P
96
mA
Active Standby Current
IDD3N
360
320
320
mA
Operating Current
IDD4R
2000
1680
1680
Operating Current
IDD4W
2000
1680
1680
mA
Auto Refresh Current
IDD5
2240
2080
2080
40 20 3040 3040
mA mA mA
Self Refresh Current Operating Current Four Bank Operation
IDD6
IDD7
Four bank interleaving with BL=4 Refer to the following page for detailed test condition 4banks active read with activate every 20ns, AP(Auto Precharge) read every 20ns, BL=4, tRCD=3, IOUT=0 mA, 100% DQ, DM and DQS inputs changing twice per clock cycle; 100% addresses changing once per clock cycle
Random Read Current
IDD7A
3680
3040
3040
mA
Rev. 0.2 / Apr. 2004
9
HYMD564M646A(L)8-J/K/H
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
-J(DDR333) Parameter Row Cycle Time Auto Refresh Row Cycle Time Row Active Time Active to Read with Auto Precharge Delay Row Address to Column Address Delay Row Active to Row Active Delay Column Address to Column Address Delay Row Precharge Time Write Recovery Time Write to Read Command Delay Auto Precharge Write Recovery+Precharge Time CL = 2.5 System Clock Cycle Time CL = 2 Clock High Level Width Clock Low Level Width Data-Out edge to Clock edge Skew DQS-Out edge to Clock edge Skew DQS-Out edge to Data-Out edge Skew Data-Out hold time from DQS Clock Half Period Data Hold Skew Factor Valid Data Output Window Data-out high-impedance window from CK, /CK Data-out low-impedance window from CK, /CK Input Setup Time (fast slew rate) Input Hold Time (fast slew rate) Input Setup Time (slow slew rate) Input Hold Time (slow slew rate) Input Pulse Width tCH tCL tAC tDQSCK tDQSQ tQH tHP tQHS tDV tHZ tLZ tIS tIH tIS tIH tIPW tCK 7.5 0.45 0.45 -0.7 -0.6 tHPmin -tQHS tCH/L min 12 0.55 0.55 0.7 0.6 0.45 0.55 7.5 0.45 0.45 -0.75 -0.75 tHPmin -tQHS tCH/L min 12 0.55 0.55 0.75 0.75 0.5 0.75 10 0.45 0.45 -0.75 -0.75 tHPmin -tQHS tCH/L min 12 0.55 0.55 0.75 0.75 0.5 0.75 ns CK CK ns ns ns ns ns ns ns ns ns ns ns ns ns ns 2,3,5,6 2,3,5,6 2,4,5,6 2,4,5,6 6 1, 10 1,9 10 Symbol Min tRC tRFC tRAS tRAP tRCD tRRD tCCD tRP tWR tWTR tDAL 60 72 42 tRCD or tRP min 18 12 1 18 15 1 2+(tRP/ tCK) 6 Max 70K 12 Min 65 75 45 tRCD or tRP min 20 15 1 20 15 1 5 7.5 Max 120K 12 Min 70 80 45 tRCD or tRP min 20 15 1 20 15 1 5 7.5 Max 120K 12 ns ns ns ns ns ns CK ns ns CK CK ns 15 16 -K(DDR266A) -H(DDR266B)
Unit Note
tQH-tDQSQ -0.7 -0.7 0.75 0.75 0.8 0.8 2.2 0.7 0.7 -
tQH-tDQSQ -0.75 -0.75 0.9 0.9 1.0 1.0 2.2 0.75 0.75 -
tQH-tDQSQ -0.75 -0.75 0.9 0.9 1.0 1.0 2.2 0.75 0.75 -
Rev. 0.2 / Apr. 2004
10
SERIAL PRESENCE DETECT
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
-J(DDR333) Parameter Write DQS High Level Width Write DQS Low Level Width Clock to First Rising edge of DQS-In Data-In Setup Time to DQS-In (DQ & DM) Data-in Hold Time to DQS-In (DQ & DM) DQ & DM Input Pulse Width Read DQS Preamble Time Read DQS Postamble Time Write DQS Preamble Setup Time Write DQS Preamble Hold Time Write DQS Postamble Time Mode Register Set Delay Exit Self Refresh to Any Execute Command Average Periodic Refresh Interval Note : 1. 2. 3. 4. This calculation accounts for tDQSQ(max), the pulse width distortion of on-chip circuit and jitter. Data sampled at the rising edges of the clock : A0~A12, BA0~BA1, CKE, /CS, /RAS, /CAS, /WE. For command/address input slew rate >=1.0V/ns For command/address input slew rate >=0.5V/ns and <1.0V/ns This derating table is used to increase tIS/tIH in case where the input slew-rate is below 0.5V/ns. Input Setup / Hold Slew-rate Derating Table. Input Setup / Hold Slew-rate V/ns 0.5 0.4 0.3 5. 6. 7. 8. 9. CK, /CK slew rates are >=1.0V/ns These parameters guarantee device timing, but they are not necessarily tested on each device, and they may be guaranteed by design or tester correlation Data latched at both rising and falling edges of Data Strobes(LDQS/UDQS) : DQ, LDM/UDM. Minimum of 200 cycles of stable input clocks after Self Refresh Exit command, where CKE is held high, is required to complete Self Refresh Exit and lock the internal DLL circuit of DDR SDRAM. Min (tCL, tCH) refers to the smaller of the actual clock low time and the actual clock high time as provided to the device (i.e. this value can be greater than the minimum specification limits for tCL and tCH). Delta tIS ps 0 +50 +100 Delta tIH ps 0 0 0 Symbol Min tDQSH tDQSL tDQSS tDS tDH tDIPW tRPRE tRPST tWPRES tWPREH tWPST tMRD tXSC tREFI 0.35 0.35 0.75 0.45 0.45 1.75 0.9 0.4 0 0.25 0.4 2 200 Max 1.25 1.1 0.6 0.6 7.8 Min 0.35 0.35 0.75 0.5 0.5 1.75 0.9 0.4 0 0.25 0.4 2 200 Max 1.25 1.1 0.6 0.6 7.8 Min 0.35 0.35 0.75 0.5 0.5 1.75 0.9 0.4 0 0.25 0.4 2 200 Max 1.25 1.1 0.6 0.6 7.8 CK CK CK ns ns ns CK CK CK CK CK CK CK us 8 6,7, 11~13 6,7, 11~13 -K(DDR266A) -H(DDR266B)
Unit Note
- continued -
10. tHP = minimum half clock period for any given cycle and is defined by clock high or clock low (tCH, tCL). tQHS consists of tDQSQmax, the pulse width distortion of on-chip clock circuits, data pin to pin skew and output pattern effects and p-channel to n-channel variation of the output drivers. Rev. 0.2 / Apr. 2004 11
HYMD564M646A(L)8-J/K/H
11.This derating table is used to increase tDS/tDH in case where the input slew-rate is below 0.5V/ns. Input Setup / Hold Slew-rate Derating Table. Input Setup / Hold Slew-rate V/ns 0.5 0.4 0.3 Delta tDS ps 0 +75 +150 Delta tDH ps 0 +75 +150
12. I/O Setup/Hold Plateau Derating. This derating table is used to increase tDS/tDH in case where the input level is flat below VREF +/-310mV for a duration of up to 2ns. I/O Input Level mV +280 Delta tDS ps +50 Delta tDH ps +50
13. I/O Setup/Hold Delta Inverse Slew Rate Derating. This derating table is used to increase tDS/tDH in case where the DQ and DQS slew rates differ. The Delta Inverse Slew Rate is calculated as (1/SlewRate1)-(1/SlewRate2). For example, if slew rate 1 = 0.5V/ns and Slew Rate2 = 0.4V/n then the Delta Inverse Slew Rate = -0.5ns/V. (1/SlewRate1)-(1/SlewRate2) ns/V 0 +/-0.25 +/- 0.5 Delta tDS ps 0 +50 +100 Delta tDH ps 0 +50 +100
14. DQS, DM and DQ input slew rate is specified to prevent double clocking of data and preserve setup and hold times. Signal transi tions through the DC region must be monotonic. 15. tDAL = (tDPL / tCK ) + (tRP / tCK ). For each of the terms above, if not already an integer, round to the next highest integer. tCK is equal to the actual system clock cycle time. Example: For DDR266B at CL=2.5 and tCK = 7.5 ns, tDAL = (15 ns / 7.5 ns) + (20 ns / 7.5 ns) = (2.00) + (2.67) Round up each non-integer to the next highest integer: = (2) + (3), tDAL = 5 clock 16. For the parts which do not has internal RAS lockout circuit, Active to Read with Auto precharge delay should be tRAS - BL/2 x tCK.
Rev. 0.2 / Apr. 2004
12
HYMD564M646A(L)8-J/K/H
SIMPLIFIED COMMAND TRUTH TABLE
Command Extended Mode Register Set Mode Register Set Device Deselect H No Operation Bank Active Read H Read with Autoprecharge Write H Write with Autoprecharge Precharge All Banks H Precharge selected Bank Read Burst Stop Auto Refresh Entry Self Refresh Exit L H L H Precharge Power Down Mode Entry H L L H Exit L H L Active Power Down Mode (Clock Suspend) H Entry Exit H L L L H V X V V X 1 1 H X H X H X 1 1 H X H X H X X 1 1 H X H X H X 1 H H H X H L L L L H H L L X H L L X L H H X X 1 X L L H L X L X X V 1 1 1 1 X L H L L CA H H X X L H L H CA H L V 1,4 1,5 H X X L L H L H H H H RA L V 1,3 1 V 1 1 CKEn-1 H H CKEn X X /CS L L H /RAS L L X /CAS L L X /WE L L X X 1
ADDR
A10/ AP OP code OP code
BA
Note 1,2 1,2
( H=Logic High Level, L=Logic Low Level, X=Don't Care, V=Valid Data Input, OP Code=Operand Code, NOP=No Operation ) Note : 1. LDM/UDM states are Don't Care. Refer to below Write Mask Truth Table. 2. OP Code(Operand Code) consists of A0~A12 and BA0~BA1 used for Mode Registering duing Extended MRS or MRS. Before entering Mode Register Set mode, all banks must be in a precharge state and MRS command can be issued after tRP period from Prechagre command. 3. If a Read with Autoprecharge command is detected by memory component in CK(n), then there will be no command presented to activated bank until CK(n+BL/2+tRP). 4. If a Write with Autoprecharge command is detected by memory compoment in CK(n), then there will be no command presented to activated bank until CK(n+BL/2+1+tDPL+tRP). Last Data-In to Prechage delay(tDPL) which is also called Write Recovery Time (tWR) is needed to guarantee that the last data has been completely written. 5. If A10/AP is High when Row Precharge command being issued, BA0/BA1 are ignored and all banks are selected to be precharged.
Rev. 0.2 / Apr. 2004
13
HYMD564M646A(L)8-J/K/H
PACKAGE DIMENSIONS
Front
2.00 mm Component Keepout Area
67.60 mm
2.00 mm
31.75 mm
20.00 mm
1
39
41
199
2.0 mm
2 40 42
Back
200
Side
2.0 mm
3.8mm MAX.
(Front)
1.1mm MAX.
Rev. 0.2 / Apr. 2004
14
SERIAL PRESENCE DETECT
SPD SPECIFICATION
(64Mx64 Unbuffered DDR SO-DIMM)
Rev. 0.2 / Apr. 2004
15
HYMD564M646A(L)8-J/K/H
SERIAL PRESENCE DETECT
Byte# 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 Function Description Number of Bytes written into serial memory at module manufacturer Total number of Bytes in SPD device Fundamental memory type Number of row address on this assembly Number of column address on this assembly Number of physical banks on DIMM Module data width Module data width (continued) Module voltage Interface levels(VDDQ) DDR SDRAM cycle time at CAS Latency=2.5(tCK) DDR SDRAM access time from clock at CL=2.5 (tAC) Module configuration type Refresh rate and type Primary DDR SDRAM width Error checking DDR SDRAM data width Minimum clock delay for back-to-back random column address(tCCD) Burst lengths supported Number of banks on each DDR SDRAM CAS latency supported CS latency WE latency DDR SDRAM module attributes DDR SDRAM device attributes : General 6.0ns +/-0.7ns Bin Sort : J(DDR333@CL=2.5), K(DDR266A@CL=2), H(DDR266B@CL=2.5)
Function Supported J K 128 Bytes 256 Bytes DDR SDRAM 13 11 1Bank 64 Bits SSTL 2.5V 7.5ns +/-0.75ns Non-ECC 7.8us & Self refresh x8 N/A 1 CLK 2,4,8 4 Banks 2, 2.5 0 1 Differential Clock Input +/-0.2Voltage tolerance, Concurrent Auto Precharge tRAS Lock Out 7.5ns +/-0.7ns 7.5ns +/-0.75ns 18ns 12ns 18ns 42ns 0.75ns 0.75ns 0.45ns 0.45ns 60ns 72ns 12ns 0.45ns 0.55ns 20ns 15ns 20ns 45ns 512MB 0.9ns 0.9ns 0.5ns 0.5ns Undefined 65ns 75ns 12ns 0.5ns 0.75ns Undefined Initial release 41h 65ns 75ns 12ns 0.5ns 0.75ns 3Ch 48h 30h 2Dh 55h 0.9ns 0.9ns 0.5ns 0.5ns 75h 75h 45h 45h 20ns 15ns 20ns 45ns 48h 30h 48h 2Ah 10ns +/-0.75ns 75h 70h 7.5ns +/-0.75ns 60h 70h H J
Hexa Value K 80h 08h 07h 0Dh 0Bh 01h 40h 00h 04h 75h 75h 00h 82h 08h 00h 01h 0Eh 04h 0Ch 01h 02h 20h C0h 75h 75h 00h 00h 50h 3Ch 50h 2Dh 80h 90h 90h 50h 50h 00h 41h 4Bh 30h 32h 75h 00h 00h F8h 23h 41h 4Bh 30h 32h 75h 90h 90h 50h 50h 50h 3Ch 50h 2Dh A0h 75h 75h 75h H
Note
1 1
2 2
23 24 25 26 27 28 29 30 31 32 33 34 35 41 42 43 44 45 62 63
DDR SDRAM cycle time at CL=2.0(tCK) DDR SDRAM access time from clock at CL=2.0(tAC) DDR SDRAM cycle time at CL=1.5(tCK) DDR SDRAM access time from clock at CL=1.5(tAC) Minimum row precharge time(tRP) Minimum row activate to row active delay(tRRD) Minimum RAS to CAS delay(tRCD) Minimum active to precharge time(tRAS) Module row density Command and address signal input setup time(tIS) Command and address signal input hold time(tIH) Data signal input setup time(tDS) Data signal input hold time(tDH) Minimum active / auto-refresh Time (tRC) Minimum auto-refresh to active / auto-refresh command period (tRFC) Maximum cycle time (tCK max) Maximum DQS-DQ skew time (tDQSQ) Maximum read data hold skew factor (tQHS) SPD Revision code Checksum for Bytes 0~62
36~40 Reserved for VCSDRAM
46~61 Superset Information(may be used in future)
Rev. 0.2 / Apr. 2004
16
HYMD564M646A(L)8-J/K/H
SERIAL PRESENCE DETECT(continued)
Byte # 64 65~71 Function Description Manufacturer JEDEC ID Code --------- Manufacturer JEDEC ID Code Function Supported J K Hynix JEDEC ID Hynix(Korea Area) HSA(United States Area) HSE(Europe Area) HSJ(Japan Area) Singapore Asia Area H Y M D 5 6 4 M 6 4 6(8K refresh,4Bank) A 8 `-' J K Blank Undefined Undefined H 4Bh H J Hexa Value K ADh 00h 0*h 1*h 2*h 3*h 4*h 5*h 48h 59h 4Dh 44h 35h 36h 34h 4Dh 36h 34h 36h 41h 38h 2Dh 48h 20h 20h 00h 00h 3 3 4 5 5 4Ch H Note
72
Manufacturing location
6
73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88~90 91 92 93 94 95~98 99~127 128~255
Manufacture part number(Hynix Memory Module) -------- Manufacture part number(Hynix Memory Module) -------- Manufacture part number(Hynix Memory Module) Manufacture part number (DDR SDRAM) Manufacture part number(Memory density) Manufacture part number(Module Depth) ------- Manufacture part number(Module Depth) Manufacture part number(Module type) Manufacture part number(Data width) -------Manufacture part number(Data width) Manufacture part number(Refresh, # of Bank.) Manufacture part number(Component Generation) Manufacture part number(Component configuration) Manufacture part number(Hyphen) Manufacture part number(Minimum cycle time) Manufacture part number(T.B.D) Manufacture revision code(for Component) Manufacture revision code (for PCB) Manufacturing date(Year) Manufacturing date(Week) Module serial number Manufacturer specific data (may be used in future) Open for customer use
Note : 1. The bank address is excluded 2. These value is based on the component specification 3. These bytes are programmed by code of date week & date year 4. These bytes apply to Hynix's own Module Serial Number system 5. These bytes undefined and coded as `00h' 6. Refer to Hynix web site
Byte 85~86, Low power part
Byte# 85 86 Function Description Manufacture part number(Low power part) Manufacture part number(Component Configuration) Function Supported J K L 8 H J Hexa Value K 4Ch 38h H Note
Rev. 0.2 / Apr. 2004
17


▲Up To Search▲   

 
Price & Availability of HYMD564M646AL8-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X